Part Number Hot Search : 
H5116 FR16J02 1ACSD RFI4019H 2SK207 LK115D48 1602G HG62E15
Product Description
Full Text Search
 

To Download FCPS-2404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 July 13, 2004
DF-52202 * D-110
FCPS-2404
24 Volt, 4 Amp NAC Power Expander
www.firelite.com Section: Power Supplies/Accessories
GENERAL
The Fire*Lite FCPS-2404 is a compact, cost-effective, NAC power expander. Its filtered 24 VDC output can provide up to 4.0 amps of current to drive one Style Y (Class B) NAC (Notification Appliance Circuit). The FACP's (Fire Alarm Control Panel) NAC is connected to the power expander's input circuit. When the control input circuit activates due to reverse polarity of the FACP's NAC, the power expander will activate its NAC circuit. The FCPS-2404 is compatible with 12 VDC and 24 VDC control panels.
MEA
141-01-E
S2424
California State Fire Marshal 7315-0075:197
FEATURES
* 4 amps total of continuous current available. * One 24 VDC Style Y (Class B) NAC. * One optically-isolated input/control circuit, compatible with 12 VDC and 24 VDC control panel. * External Strobe Synchronization could be added with UL listed synch module, which can be housed in the FCPS2404. * Can be wired daisy-chain style. * Self-contained in compact, lockable cabinet (15" [381 mm] H x 14.5" [368 mm] W x 3.050" [775 mm] D). * Output is filtered and completely power limited. * Integrated supervised battery charger for lead acid or gel type batteries. * Uses only 7 AH (Amp Hour) batteries -- can be accomodated in the power supply cabinet. * NAC supervised by host FACP. * Earth fault detection by host FACP. * Fixed terminal blocks for field wiring capable of accepting 12 - 22 AWG wire. * AC fail Form-C relay contacts (fail-safe). * Battery/Charger trouble Form-C relay contacts (fail safe). * Optional hardware kit #90273 to be used when installing addressable or synchronization modules.
FCPS-2404
Important: Do not use shielded wire for Control Input Circuit. NAC Output Circuit - TB3, Terminals 3 (+) & 4 (-) alarm polarity
* Voltage Rating: 24 VDC. * Current: 4 amps maximum total continuous current. * Style Y (Class B) - requires End-of-Line Resistor from circuit connected to input. * Refer to Fire*Lite Device Compatibility Document for listed compatible devices.
LED INDICATORS
* AC power on (green) LED. * Battery/Charger trouble (yellow) LED.
SPECIFICATIONS
Primary (AC) Power - TB1
* 120 VAC 50/60 Hz, 1.45 amps maximum. * Wire size: minimum #14 AWG (2 mm) with 600V insulation. Control Input Circuit - TB3, Terminals 1 (+) & 2 (-) alarm polarity
* Trigger Input Voltage: 9 to 32 VDC. * Input Current Draw in Alarm Polarity: 16 - 32 volts, 10 mA maximum. 9 -16 volts, 4 mA maximum.
Important: Do not use shielded wire for NAC Output Circuit. AC Fail Relay Contact Rating - TB6
* Fail-safe relay (normally energized, transfers with loss of power). * 1 amp @ 30 VDC.
Fire*Lite(R) Alarms is a Honeywell company. This document is not intended to be used for installation purposes. We try to keep our product information up-to-date and accurate. We cannot cover all specific applications or anticipate all requirements. All specifications are subject to change without notice. For more information, contact Fire*Lite Alarms, One Fire-Lite Place, Northford, Connecticut 06472. Phone: (800) 627-3473, Toll-Free FAX: (877) 699-4105.
DF-52202 * 07/13/04 -- Page 1 of 3
Battery/ChargerTrouble Contact Rating - TB5
* Fail-safe relay (normally energized, transfers with loss of power). * 1 amp @ 30 VDC. Secondary Power (Battery) Charging Circuit * Supports lead acid and gel type batteries only. * Float Charge Voltage: 27.6 VDC. * Maximum Charge Current: 750 mA.
* Maximum Battery Capacity: use only 7.0 AH batteries. * FCPS-2404 draws maximum standby current of 40 mA from batteries (includes End-of-Line Relay currrent if installed). Auxiliary Power Connector - P3
* Used for powering modules inside cabinet, such as control modules. * Voltage Rating: 24 VDC. * Current: 30 mA maximum.
FCPS-2404 BOARD LAYOUT
NAC Output - supervised (alarm polarity shown) Battery/Charger Trouble Relay Contacts NAC Input from FACP - supervised (alarm polarity shown) Note: No T-tapping addtional notification appliances Important: Do not use shielded wire for Control Input or NAC Output Circtuits
AC Fail Report Jumper
AC Fail Relays Contacts
P3 Internal 24 VDC Power (nonsupervised)
TB1 AC Power Connector (supervised)
P2 Battery Connector (supervised)
2404bord.wmf
F2 Fuse 8 amp for Battery
F1 Fuse 1 amp for Charger
Page 2 of 3 -- DF-52202 * 07/13/04
CONTROLLING FCPS-2404 WITH CONTROL MODULE AND INTERNAL POWER
Polarized Bell SLC Out to next addressable device
Strobe Horn
SLC In from FACP or previous addressable device
+ -
+
24 VDC
Control Module or Sync Module
+
24 VDC FCPS-2404
Control Module mounting (if Sync Module used above) or second Control Module
2404app.wmf
PRODUCT LINE INFORMATION
FCPS-2404 NAC power expander (120 VAC). Includes main printed circuit board, transformers, red enclosure, and installation instructions. CMF-300 Intelligent addressable control module. MDL Sync module for use with SpectrAlert Series, red. MDLW Sync module for use with SpectrAlert Series, white. BAT-1270 Battery, 12 volt, 7.0 AH (two required). 90273 Hardware kit to be used when installing addressable or synch modules. FCPS-24RB Replacement motherboard.
DF-52202 * 07/13/04 -- Page 3 of 3


▲Up To Search▲   

 
Price & Availability of FCPS-2404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X