Part Number Hot Search : 
UPB585G 856183 PPC553 FM101 GP1U525Q TM128 GP1U525Q 2SB1317
Product Description
Full Text Search
 

To Download F1535A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F1535A Series
5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators Applications: Clock Recovery; PLL; Optic Transmission Equipment; Digital Cross Connect Equipment FR-4 Based SMT -10C to 70C Operating Temperature "M" Models Operate From -40C to 85C 45/55% Symmetry Standard TTL/CMOS Compatible For Other Discrete Frequencies Consult Facory Tape & Reel Packaging
E L E C T R I C A L S P E C I F I C AT I O N S
Model Frequency Range (MHz) Input Current (mA) Frequency Control Function Deviation (ppm) Minimum Maximum Linearity (%) Modulation Bandwidth (3dB) Nominal Control Voltage (V) Control Voltage Range (V) Transfer Function Input Impedance Frequency Stability (ppm) Overall 0oC to +70oC -40oC to +85oC Temperature Range (oC) Operating Storage Supply Voltage (V) Symmetry (%) Rise & Fall Times (ns) Start Up Time (ms) VOH @ IOH = -12mA VOL @ IOL = 24mA Typical SSB Phase Noise (dBC/Hz) Offset from Carrier 100Hz 1KHz 10KHz 100KHz -40oC to +85oC -40oC to +125oC +5.0V 10% 45/55 6 <10 0.9Vcc 0.1Vcc -70 -100 -120 -140 Inclusive of Calibration, Temperature, Voltage, Load and 20 Years of Aging 25 50 40 70 < 10 > 20KHz 2.5 0.5 to 4.5 Positive > 50K @ 10KHz F1535AD 52.0 < 50 (For Custom Deviation Range, Vc Range, etc. - Consult Factory)
PA R T N U M B E R I N G G U I D E
F1535AD X - Specify Frequency "Blank" = -10C to 70C Operating Temp. "M" = -40C to +85C Operating Temp.
2553 N. Edgington Street, Franklin Park, IL 60131 Phone: 847.451.1000 Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
F1535A Series
5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
PIN 1 2 3 4
FUNCTION Voltage Control Gnd/ & Case Gnd Output + VCC
Specifications Subject to Change Without Notice
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST METHODS
Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test
REFERENCE PROCEDURES
MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1
DESCRIPTION
-55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He
MIL-STD-202, Mtd 210D, Cond. C 260C; 10 seconds: 1 inch/sec. MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents
125C, powered, 1000 hours minimum
Phone: 847.451.1000 Fax: 847.451.7585
2553 N. Edgington Street, Franklin Park, IL 60131
800-888-1499 or www.champtech.com
2


▲Up To Search▲   

 
Price & Availability of F1535A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X