|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Choke ELECTRONICS INC. EPZ3011G & EPZ3011G-LF * Noise Suppression Choke * 7.20 A Max. Rated Current * Add "-LF" after part number for Lead Free * 500 Vrms Isolation Electrical Parameters @ 25 C Inductance (mH 25%) @10 KHz, 0.1 Vrms .530 Pins 1-2, 3-4 DCR (m Max.) Matched with 5% 15 Pins 1-2, 3-4 1:1 Pins 1-2 : 3-4 4.0 Turns Ratio SRF (MHz Typ. ) Notes : 1. Assembly Process (Solder Composition) 2. Peak Solder Rating (per IPC/JEDEC-J-STD-020C) EPZ3011G SnPb 225C 1 (Unlimited, 30C/60%RH) TBD grams (Tube) TBD pcs / tube EPZ3011G-LF Pb-Free 260C 1 (Unlimited, 30C/60%RH) TBD grams TBD pcs / tube Schematic 3. Moisture Sensitive Levels (MSL) (per IPC/JEDEC-J-STD-020C) 1 3 2 4 4. Weight 5. Packaging Information Package 1.110 Max. (28.19) 1 PCA EPZ3011G(-LF) D.C. 2 3 1 Impedance Curve .080 (2.03) 3 .300 (7.62) 1.00 Max. (25.40) 4 .620 (15.75) 2 Suggested Pad Layout 4 7K 6K 5K 4K 3K 2K 1K 0 0.1 MHz 1 MHz Frequency 10 MHz 20 MHz 1.010 (25.65) .390 Max. (9.91) .985/1.015 (25.02/25.78) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSZ3011G & -LF Rev. 4 12/14/05 FT TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPZ3011G |