Part Number Hot Search : 
6N137 10051 FS120 MB39A114 STK4362 JT224505 M4269 ADR02BR
Product Description
Full Text Search
 

To Download EPC3133-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Power Transformer
ELECTRONICS INC.
EPC3133-X
* Used in SMPS Flyback Topology * Designed for use with Power Integration Chip * Reinforced Insulation (Triple Insulated Wire) * UL 94V-0 Recognized Components * UL 1446 Class F Insulation System * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number
Chipset
Voltage (Vdc) V in Pin 1-3 V out 1 V out 2 V out 3 V out 4
Primary OCL (H 10%) @ 10 KHz, 0.1 Vrms Sec. 1
Current (Amp.) Sec. 2 N 0.4 N N N 0.17 Sec. 3 N .05 .05 N .05 .05 Sec. 4 --.005 ---------
Schematic
EPC3133-1 EPC3133-2 EPC3133-3 EPC3133-4 EPC3133-5 EPC3133-6
TNY253 (44 KHz) TOP242P (132 KHz) TNY254 (44KHz) TNY266P (132 KHz) TNY267 TNY268 (132 KHz)
N --.173 120-375 7.5 5100 N 6.2 30 1.5 120-375 3.3 2100 15 N --.25 120-375 12 3670 15 N --1.0 120-375 5 1660 N N --2.0 120-375 3.3 2800 15 24 --0.17 120-375 24 1800 13 * Switching Frequency : 132 KHz/44 KHz * Isolation : 3750 Vrms * Dielectric Rating (Vdc)
A B A A A A
1 sec. 4500 or 60 sec. 3750 Pri. to all Sec. Wdg's
1 sec. 4500 or 60 sec. 3750 Between Sec. Wdg's to Core * Note : "N" means Not Required/No Connections *
1 sec. 1500 or 60 sec. 1000 Between Pri. Wdg & Bias
Schematic A
1 9 V in Pri. 2 (Pin 1-3) 3 Sec. 3 (Fb/Bias) 4 6 5 Sec. 1 8 7 Sec. 2 Sec. 3 (Fb/Bias) 1 V in Pri. 2 (Pin 1-3) 3
Schematic B
9 Sec. 4 8 Sec. 2 7 4 6 5 Sec. 1
Shield is optional Pin #2 is not connected in circuit
Package
.590 (15.00) .937 (23.80) .779 (19.80) .197 (5.00)
9 6
.193 (4.90)
.587 (14.90)
PCA EPC3133-X
.669 (17.00)
1 5
.157 (4.00) .025 Sq. (.640) .669 Typ. (17.00)
.098 (2.50) .590 Typ. (15.00)
.197 (5.00)
.138 (3.50)
.551 (14.00)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3133-X Rev. 3 1/26/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3133-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X