Part Number Hot Search : 
TDA9952 LNE150ND KAQY412A 7S11BMT 4008P 1433445 KAQY412A 7S11BMT
Product Description
Full Text Search
 

To Download EPC3126G-1-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Low Power Push-Pull Transformers
ELECTRONICS INC.
EPC3126G-X-LF
* Designed for use with Maxim Max 253/845 * PFA Teflon Insulation (Triple Insulated Wire) * UL1446 Class H (Class 180) Insulating System * Operating Temperature : -40C to +85C * UL94-V0 Recognized Materials * Up to 1 Watt
Electrical Parameters @ 25 C
PCA Part Number EPC3126G-1-LF Voltage (V) Primary OCL (H Typ.) Turns Ratio (Pri. to Sec.) ET (V-Sec.) Duty Cycle (%) Rectification (Half or Full Wave)
V in V out @ 100 KHz, 0.1 Vrms Pri. :Sec. @ 350 KHz Connections 5 15 793 1CT:2CT 11 75 Voltage Doubler 3.3 5 793 1CT:2CT 11 75 Output Center Tap EPC3126G-2-LF 5 5 793 1CT:1.3CT 11 75 Output Center Tap 5 10 793 1CT:1.3CT 11 75 Voltage Doubler EPC3126G-3-LF 5 10 793 1CT:2.6CT 11 77 Output Center Tap EPC3126G-4-LF 5 12 793 1CT:3CT 11 80 Output Center Tap 5 24 793 1CT:3CT 11 80 Voltage Doubler EPC3126G-5-LF 3.3 5 793 1CT:1CT 11 75 Voltage Doubler EPC3126G-6-LF 5 5 793 1CT:0.6CT 11 83 Voltage Doubler EPC3126G-7-LF 5 12 793 1CT:1.5CT 11 80 Voltage Doubler * Switching Frequency : 250 KHz - 1 MHz * Isolation : 4500 Vrms (1 minute) * Connections : Output Center Tap as Common/Return *
{ { {
Notes : 1. Assembly Process (Solder Composition) 2. Peak Solder Rating
(per IPC/JEDEC-J-STD-020C)
EPC3126G-X-LF Pb-Free 260C
Schematic
Pri. 5 3 1 Sec. 6 4 2
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC-J-STD-020C)
(72 Hours, 30C/60%RH) 1.2 grams 55 pcs / tube
4
4. Weight 5. Packaging Information (Tube)
.400 (10.16) .100 (2.54) 6 Pin 1 I.D. 4 2 .380 (9.65)
Package
.100 (2.54) 42 Pad Layout 531 6 .090 (2.29)
Application
PCA EPC3126G-X-LF D.C.
.550 (13.97)
5
3
1 .030 (.762) .010/.015 (.254/.381)
.200 (5.08)
.250 (6.35)
0-8
.010 (.254)
.100 (2.54) .019 (.483)
.035 (.889) .490 (12.45)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3126G-X-LF Rev. 2 11/21/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3126G-1-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X