Part Number Hot Search : 
1N5235 215002 BU606 IRZ24 S1616 IMB9A SMK0860P 1N4750P
Product Description
Full Text Search
 

To Download EPC1199G-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 500 mW DC/DC Converter
ELECTRONICS INC.
EPC1199G-X
* Unregulated DC/DC Converter * Very High Efficiency : 80%-88% Typ. * Operating Temperature : 0C to +70C * Input/Output Isolation : 4000 Vrms (1 minute) * Pri. & Sec. Wdg's : Double Insulated Wire * UL94V-0 Recognized Materials
Electrical Specifications
PCA Part Numbers EPC1199G-1 EPC1199G-2 EPC1199G-3 EPC1199G-4 EPC1199G-5
V In Volts ( 10%) 5.0 5.0 5.0 5.0 5.0
V Out Volts 5.0 6.5 9.0 12.0 15.0
I Out (mA Max.) 100 77 56 42 33.33
Ripple & Noise (mV p-p) Typ. Max. 16.5 16.5 14.5 13.5 12.0 25.0 25.0 25.0 25.0 25.0
Input Ripple Current (mA p-p) Typ. Max. 8.0 9.0 8.0 8.0 9.0 15.0 15.0 15.0 15.0 15.0
Efficiency (% Typ.) @ Full Load 80 84 87 88 88
Input/Output Isolation (Vrms) 4000 4000 4000 4000 4000
Notes : 1. Voltage Accuracy : 1% Typ. @ Maximum Load 2. Input Filter : Capacitor 3. Line Voltage Regulation : 1%/% (Output Voltage Change Percentage/Input Voltage Change Percentage) 4. Load Voltage Regulation (10% to 100% Full Load) : +15% Max., -5% Max. for 5.0 V, 6.5 V, 9.0 V Out +10% Max., -5% Max. for 12 V, 0.15 V Out 5. Short Circuit Duration : 1 Second 6. Output Ripple Filtering : Simple 33 KHz L/C Filter can be added to reduce Output Ripple & Noise to 2 mV p-p 7. Minimum Load Requirement : 10% 8. Absolute Maximum Rating : V In = 7.0 Volt Max. 9. Input Current @ 0 Load : 4.5 mA Typ. 10. Load Voltage Regulation @ 0% Load : +35% Max. for 5.0 V, 6.5 VOut + 25% Max. for 9.0 V Out + 20% Max. for 12 V, 15 V Out
Package
.670 (17.02) .500 (12.70) N/C
Pin Connections
N/C
12 11
-V Out
8 7
+V Out
PCA EPC1199G-X D.C. Pin 1 I.D. .100 (2.54)
.400 (10.16)
.540 (13.72)
Solder Pad Layout
.075 (1.91)
1 2
DC/DC
4 5 6
+V In -V In .030 (.762) N/C N/C
N/C
.330 (8.38)
.010/.015 (.254/.381)
0-8
.010 (.254)
.019 (.480)
.035 (.889) .510 (12.95)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC1199G-X Rev. 2 11/22/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC1199G-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X