Part Number Hot Search : 
8BC02 FJP5304D C1207EF TDA8792 2N4881 S78XXD KA2249 E13005
Product Description
Full Text Search
 

To Download ELS-431SURWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.39" Single Digit Displays
ELS-431SURWA/S530-A3
Features :

Industrial standard size. Low power consumption. Categorized for luminous intensity. Pb free
Descriptions : The ELS-431 series is a large 10.0 mm (0.39")high seven segment display designed for viewing distances up to 7 meters. These displays provide excellent reliability in bright ambient light. These devices are made with white segments and gray surface. Applications :

Audio equipment Instrument panels Digital read out display
PART NO. ELS-431SURWA/S530-A3
Chip Material AlGaInP Emitted Color Hyper Red
BG0310003
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-431-023 http : //www.everlight.com Prepared date:2004/06/18 Rev. : 2
50004357
Page: 1 of 5
Prepared by: Yanfang Gao
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.39" Single Digit Displays
ELS-431SURWA/S530-A3
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted. 2.Above specification may be changed without notice. Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-431-023
http : //www.everlight.com Prepared date:2004/06/18
Rev. : 2 Prepared by: Yanfang Gao
Page: 2 of 5
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.39" Single Digit Displays
ELS-431SURWA/S530-A3
Absolute maximum ratings at Ta = 25 Parameter Reverse Voltage Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Peak Forward Current(Duty 1/10 @ 1KHZ) Symbol VR IF Topr Tstg Tsol ESD Pd IF(Peak) Rating 5 25 -40 to +85 -40 to +100 260 5 2000 60 160 Unit V mA V mW mA
Electronic optical characteristics : Parameter Per segment Luminous Intensity Per decimal point Iv Symbol Min. ---5.6 ---2.0 Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth p d VF IR ---------------Typ. 2.0 10.0 0.5 3.5 632 624 20 2.0 ---Max. ---------------------2.4 100 nm nm nm V A mcd Unit mcd Condition IF=2mA IF=10mA IF=2mA IF=10mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V
Forward Voltage Reverse Current
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-431-023
http : //www.everlight.com Prepared date:2004/06/18
Rev. : 2
Page: 3 of 5
Prepared by: Yanfang Gao
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.39" Single Digit Displays
ELS-431SURWA/S530-A3
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-431-023
http : //www.everlight.com Prepared date:2004/06/18
Rev. : 2
Page: 4 of 5
Prepared by: Yanfang Gao
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.39" Single Digit Displays
ELS-431SURWA/S530-A3
Reliability test items and conditions: NO 1 Item Solder Heat Test Conditions TEMP : 260 5 H : +85 30min 5 min L : -55 30min H : +100 5min 10 sec L : -10 5min TEMP : 100 TEMP : -55 IF = 10 mA 85/85% RH Test Hours/Cycle 5 SEC Sample Size 76 PCS Ac/Re 0/1
2
Temperature Cycle
50 CYCLE
76 PCS
0/1
3
Thermal Shock
50 CYCLE
76 PCS
0/1
4 5 6 7
High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
1000 HRS 1000 HRS 1000 HRS 1000 HRS
76 PCS 76 PCS 76 PCS 76 PCS
0/1 0/1 0/1 0/1
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-431-023
http : //www.everlight.com Prepared date:2004/06/18
Rev. : 2
Page: 5 of 5
Prepared by: Yanfang Gao


▲Up To Search▲   

 
Price & Availability of ELS-431SURWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X