Part Number Hot Search : 
DS2704W PAB223 47106 SRM2064 B1375 TC9290P SMS66 C5032
Product Description
Full Text Search
 

To Download ECH8306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0302
ECH8306
SANYO Semiconductors
DATA SHEET
P-Channel Silicon MOSFET
ECH8306
Features
* *
General-Purpose Switching Device Applications
Low ON-resistance. 4V drive.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Mounted on a ceramic board (900mm2!0.8mm) Conditions Ratings --100 20 --2 --12 1.6 150 --55 to +150 Unit V V A A W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=--1mA, VGS=0V VDS=-100V, VGS=0V VGS=16V, VDS=0V VDS=-10V, ID=--1mA VDS=-10V, ID=--1A ID=--1A, VGS=-10V ID=--0.5A, VGS=-4V VDS=-20V, f=1MHz VDS=-20V, f=1MHz VDS=-20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=-50V, VGS=--10V, ID=-2A VDS=-50V, VGS=--10V, ID=-2A VDS=-50V, VGS=--10V, ID=-2A IS=--2A, VGS=0V Ratings min --100 --1 10 --1.2 2.9 4.9 170 195 1600 85 72 13.5 10 190 54 33 3.6 6.0 --0.8 --1.2 225 275 --2.6 typ max Unit V
A A
V S m m pF pF pF ns ns ns ns nC nC nC V
Marking : JH
Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before usingany SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
80906 / 12506PE MS IM TB-00001929 No. A0302-1/4
ECH8306
Package Dimensions unit : mm 7011A-002
Top View 0.25 2.9 0.15
Electrical Connection
8 7 6 5
8
5
0 to 0.02
1 : Source 2 : Source 3 : Source 4 : Gate 5 : Drain 6 : Drain 7 : Drain 8 : Drain
1 2 3 4
2.8
2.3
Top view
0.25
1
0.65
4
0.3
0.9
1 : Source 2 : Source 3 : Source 4 : Gate 5 : Drain 6 : Drain 7 : Drain 8 : Drain
Bottom View
0.07
SANYO : ECH8
Switching Time Test Circuit
VIN 0V --10V VIN VDD= --50V ID= --1A RL=50 VOUT
D
PW=10s D.C.1%
G
ECH8306 P.G 50
S
V --10.0V
--2.0
ID -- VDS
--4 .0 --3 V .0V
--4
ID -- VGS
VDS= --10V
--5 .
0V
-2 =S VG
.5V
Drain Current, ID -- A
Drain Current, ID -- A
--1.5
--15 .0
--3
--8 .
0V
--1.0
--2
Ta=7 5C
0 --0.5 --1.0 --1.5 --2.0
--0.5
--1
0 0 --0.1 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0
0 --2.5 --3.0 --3.5
Drain-to-Source Voltage, VDS -- V
IT10633
Gate-to-Source Voltage, VGS -- V
25C --25C
IT10634
No. A0302-2/4
ECH8306
400
RDS(on) -- VGS
Ta=25C Static Drain-to-Source On-State Resistance, RDS(on) -- m --1A
400 350 300 250 200 150 100 50 0 --60
RDS(on) -- Ta
Static Drain-to-Source On-State Resistance, RDS(on) -- m
350 300 250 200 150 100 50 0 0 --2 --4 --6 --8 --10 --12 --14 --16
ID= --0.5A
-0. =ID
5A
,
V --4 S= VG
, -10 =GS V
V
-1. =ID
0A
--40
--20
0
20
40
60
80
100
120
140
160
Gate-to-Source Voltage, VGS -- V
10
yfs -- ID
IT10635 7 5 3 2
Ambient Temperature, Ta -- C
IT10636
IS -- VSD
VGS=0V
Forward Transfer Admittance, yfs -- S
7 5 3 2
VDS= --10V
C
7 5 3 2
2
C 5
--0.01 7 5 3 2 --0.4 --0.6 --0.8 --1.0 --1.2 IT10638
0.1 --0.01
2
3
5
7 --0.1
2
3
5
7 --1.0
2
3
5
7
--0.001 --0.2
Drain Current, ID -- A
1000 7 5
IT10637 3 2
SW Time -- ID
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Diode Forward Voltage, VSD -- V
VDD= --50V VGS= --10V Ciss, Coss, Crss -- pF
Switching Time, SW Time -- ns
3 2 100 7 5 3 2 10 7 5 --0.01
td(off)
1000 7 5 3 2
tf
Ta= 75
1.0
--0.1 7 5 3 2
25C
td(on)
100 7 5 3
Coss
Crss
tr
2 3 5 7 --0.1 2 3 5 7 --1.0 2 3 57 IT10639
0
--5
--10
--15
--25
--20
= Ta
--2
5
C
C 75
Source Current, IS -- A
--1.0 7 5 3 2
C
--25
--30 IT10640
Drain Current, ID -- A
--10 --9
Drain-to-Source Voltage, VDS -- V
3 2 --10 7 5
VGS -- Qg
VDS= --50V ID= --2A Drain Current, ID -- A
ASO
IDP= --12A
10s 10 0 s
Gate-to-Source Voltage, VGS -- V
--8 --7 --6 --5 --4 --3 --2 --1 0 0 5 10 15 20 25 30 35 IT10641
3 2 --1.0 7 5 3 2 --0.1 7 5 3 2
ID= --2A
10
10
1m s m s
0m
Operation in this area is limited by RDS(on).
--0.01 --0.01 2 3
Ta=25C Single pulse Mounted on a ceramic board (900mm2!0.8mm)
5 7--0.1 2 3 5 7--1.0 2 3 5 7--10 23
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
DC op er
s
ati on 25 a= (T
No. A0302-3/4
C )
57 --100 2 IT10642
ECH8306
1.8
PD -- Ta
M
Allowable Power Dissipation, PD -- W
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160
ou
nt
ed
on
ac
er
am
ic
bo
ar
d
(9
00
m
m2 ! 0.
8m
m
)
Ambient Temperature, Ta -- C
IT10643
Note on usage : Since the ECH8306 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of January, 2006. Specifications and information herein are subject to change without notice.
PS No. A0302-4/4


▲Up To Search▲   

 
Price & Availability of ECH8306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X