Part Number Hot Search : 
CHDTA ISL8200 SMM0102 ISL35111 100A1 72R160X G709A3U TK65922
Product Description
Full Text Search
 

To Download E5608-00A0R4-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Connector Products
CONNECTOR PRODUCTS
Pulse Connectors
Pulse is a leader in the design and manufacturing of RJ45, RJ11 and keystone jack CAT5e/6 connectors. Pulse offers an extensive range of connectors that support a wide variety of applications, such as networking (SFP cage and connector), PC peripheral devices (SATA, USB, IEEE 1394 connectors), telecommunications (IDC connector, patch panel), and consumer electronics (HDMI connector). Pulse offers design support for OEM and ODM customers which reduces development time and ensures seamless integration of design, development, production, and time-to-market. With manufacturing sites throughout Asia and a global network of sales offices, Pulse understands the importance of performance and time-to-market and provides excellent worldwide logistics and technical support for local and international customers. For more information and detailed product data sheets, please go to our website at http://www.pulseeng.com/connectors or contact your local Pulse sales representative. Pulse Connector Attribute Search Instructions A powerful "attribute" search tool is available on the Pulse website to help you find the connector you need. Just click on the connector link on the landing page, choose the attributes you are looking for. A comparison list will be displayed. The following is a three-step example on how to use this new search engine: Step 1 Go to http://www.pulseeng.com/connectors on the Pulse website. This lands the user on the Connectors landing page. Browse the products and the links. For this example, click on the text link below that says "USB Connectors (All PRODUCTS)" as shown here.
USB Connectors
USB Connector Options (ALL PRODUCTS)
Step 2 After clicking the text link, you land on this page (http://www.pulseeng.com/products/AttributeSearch.aspx?CID=6211). Shown below is a replication of the attribute search for the USB Connectors, with various "attributes" selected. See white type on black background. For the purpose of this example, continue with the USB TYPE A query by clicking a "SEARCH" button.
Yes, the user can pick another category to search other USB connector options.
40
www.pulseeng.com
G003.U (2/07)
Connector Products
CONNECTOR PRODUCTS
Step 3 Completing Step 2 will display a series of related connectors for part comparison, showing common and specific features. If there are more than 3 or 4 results, a horizontal scroll bar appears at the bottom of the screen so that all of the search results are displayed. Click on "Download Data Sheet" to review the product details or eliminate unwanted parts by clicking the "X" to make them disappear, leaving the part number(s) that best fit(s) your connector requirements. Both maneuvers can be done in reverse order as needed.
SFP Cage and Connector for Servers and Routers Part Number Number of Ports Connector Type Package Solder Temperature Contact Mating Area Plating E81M0-VCYF83-L 1X1 SFP Connector SMT 255C to 265C 5-10 Seconds Gold 15 " E81M0-TCYB91-L 2X1 SFP Cage & Connector Press Fit Gold 3 " E81M0-WCYFEB-L 1X4 SFP Cage Press Fit SFPCAGE002-L 1X1 SFP Cage Press Fit SFPCAGE005-L 1X1 SFP Cage THT 255C to 265C 5-10 Seconds
SMT - Surface Mount Package
THT - Through Hole Package
G003.U (2/07)
www.pulseeng.com
41
Connector Products
CONNECTOR PRODUCTS
XFP Cage & Connector Common Features Number of Ports PCB Mount Angle Features Part Number Connector Type Contact Mating Area Plating Package Package Height (mm) 1X1 Side Entry E81N0-YCUDF4-L XFP Connector GOLD 30 " SMT 5.17 1X1 Side Entry XFP001-L XFP Cage Press Fit 12.9 1X1 Side Entry XFP002-L XFP Cage Press Fit 15.2 1X1 Side Entry XFP003-L XFP Cage Press Fit 22.2
HDMI (High Definition Media Interface) Connectors Common Features Number of Ports PCB Mount Angle Solder Temperature Features Part Number Package Panel Stop Contact Mating Area Plating 1X1 Side Entry 255C to 265C 5-10 Seconds E810K-SB0G14-L THT NO Gold 30 " 1X1 Side Entry 255C to 265C 5-10 Seconds E810K-SAY204-L THT YES Gold 30 " 1X1 Side Entry 255C to 265C 5-10 Seconds E810K-SBY104-L SMT NO Gold 30 " 1X1 Side Entry 255C to 265C 5-10 Seconds E810K-SAY104-L SMT YES Gold 30 "
SATA Connectors for Data Storage Interfaces Common Features Number of Ports Solder Temperature Features Part Number Contact Mating Area Plating Package PCB Mount Angle 1X1 255C to 265C 5-10 Seconds E8177-71U914-L GOLD 30 " SMT Side Entry 1X1 255C to 265C 5-10 Seconds E8177-71W914-L GOLD 30 " SMT Top Entry 1X1 255C to 265C 5-10 Seconds E8177-71W924-L GOLD 30 " THT Top Entry 1X1 255C to 265C 5-10 Seconds E8177-71W925-L GOLD 50 " THT Top Entry
RJ Connectors, Single Port, Top Entry, No Shield Part Number Number of Positions Number of Contacts Package Panel Stop Contact Mating Area Plating Solder Temperature E5264-Y0L034-L 6 4 THT YES Gold 30 " 230C to 240C 5-10 Seconds E5288-300042-L 8 8 THT NO Gold 6 " 230C to 240C 5-10 Seconds E5244-7007S2-L 4 4 SMT YES Gold 6 " 255C to 265C 5-10 Seconds E5266-7007S2-L 6 6 SMT YES Gold 6 " 255C to 265C 5-10 Seconds E5288-P00B74-L 8 8 SMT NO Gold 30 " 255C to 265 5-10 Seconds E5288-7U0BS4-L 8 8 SMT YES Gold 30 " 255C to 265C 5-10 Seconds
42
www.pulseeng.com
G003.U (2/07)
Connector Products
CONNECTOR PRODUCTS
RJ Connectors, Single Port, Top Entry, Shielded Part Number Number of Positions Number of Contacts Package Shield EMI Tabs LED Option Contact Mating Area Plating Solder Temperature E5288-320045-L 8 8 THT YES No LEDs Gold 50 " 230C to 240C 5-10 Seconds E5288-320B42-L 8 8 THT YES No LEDs Gold 6 " 255C to 265C 5-10 Seconds E5288-RA0C04-L 8 8 THT NO Yellow & Green Gold 30 " 230C to 240C 5-10 Seconds
RJ Connectors, Multiport, Top Entry Part Number Number of Positions Number of Contacts Number of Ports Package Shield Option Contact Mating Area Plating Solder Temperature E5288-30C142-L 8 8 1X4 THT No Shield Gold 6 " 230C to 240C 5-10 Seconds E5288-32C142-L 8 8 1X4 THT Nickel Shield Gold 6 " 230C to 240C 5-10 Seconds E5288-30E145-L 8 8 1X6 THT No Shield Gold 50 " 230C to 240C 5-10 Seconds E5288-32G142-L 8 8 1X8 THT Nickel Shield Gold 6 " 230C to 240C 5-10 Seconds E5288-YCCB02-L 8 8 2X4 THT Nickel Shield Gold 6 " 230C to 240C 5-10 Seconds
RJ Connectors, Single Port, Side Entry, Surface Mount (SMT) Part Number Number of Positions Number of Contacts Tab Shield Option Contact Mating Area Plating Solder Temperature E5344-HH05Y2-L 4 4 Down No Shield Gold 6 " 255C to 265C 5-10 Seconds E5366-FH05Y2-L 6 6 Down No Shield Gold 6 " 255C to 265C 5-10 Second E5388-EH05Y2-L 8 8 Down No Shield Gold 6 " 255C to 265C 5-10 Seconds E5388-UH05V5-L 8 8 Down Nickel Shield Gold 50 " 255C to 265C 5-10 Seconds
SMT - Surface Mount Package
THT - Through Hole Package
G003.U (2/07)
www.pulseeng.com
43
Connector Products
CONNECTOR PRODUCTS
RJ Connectors, Single Port Side Entry, Through Hole (THT) Part Number Number of Positions Number of Contacts Tab Shield Option Contact Mating Area Plating Solder Temperature E5344-000012-L 4 4 Down No Shield Gold 6 " 230C to 240C 5-10 Seconds E5564-60L122-L 6 4 Up No Shield Gold 6 " 230C to 240C 5-10 Seconds E5388-E00212-L 8 8 Down No Shield Gold 6 " 230C to 240C 5-10 Seconds E5908-000042-L 10 8 Down No Shield Gold 6 " 230 to 240C 5-10 Seconds E5908-150742-L 10 8 Down Nickel Shield Gold 6 " 230C to 240C 5-10 Seconds
RJ Connectors, Multi-Port, 1XN, Side Entry, Through Hole (THT) Part Number Number of Positions Number of Contacts Number of Ports Tab Shield Option Contact Mating Area Plating Solder Temperature E5608-00A0R4-L 10 8 1X2 Down No Shield Gold 30 " 230C to 240C 5-10 Seconds E5608-00C082-L 10 8 1X4 Down No Shield Gold 6 " 230C to 240C 5-10 Seconds E5908-15C344-L 10 8 1X4 Down Nickel Shield Gold 30 " 230 to 240C 5-10 Seconds E5908-15G642-L 10 8 1X8 Down Nickel Shield Gold 6 " 230C to 240C 5-10 Seconds
RJ Connectors, Multi-Port, 2XN, Side Entry, Through Hole (THT) Part Number Number of Positions Number of Contacts Number of Ports Shield Option Contact Mating Area Plating Solder Temperature E5908-5V0145-L 10 8 2X1 Nickel Shield Gold 50 " 230C to 240C 5-10 Seconds E5908-5VA144-L 10 8 2X2 No Shield Gold 30 " 230C to 240C 5-10 Seconds E5966-57C122-L 6 6 2X4 Nickel Shield Gold 6 " 230C to 240C 5-10 Seconds E5908-5VC153-L 10 8 2X4 Nickel Shield Gold 15 " 255C to 265C 5-10 Seconds E5908-0TG0U4-L 10 8 2X8 No Shield Gold 30 " 230C to 240C 5-10 Seconds
SMT - Surface Mount Package
THT - Through Hole Package
44
www.pulseeng.com
G003.U (2/07)
Connector Products
CONNECTOR PRODUCTS
RJ Connectors, Side Entry with LEDs, Through Hole (THT) Part Number Number of Positions Number of Contacts Number of Ports LED Option Tab Shield Option Contact Mating Area Plating Solder Temperature E5J88-10L054-L E5J88-34L022-L 8 8 8 8 1X1 1X1 Yellow & Green Up No Shield Gold 30 " 230C to 240C 5-10 Seconds Green & Yellow Up Nickel Shield Gold 6 " 230C to 240C 5-10 Seconds E5J88-44AJ22-L 8 8 1X2 Green/Yellow & Green/Yellow Up Nickel Shield Gold 6 " 255C to 265C 5-10 Seconds E5J88-14C022-L 8 8 1X4 Yellow & Green Up Nickel Shield Gold 6 " 230 to 240C 5-10 Seconds E5J88-A4A0B4-L 8 8 2X2 Green & Green Nickel Shield Gold 30 " 230C to 240C 5-10 Seconds E5J88-C4C2B5-L 8 8 2X4 Green & Yellow Nickel Shield Gold 50 " 230C to 240C 5-10 Seconds
RJ Connectors, CAT. 5, Through Hole (THT) Part Number E6588-220722-L Number of Positions 8 Number of Contacts 8 Number of Ports 1X1 LED Option No LEDs Shield Option Nickel Shield Contact Mating Gold 6 " Area Plating Solder Temperature 230C to 240C 5-10 Seconds E6588-12A125-L 8 8 1X2 No LEDs Nickel Shield Gold 50 " 230C to 240C 5-10 Seconds E6588-22C324-L 8 8 1X4 No LEDs Nickel Shield Gold 30 " 255C to 265C 5-10 Seconds E6588-A5M125-L 8 8 2X1 No LEDs Nickel Shield Gold 50 " 230C to 240C 5-10 Seconds E6588-A5N125-L 8 8 2X2 No LEDs Nickel Shield Gold 50 " 230C to 240C 5-10 Seconds E6588-AARSA4-L 8 8 2X4 Green & Yellow Nickel Shield Gold 30 " 230C to 240C 5-10 Seconds
USB Connectors Part Number Connector Type Number of Ports PCB Mount Angle Shield Plating Material Connector Material Color Contact Mating Area Plating Solder Temperature E8144-A01321-L USB Type A 1X1 Side Entry Nickel White Gold 3 " 230C to 240C 5-10 Seconds E8144-K1B024-L USB Type A 2X1 Side Entry Tin Black Gold 30 " 230C to 240C 5-10 Seconds E8144-B01021-L USB Type B 1X1 Side Entry Nickel Black Gold 3 " 230C to 240C 5-10 Seconds E828B-2201P2-L RJ45 over Dual USB Type A 3X1 Side Entry Nickel Black Gold 6 " 230C to 240C 5-10 Seconds
SMT - Surface Mount Package
THT - Through Hole Package
G003.U (2/07)
www.pulseeng.com
45


▲Up To Search▲   

 
Price & Availability of E5608-00A0R4-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X