Part Number Hot Search : 
3386C104 HDU820 1N4003 MAX731 5TRPB TDA9381 0L0FL2 MTC50150
Product Description
Full Text Search
 

To Download D10040250GTH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
D10040250GTH
GaAs Power Doubler, 40 - 1000MHz, 24.5dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
FEATURES
* * * * * * * Excellent linearity Superior return loss performance Extremely low distortion Optimal reliability Low noise Unconditionally stable under all terminations High output capability
D10040250GTH
APPLICATION
* 40 to 1000 MHz CATV amplifier systems GaAs Power Doubler Hybrid High Output Capability 40 - 1000MHz 24.5dB min. Gain @ 1GHz 440mA max. @ 24VDC
DESCRIPTION
* Hybrid Power Doubler amplifier module with high output capability employing GaAs dice
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL
Vi Vov Tstg Tmb
PARAMETER
RF input voltage (single tone) DC supply over-voltage (5 minutes) storage temperature operating mounting base temperature
MIN.
- 40 - 30
MAX.
75 30 + 100 + 100
UNIT
dBmV V C C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30C; ZS = ZL = 75
SYMBOL
Gp SL FL S11
PARAMETER
power gain slope 1) flatness of frequency response input return loss
CONDITIONS
f = 50 MHz f = 1000 MHz f = 40 to 1000 MHz f = 40 to 1000 MHz
(Peak to Valley)
MIN.
23.5 24.5 0.5 20.0 19.0 17.0 16.0 20.0 19.0 18.0 17.0 -
TYP.
24.0 1.0
MAX.
24.5 26.0 2.0 0.8 5.5 440.0
UNIT
dB dB dB dB dB dB dB dB dB dB dB dB dB mA
S22
output return loss
F Itot
noise figure total current consumption (DC)
f = 40 to 320 MHz f = 320 to 640 MHz f = 640 to 870 MHz f = 870 to 1000 MHz f = 40 to 320 MHz f = 320 to 640 MHz f = 640 to 870 MHz f = 870 to 1000 MHz f = 50 to 1000 MHz
420.0
Notes: 1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
Page 1 of 4
2005 Jan 11
Document Revision Level A
Product Specification
D10040250GTH
GaAs Power Doubler, 40 - 1000MHz, 24.5dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
CHARACTERISTICS
Table 2: Distortion data 40 - 550 MHz; VB = 24V; Tmb = 30C; ZS = ZL = 75
SYMBOL
CTB XMOD CSO
CONDITIONS
79 ch. 7 dB tilted; Vo = 52 dBmV @ 550 MHz;
1)
MIN.
-
TYP.
- 65 - 62 -67
MAX.
- 63 - 60 -65
UNIT
dBc dBc dBc
79 ch. 7 dB tilted; Vo = 52 dBmV @ 550 MHz; 1) 79 ch. 7 dB tilted; Vo = 52 dBmV @ 550 MHz; 1)
Notes: 1) 79 channels, NTSC frequency raster: 55.25 MHz to 547.25 MHz, +45 dBmV to +52 dBmV tilted output level. Composite Second Order (CSO) The CSO parameter (both sum and difference products) is defined by the NCTA. Composite Triple Beat (CTB) The CTB parameter is defined by the NCTA. Cross Modulation (XMOD) Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested.
Page 2 of 4
2005 Jan 11
Document Revision Level A
Product Specification
D10040250GTH
GaAs Power Doubler, 40 - 1000MHz, 24.5dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
I U
123 5 7 89
E J S T P K
C M R
O Q
oG
N D H L F
A B
B
All Dimensions in mm:
nominal 44,6 0,2 13,6 0,2 20,4 0,5 8 0,15 12,6 0,15 38,1 0,2 4 +0,2 / -0,05 4 0,2 25,4 0,2 UNC 6-32 4,2 0,2 27,2 0,2 11,6 0,5 5,8 0,4 0,25 0,02 0,45 0,03 2,54 0,3 2,54 0,5 2,54 0,25 5,08 0,25 5,08 0,25 min 44,4 13,4 19,9 7,85 12,45 37,9 3,95 3,8 25,2 4,0 27,0 11,1 5,4 0,23 0,42 2,24 2,04 2,29 4,83 4,83 max 44,8 13,8 20,9 8,15 12,75 38,3 4,2 4,2 25,6 4,4 27,4 12,1 6,2 0,27 0,48 2,84 3,04 2,79 5,33 5,33
A
C D E F G H I OUTPUT J K L M N O INPUT
Pinning:
0 5 10mm scale
GND GND GND GND +VB
1
2
34567
8
9
Notes:
European Projection
P Q R S T U
Page 3 of 4
2005 Jan 11
Document Revision Level A
Product Specification
D10040250GTH
GaAs Power Doubler, 40 - 1000MHz, 24.5dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
DEFINITIONS Data Sheet Status Objective Product Specification Preliminary Product Specification Product Specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Premier Devices reserves the right to make changes without further notice to any products herein. Premier Devices makes no warranty representation or guarantee regarding the suitability of its products for any particular purpose, nor does Premier Devices assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Premier Devices datasheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customers technical experts. Premier Devices does not convey any license under its patent rights nor the rights of others. Premier Devices products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Premier Devices product could create a situation where personal injury or death may occur. Should Buyer purchase or use Premier Devices products for any such unintended or unauthorized application, Buyer shall indemnify and hold Premier Devices and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, and claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Premier Devices was negligent regarding the design or manufacture of the part.
(c) Premier Devices Germany GmbH 2004
How to contact us:
Premier Devices Germany GmbH
Loeffelholzstrasse 20, D-90441 Nuernberg, Germany Phone: +49 (0) 911 9411 233, FAX: +49 (0) 911 9411 198, Email: sales.germany@premierdevices.com, Internet: http://www.premierdevices.de/
Page 4 of 4
2005 Jan 11
Document Revision Level A


▲Up To Search▲   

 
Price & Availability of D10040250GTH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X