Part Number Hot Search : 
C5100 527260NS SR104 250904B BUL146 MC145 4815D SR320
Product Description
Full Text Search
 

To Download CS9LTRH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CLOCK
Page 1 of 3
CS9L/CSPL SERIES: ULTRA HF CLOCK OSCILLATOR, PECL, +3.3 VDC or +2.5VDC
DESCRIPTION: A crystal controlled, high frequency, highly stable oscillator, adhering to Positive Emitter Coupled Logic (PECL) Standards and fundamental crystal or analog multiplication technologies. The output can be Tri-stated to facilitate testing or combined multiple clocks. The device is contained in a sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact pads. This miniature oscillator is ideal for today's automated assembly environments. APPLICATIONS AND FEATURES: " " " " " " " $ Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches; Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz +3.3 VDC or +2.5VDC PECL Frequency Range from 150.000 to 700 MHz Analog multiplication Miniature Ceramic SMD Package Available on Tape and Reel Lead Free and ROHS Compliant
ABSOLUTE MAXIMUM RATINGS:
PARAMETER SYMBOL Ta T(stg) Vcc Vi Vo SYMBO L fo Vcc Is Connected between each output and Vcc - 2.0 VDC min max Measured at 50% of Vcc Measured at 20/80% and 80/20% Vcc Levels Integrated Phase tji RMS, Fj = 12 kHz...20 MHz5 Integrated Phase RMS tii offset frequency 50KHz to 80MHz5 Fo<320MHz. Deterministic period Jitter Dj using wavecrest analyzer 4 Fo>320MHz. Fo<320MHz. Random period Jitter Rj using wavecrest analyzer 4 Fo>320MHz. Fo<320MHz. Acumm. Peak to Peak Jitter Tp-p using wavecrest analyzer*4 Fo>320MHz. f=10 Hz f=100 Hz f=1 KHz 6 typ. @212.5MHz f=10 KHz f=100 KHz f>1M Hz Fo<320MHz. Load, nom, Supply nom Fo>320MHz. Op. Temp., Aging, Load, Supply and Cal. Variations High Voltage or No Connect Ground
th
VALUE -40...+85 -55...+90 +4.6 Vss-0.5...Vcc+0.5 Vss-0.5...Vcc+0.5
UNIT C C VDC VDC VDC
Operating temperature range Storage temperature range Supply voltage Maximum Input Voltage Maximum Output Voltage
$
ELECTRICAL PARAMETERS:
PARAMETER TEST CONDITIONS*1 VALUE 150.000 ~ 700.00** +3.3 or +2.5 5% 80.0 MAX PECL Voh Vol DC tr / tf 50 Vcc-1.025 Vcc-1.620 40/60 to 60/40 or 45/55 to 55/45 0.7 TYP 1.0 MAX*2 0.3 TYP** 0.5 TYP** 1 TYP ** 8 TYP ** 2.5 TYP ** 2.5 TYP** 25 TYP** 27 TYP** -65 -95 -125 -140 -145 -148 -50 -35 20, 25, 50, or 100 MAX 0.7*Vcc MIN 0.3*Vcc MAX
*3
UNIT MHz VDC mA VDC VDC % ns ps ps ps ps ps dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc ppm VDC VDC
Nominal Frequency Supply Voltage Supply Current Output Logic Type Load Output Voltage Levels Duty Cycle Rise / Fall Time
Jitter
J
Phase Noise
(f)
Sub Harmonics Overall Frequency Stability Pin 1 Output Enabled Output Disabled
f_sub f/fc En Dis
RALTRON ELECTRONICS CORP. ! 10651 N.W . 19
St ! Miami, Florida 33172 ! U.S.A.
phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
CLOCK
Page 2 of 3
*1 Test Conditions Unless Stated Otherwise: Nominal Vcc, Nominal Load, +25 3C *2 Frequency Dependent *3 Not All Stabilities Available With All Temperature Ranges--Please Consult Factory For Availability *4 Measured with Wavecrest SIA-3000A 1,000,000 Hits no filtering *5 Calculated from Agilent 5500 phase noise measurements *6 Measured with Agilent 5500
$
PART NUMBERING SYSTEM:
SERIES SYMMETRY A: 40/60 to 60/40% T: 45/55 to 55/45% TEMPERATURE RANGE (C) R: S: U: V: 0...+50 0...+70 -20...+70 -40...+85** FREQUENCY STABILITY (Overall) K: 20 ppm** I: 25 ppm** H: 50 ppm J: 100 ppm FREQUENCY (MHz) 150.000...700.000
CS9L: UHF +3.3Vdc Clock with PECL Comp. Output CSPL: UHF +2.5Vdc Clock with PECL Comp. Output
EXAMPLE: CS9LASH-155.520 Clock Oscillator, 7x5mm Package, +3.3 VDC Supply Voltage, PECL Output, Standard Symmetry, 0...+70C Operating Temperature Range, 50 ppm Total Frequency Stability, 155.520 MHz **Above 300MHz extended temp range and 25ppm stability may not be available, jitter may vary upon spec requirements. Please consult the factory for any custom requirements. $
MECHANICAL PARAMETERS:
INDICATES PIN 1.
.197 .008 5.0 0.2
OUTLINE TOLERANCE: 0.006" / 0.15mm (Unless otherwise specified) PIN FUNCTIONS: [1] ENABLE/ DISABLE [2] NO CONNECT [3] CASE GROUND [4] OUTPUT [5] COMP. OUTPUT [6] SUPPLY VOLTAGE MARKING: CS9LASH 155.52 RAL D/C *0.01F external by-pass
.276 .008 7.0 0.2
.079 MAX. 2.00 MAX.
.200 5.08 .100 2.54 1
.050 1.27
.079 TYP. 2.00 TYP. 3
.150 3.81
2
.087 2.20
6
5 .055 TYP. 1.40
4 .071 1.80 .100 2.54
filter is recommended as seen on solder pattern.
SOLDER PATTERN
RALTRON ELECTRONICS CORP. ! 10651 N.W . 19
th
St ! Miami, Florida 33172 ! U.S.A.
phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
CLOCK
Page 3 of 3
!
REFLOW PROFILE:
**ROHS COMPLIANT**
RALTRON ELECTRONICS CORP. ! 10651 N.W . 19
th
St ! Miami, Florida 33172 ! U.S.A.
phone: (305) 593-6033 ! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com


▲Up To Search▲   

 
Price & Availability of CS9LTRH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X