Part Number Hot Search : 
BAW56LT1 LDBK3833 1N5276 C3329 UF1600 BL12832B FR301 ERIES
Product Description
Full Text Search
 

To Download CO2ASH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CLOCK
FEATURES IMMEDIATE SUPPLY AVAILABE IN +3.3 VOLT OR +5 VOLT MINIATURE PACKAGE SPECIFICATIONS
SERIES FREQUENCY RANGE SUPPLY VOLTAGE SUPPLY CURRENT HCMOS OUTPUT DUTY CYCLE CP2 1 MHz TO 200MHz +3.3 Vcc5% 30.0 mA MAX(AT +25C) Vhigh: 2.97V Vlow: 0.33V 40% to 60% 45% to 55% (Tight) 1.00 MHz TO 10.00 MHz: 5.0 ns 10.10 MHz TO 30.00 MHz: 4.0 ns 30.10 MHz TO 50.00 MHz: 3.0 ns 50.01 MHz TO 80.00 MHz: 2.5 ns 80.01 MHz TO 125.00 MHz: 2.0 ns 125.10 MHz TO 200.00 MHz: 1.5 ns 15 pF 125.0 ps (FREQ< 33.000) 200.0 ps (FREQ< 33.000) 100.0 ps (FREQ>33.000) 100.0 ps (FREQ>33.000) 50 PPM, 100 PPM PIN:HIGH OR OPEN(+204 VDC MIN.) PIN 3 OUPUT ENABLED PIN 1:GROUND (+0.4 VDC MAX) PIN 3: OUPUT-DISABLED (HIGH Z) 0C to +70C -40C to +85C -55C to 125C 0.5 V to +7.0 V +5 Vcc 5% 50.0 mA MAX(AT +25C) Vhigh: 4.5V Vlow: 0.5V CP4
CP2 AND CP4 SERIES PROGRAMMABLE CLOCKS
RISE AND FALL TIME (20% to 80% )
LOAD JITTER, PEAK-PEAK, MAX OVERALL FREQUENCY STABILITY ENABLE/DISABLE FUNCTION OPERATING TEMPERATURE RANGE STORAGE TEMPERATURE RANGE ABSOLUTE VOLTAGE RANGE
CONSULT FACTORY
OUTLINE DRAWING
P IN 1 LO C AT IO N .197 0.008 5.0 0.2
mm Scale none Dimension in inch
REFLOW SOLDERING PROFILE
240 C REFLOW
CO43/46 SERIES PIN 1 2 3 4 FUNCTION INH GROUND OUTPUT VDD
TEMPERATURE
M A R K IN G AREA 7.5 M A X 0.295 M A X
PREHEATING 150 C COOLING
1.8 M A X .070 M A X
INH: HI OR OPEN-Fout LOW-OSCILLATION STOPS
25 C 100 s TYPICAL 10 s
TIME (SECONDS)
.043 .005
1.1 0.12
S O LD E R N PAT TE R N
5.08 0.12 .200 .005 1 2
1.8 .071 .082 2.1
3.28 .129
1.8 .071
CARRIER TAPE DIMENSIONS
1.5 0.1 059 .004
.082
2.1
4
3 1.1 0.12 .043 .005 1.4 0.12 .055 .005
4.2 .165
2.0 0.1 .079 .004
4.0 0.1 .157 .004
.295 .004 16.0 0.3
7.5 0.1
1.75 0.1 .069 .004 6.75 .266
2.16 0.1 .085 .004
5.08 .200
1.05 T Y P .041 T Y P
8.00.1 .315.004
1.5 0.1 DIA .059 .004 DIA
PART NUMBERING SYSTEM
SERIES SYMMETRY TEMPERATURE RANGE S: 0C to +70C V: -40C to +85C OVERALL FREQUENCY STABILITY J:100 PPM H:50 PPM I:25 PPM FREQUENCY IN MHz 4 SUFFIX
CP2 (5V) A: 40% to 60% CP4 (3.3V) T: 45% to 55%
EXAMPLE: CP2TVH-FREQ.-4
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
.630 .012


▲Up To Search▲   

 
Price & Availability of CO2ASH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X