|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CLE230,CLE231,CLE232,CLE233 High Power Aluminum Gallium Arsenide IREDs 0.210 (5.33) 0.190 (4.83) 1.00 (25.4) min. (R) Clairex February, 2001 Technologies, Inc. 0.100 (2.54) dia. 0.215 (5.46) 0.205 (5.21) ANODE 0.158 (4.01) 0.136 (3.45) 0.190 (4.83) 0.176 (4.47) CATHODE 0.025 (0.64) max. 0.050 (1.27) 0.030 (0.76) 0.019 (0.48) 0.016 (0.41) 0.147 (3.73) 0.137 (3.48) ALL DIMENSIONS ARE IN INCHES (MILLIMETERS) Case 2 features * * * * narrow emission angle TO-46 hermetically sealed package excellent heat dissipation high power output absolute maximum ratings (TA = 25C unless otherwise stated) description The CLE230 series are AlGaAs infrared emitting diodes mounted in TO-46 hermetic packages. The narrow emission angle provides high on-axis intensity. The series are spectrally and mechanically matched to the CLT130 phototransistor series. For additional information, call Clairex. storage temperature ...................................................................... -55C to +150C operating temperature ................................................................... -55C to +125C lead soldering temperature(1) ......................................................................... 240C maximum continuous current(2) ..................................................................... 100mA peak forward current (10s pulse width, 100pps) .............................................. 10A maximum power dissipation(3)...................................................................... 170mW reverse voltage .................................................................................................... 3V 1. 2. 3. 0.06" (1.5mm) from the header for 5 seconds maximum. Maximum temperature can be 260C if wave soldering. Derate linearly 1.0mA/C from 25C free air temperature to TA = +125C. Derate linearly 1.7mW/C from 25C free air temperature to TA = +125C. notes: electrical characteristics (TA = 25C unless otherwise noted) symbol Ee parameter Irradiance (1) min CLE230 CLE231 CLE232 CLE233 1.0 1.5 2.6 3.5 - typ 880 80 40 700 700 max 1.8 10 - units mW/cm 2 test conditions IF = 100ma VF IR P BW HP tr tf Forward voltage Reverse current Peak emission wavelength Spectral bandwidth at half power points Emission angle at half power points Output rise time Output fall time V A nm nm deg. ns ns IF = 100ma VR = 3.0V IF = 100ma IF = 20ma IF = 20ma IF = 100ma IF = 100ma note: 1. Measured into a 0.25" aperture, 1.20" from device lens. Clairex reserves the right to make changes at any time to improve design and to provide the best possible product. Clairex Technologies, Inc. Phone: 972-422-4676 1845 Summit Ave., #404 Fax: 972-423-8628 Plano, Texas 75074-8148 www.clairex.com |
Price & Availability of CLE230 |