Part Number Hot Search : 
PA1800 LA597 CDLL4112 PC111 1A272 BTB11 84225 J100567
Product Description
Full Text Search
 

To Download CDNBS08-PLC03-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
Features

Applications

NT
Lead free as standard - RoHS compliant* Telcordia GR1089 (Intra-Building) Protects 2 lines ESD protection > 40 KV Low Capacitance 6 pF
PL
T1/E1 & T3/E3 line cards ISDN U-Interface and S/T Interface xDSL Ethernet - 10/100 Base T
*R
oH
S
CO
M
CDNBS08-PLC03-6 Steering Diode/TVS Array Combo
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Steering Diode/Transient Voltage Suppressor Array combination diodes for surge and ESD protection applications in an 8 lead narrow body SOIC package size format. The Bourns(R) device will meet IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and IEC 61000-4-5 (Surge) requirements.
1 2 3 4 8 7 6 5
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Capacitance @ 0 V 1 MHz Capacitance @ 0 V 1 MHz Working Peak Voltage Min. Breakdown Voltage I @ 1 mA Max. Clamping Voltage @ 8/20 s VC @ IPP Max. Leakage Current @ VWM ESD Protection: IEC 61000-4-2 Contact Discharge Air Discharge Peak Pulse Power (tp = 8/20 s)5 EFT Protection: IEC61000-4-4 @ 5/50 ns Surge Protection: IEC61000-4-5 @ 8/20 s L4 (Line-Gnd) L4 (Line-Line) Surge Protection: Telcordia GR1089 (Intra-Building) @ 2/10 s PPP 40 95 48 100
3, 4 1
Symbol C j(SD) C j(SD) VWM VBR VF ID
Min.
Nom. 16 6
Max. 20 8 6
Unit pF pF V V
2
6.8 20.0 V @ 100.0 A 25 8 15 2000
V A kV kV W A A A A
Notes: 1. Measured between I/O pins and ground (pin 1 or 2). 2. Measured between I/O pins (pins 1 to 4). 3. See Pulse Wave Form. For an 8/20 s waveform, apply positive pulse to pin 1 to 8 to pin 2 or 3 (ground). 4. Measured between pin 1 or 8 to pin 2 or 3; pin 1 or 8 to pin 4 or 5. 5. See Peak Pulse Power vs. Pulse Time.
Thermal Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Junction Temperature Range Storage Temperature Range Symbol TJ TSTG Min. -55 -55 Nom. +25 +25 Max. +150 +150 Unit C C
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDNBS08-PLC03-6 Steering Diode/TVS Array Combo
Product Dimensions This is a molded JEDEC narrow body SO-8 package with lead free 100 % Sn plating on the lead frame. It weighs approximately 15 mg and has a flammability rating of UL 94V-0.
A
Recommended Footprint
A B
F H
D
C
B
C G
E
Dimensions
D DIMENSIONS = MILLIMETERS (INCHES)
A B
1.143 - 1.397 (0.045 - 0.055) 0.635 - 0.889 (0.025 - 0.035) 6.223 Min. (0.245) 3.937 - 4.191 (0.155 - 0.165) 1.016 - 1.27 (0.040 - 0.050)
E
C Dimensions A B C D E F G H
4.80 - 5.00 (0.189 - 0.196) 3.80 - 4.00 (0.150 - 0.157) 5.80 - 6.20 (0.229 - 0.244) 1.35 - 1.75 (0.054 - 0.068) 0.10 - 0.25 (0.004 - 0.008) 0.25 - 0.50 (0.010 - 0.019) 0.40 - 1.250 (0.016 - 0.049) 0.18 - 0.25 (0.007 - 0.009)
D E
How To Order
CD NBS08 - PLC03 - 6
Common Code Chip Diode Package * NBS08 = Narrow Body SOIC8 Package Model PLC03 = Model Number Working Peak Voltage 6 = 6 VWM (Volts)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDNBS08-PLC03-6 Steering Diode/TVS Array Combo
Performance Graphs Peak Pulse Power vs Pulse Time
100 IPP - Peak Pulse Current (% of IPP) PPP - Peak Pulse Power (kW)
Pulse Wave Form
120 100 80 60 40 20 0 td = t|IPP/2 tt Test Waveform Parameters tt = 8 s td = 20 s et
10 2000 W, 8/20 s Waveform 1
0.1 0.01
1
10
100
1,000
10,000
0
5
10
15 t - Time (s)
20
25
30
td - Pulse Duration (s)
Block Diagram
8 7 6 5
Power Derating Curve
100 80 60 40 20 Peak Pulse Power 8/20 s
% of Rated Power
1
2
3
4
Average Power 0 0 25 50 75 100 125 150
Device Pinout Pin 1 2 3 4 5 6 7 8 Function I/O 1 GND GND I/O 2 I/O 2 GND GND I/O 1
TL - Lead Temperature (C)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDNBS08-PLC03-6 Steering Diode/TVS Array Combo
Packaging The surface mount product is packaged in a 12 mm x 8 mm Tape and Reel format per EIA-481 standard.
TOP SIDE VIEW (INTO COMPONENT POCKET) DIMENSIONS = 0.3 0.05 (.01 .002) 2.0 0.05 (.08 .002) 4.0 0.1 (.16 .004) 1.5 0.1/-0 (.06 .004/-0) DIA. 1.75 0.1 (.07 .004)
MILLIMETERS (INCHES)
R
0.3 MAX. (0.01)
12.0 0.3 (.47 .01) 5.5 0.3 (.22 .01) 9.0 0.1 (.354 .004) 8.0 0.3 (.31 .01) R 0.25 TYP. (0.010)
2.1 0.1 (.083 .004)
6.4 0.1 (.252 .004)
ORIENTATION OF COMPONENT IN POCKET BACKSIDE FACING UP
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
REV. 12/05
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
COPYRIGHT(c) 2005, BOURNS, INC. LITHO IN U.S.A., IPA0501 10/05


▲Up To Search▲   

 
Price & Availability of CDNBS08-PLC03-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X