Part Number Hot Search : 
KSP94 MB905 A3FF1ACP 74ACT LS404CD KAQY212A 2SC52 KK74A
Product Description
Full Text Search
 

To Download CD214B-B250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features

Lead free versions available RoHS compliant (lead free version)* Reverse voltage from 20 to 60 V Forward current of 1 A High current capability
For use in low voltage high frequency inverters, free wheeling and polarity protection applications
*R
CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Schottky Rectifier Diodes for rectification applications, in compact chip package DO-214AA (SMB) size format, which offer PCB real estate savings and are considerably smaller than most competitive parts. The Schottky Rectifier Diodes offer a forward current of 1 A with a choice of repetitive peak reverse voltage of 20 V up to 60 V. Bourns(R) Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration minimizes roll away. Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Symbol CD214BB120 B130 B140 B150 B160 Unit
Forward Voltage (Max.) (If = 2 A) Typical Junction Capacitance* Reverse Current (Max.) at Rated VR)
VF CT IR
0.5
0.5
0.5 110 0.5
0.7
0.7
V pF mA
* Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Absolute Ratings (@ TA = 25 C Unless Otherwise Noted) Parameter Symbol CD214BB120 B130 B140 B150 B160 Unit
Repetitive Peak Reverse Voltage Reverse Voltage Maximum RMS Voltage Avg. Forward Current Forward Current, Surge Peak (60 Hz, 1 cycle) Typical Thermal Resistance** Storage Temperature Junction Temperature
VRRM VR VRMS IO Isurge RJL TSTG TJ
20 20 14
30 30 21
40 40 28 1 30
50 50 35
60 60 42
V V V A A
20 -55 to +150 -55 to +125
C/W C C
** Thermal resistance junction to lead.
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
Product Dimensions
A
Recommended Pad Layout
A
B
C
B
DIMENSIONS: G
MM (INCHES)
C
Dimension A (Max.)
H F E D
B (Min.) C (Min.)
SMB (DO-214AA) 2.69 (0.106) 2.10 (0.083) 1.27 (0.050)
Dimension A B C D E F G H
SMB (DO-214AA) 4.06 - 4.57 (0.160 - 0.180) 3.30 - 3.94 (0.130 - 0.155) 1.96 - 2.21 (0.078 - 0.087) 0.15 - 0.31 (0.006 - 0.112) 5.21 - 5.59 (0.205 - 0.220) 0.05 - 0.20 (0.002 - 0.008) 2.01 - 2.62 (0.080 - 0.103) 0.76 - 1.52 (0.030 - 0.060)
Physical Specifications Case ............................................................................Molded plastic Polarity ....................................................Indicated by cathode band Weight ....................................................0.003 ounces / 0.093 grams
Typical Part Marking CD214B-B220 ...................................................................... CD214B-B230 ...................................................................... CD214B-B240 ...................................................................... CD214B-B250 ...................................................................... CD214B-B260 ...................................................................... 120B 130B 140B 150B 160B
How To Order
MM DIMENSIONS: (INCHES)
CD 214B - B 1 30 __
Common Code Chip Diode Package * 214B = SMB/DO-214AA Model B = Schottky Barrier Series Average Forward Current (Io) Code 1 = 1 A (Code x 1000 mA = Average Forward Current) Reverse Voltage (VR) Code 20 = 20 V 30 = 30 V 40 = 40 V 50 = 50 V 60 = 60 V
Terminations LF = 100 % Sn (lead free) Blank = Sn/Pb
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
Rating and Characteristic Curves Forward Current Derating Curve
1.00 Average Forward Current (Amps)
Maximum Non-Repetitive Surge Current
Peak Forward Surge Current (Amps) 30
0.75
20
0.50
10 Pulse Width 8.3 ms Single Half Sine-Wave (JEDEC Method) 0 1 2 5 10 20 50 100 Number of Cycles at 60 Hz
0.25 Single Phase Half Wave 60 Hz Resistive or Inductive Load 0.00 20 40 60 80 100 120 140 Lead Temperature (C)
Typical Forward Characteristics
10
Typical Junction Capacitance
1000
Instantaneous Forward Current (Amps)
B120 to B140
1.0
Ta = 25 C Pulsewidth: 300 s
Capacitance (pF)
B150 to B160
100
0.1
.01 0 0.2 0.4 0.6 0.8 1.0
F = 1 MHz TJ = 25 C 0 0.1 1.0 4.0 10.0 100 Reverse Voltage (Volts)
Instantaneous Forward Voltage (Volts)
Typical Reverse Characteristics
100
10 Instantaneous Reverse Current (mA)
Ta = 125 C
1.0
Ta = 100 C
0.1
0.01
Ta = 25 C
0.001 0 20 40 60 80 100 120 140 Percent of Rated Peak Reverse Voltage (%)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
P 0 P 1 E Index Hole 120 F W B D2 D1 D T
d
P Trailer
A Device
C Leader W1 Start DIMENSIONS: MM (INCHES)
End
....... ....... ....... ....... ....... ....... ....... .......
10 pitches (min.) 10 pitches (min.)
Direction of Feed
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. Symbol A B C d D D1 D2 E F P P0 P1 T W W1 -SMB (DO-214AA) 4.94 0.10 (0.194 - 0.004) 5.57 0.10 (0.219 - 0.004) 2.36 0.10 (0.093 - 0.004) 1.55 0.05 (0.061 - 0.002) 330 (12.992) 50.0 MIN. (1.969) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004)) 5.50 0.05 (0.217 - 0.002) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.30 0.10 (0.012 - 0.004) 12.00 0.20 (0.472 - 0.008) 18.4 MAX. (0.724) 3,000
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Item Carrier Width Carrier Length Carrier Depth Sprocket Hole Reel Outside Diameter Reel Inner Diameter Feed Hole Diameter Sprocket Hole Position Punch Hole Position Punch Hole Pitch Sprocket Hole Pitch Embossment Center Overall Tape Thickness Tape Width Reel Width Quantity per Reel
REV. 04/05


▲Up To Search▲   

 
Price & Availability of CD214B-B250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X