Part Number Hot Search : 
496001 P6KE13CA MA2C774 0100S MUN5311 SI4435 CY600 BYV95A
Product Description
Full Text Search
 

To Download C2D20120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C2D2020-Silicon Carbide Schottky Diode
Zero recovery(R) RectifieR
Features
* * * * * * *
VRRM = 1200 V IF Qc = 20 A =122 nC
Package
1200-Volt Schottky Rectifier Zero Reverse Recovery Zero Forward Recovery High-Frequency Operation Temperature-Independent Switching Behavior Extremely Fast Swtitching Positive Temperature Coefficient on VF
TO-247-3
Benefits
* * * * * Replace Bipolar with Unipolar Rectifiers Essentially No Switching Losses Higher Efficiency Reduction of Heat Sink Requirements Parallel Devices Without Thermal Runaway
Applications
* * * Switch Mode Power Supplies Power Factor Correction Motor Drives Part Number
C2D20120D
Package
TO-247-3
Marking
C2D20120
Maximum Ratings
Symbol
VRRM VRSM VDC IF(AVG) IF(PEAK) IFRM IFSM Ptot TJ , Tstg
**
Parameter
Repetitive Peak Reverse Voltage Surge Peak Reverse Voltage DC Blocking Voltage Average Forward Current (Per Leg/Device) Peak Forward Current (Per Leg/Device) Repetitive Peak Forward Surge Current Non-Repetitive Peak Forward Surge Current Power Dissipation (Per Leg) Operating Junction and Storage Temperature
*
Value
1200 1200 1200 10/20 22/44 25/50 50* 250* 312* 104* -55 to +175
Unit
V V V A A A A W C
Test Conditions
Note
.D2020, Rev Datasheet: C2
TC=160C TC=125C TC=125C, TREP<1 mS, Duty=0.5 TC=25C, tP=8.3 ms, Half Sine Wave TC=25C, tP=10 s, Pulse TC=25C TC=125C
Per Device,
Per Leg
Subject to change without notice. www.cree.com/power
Electrical Characteristics (Per Leg)
Symbol
VF IR QC
Parameter
Forward Voltage Reverse Current Total Capacitive Charge
Typ.
1.6 2.5 10 20 61
Max.
1.8 3.0 200 1000
Unit
V A nC
Test Conditions
IF = 10 A TJ=25C IF = 10 A TJ=175C VR = 1200 V TJ=25C VR = 1200 V TJ=175C VR = 1200 V, IF = 10A di/dt = 500 A/s TJ = 25C VR = 0 V, TJ = 25C, f = 1 MHz VR = 200 V, TJ = 25C, f = 1 MHz VR = 400 V, TJ = 25C, f = 1 MHz
Note
C
Total Capacitance
1000 80 59
pF
Note: 1. This is a majority carrier diode, so there is no reverse recovery charge.
Thermal Characteristics
Symbol
RJC
**
Parameter
Thermal Resistance from Junction to Case
*
Typ.
0.48** 0.24*
Max.
Unit
C/W
Test Conditions
Note
Per Leg,
Both Legs
Typical Performance (Per Leg)
20
200
18 16 14 IF Forward Current (A) 12 10 8 6 4 2 0 0.0
TJ = 25C TJ = 75C TJ = 125C TJ = 175C
IR Reverse Current (A)
180 160 140 120 100 80 60 40 20 0 TJ = 25C TJ = 75C TJ = 125C TJ = 175C
1.0
2.0
3.0
4.0
5.0
0
500
1000 VR Reverse Voltage (V)
1500
2000
VF Forward Voltage (V)
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
2
C2D20120 Rev. -
Typical Performance (Per Leg)
40
800
35
700
30
600
IF(AVG) Forward Current (A)(A) IF(AV) Forward Current
25
Capacitance (pF)
25 50 75 100 125 150 175 200
500
20
400
15
300
10
200
5
100
0
0 1
TC Case Temperture (C)
10 100 VR Reverse Voltage (V)
1000
Figure 3. Current Derating
Figure 4. Capacitance vs. Reverse Voltage
1.00E+00
1.00E-01 Zth [C/W] 1.00E-02 1.00E-03 1.00E-07 1.00E-06 1.00E-05 1.00E-04 1.00E-03 1.00E-02 1.00E-01 1.00E+00
time [s]
Figure 5. Transient Thermal Impedance
C2D20120 Rev. -
Package Dimensions
Package TO-247-3
POS A B C D E F G H J K L M N P Q R S T U V
Inches Min .605 .800 .620 .095 .046 .060 Max .631 .830 .799 .126 .052 .084
Millimeters Min 15.367 20.320 15.748 2.413 1.168 1.524 Max 16.027 21.082 20.295 3.200 1.321 2.134
.215 TYP .180 .078 6 4 2 2 .090 .020 9 9 2 2 .138 .203 .081 21 6 4 4 .097 .030 11 11 8 8 .144
.215 TYP 4.572 1.982 6 4 2 2 2.286 .508 9 9 2 2 3.505 5.156 2.057 21 6 4 4 2.464 .762 11 11 8 8 3.658
C2D20120 Rev. -
Recommended Solder Pad Layout
TO-247-3
Part Number
C2D20120D
Package
TO-247-3
Marking
C2D20120
This product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines, cardiac defibrillators or similar emergency medical equipment, aircraft navigation or communication or control systems, air traffic control systems, or weapons systems. Copyright (c) 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, and Zero Recovery are registered trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5451 www.cree.com/power
C2D20120 Rev. -


▲Up To Search▲   

 
Price & Availability of C2D20120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X