Part Number Hot Search : 
4815D NESW064T 30C1154 101EC S1100 N5607 S1100 1545CT
Product Description
Full Text Search
 

To Download BL0508-09-73 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 22mm x 22mm LED CLUSTER
BL0508-09-73
Features
!HIGH VISIBILITY. !EMITTING
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Super Bright Green color devices are made Gallium Phosphide Green Light Emitting Diode. COLOR: GREEN, RED AND ORANGE
(MIXED COLOR).
!NO. OF BUILT-IN 5mm LED LAMPS: SUPER
BRIGHT RED 3 PCS, SUPER BRIGHT GREEN 6 PCS.
!WATERPROOF
PACKAGE WITH HOOD SUITABLE
FOR OUTDOOR AND INDOOR INFORMATION BOARDS.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: KDA0650 APPROVED: J.LU
REV NO: V.1 CHECKED:
D i g i t a l l y s i g n e d b y Y A N G S H O U F E N c n = Y A N G S H O U F E N , o u = K I N G B R I H G T , o = 4 2 , c = U S D a t e : 2 0 0 1 . 1 1 . 1 0 1 3 : 5 2 : 0 1 + 0 8 '0 0 'R e a s o n : D o c u m e n t i s c e r t i f i e d
DATE: OCT/03/2001 DRAWN: J.X.FU
PAGE: 1 OF 2
Selection Guide
Em i t t i n g C o l o r +Mat er ial GaAlAs GaP D(n m ) Iv (m c d ) @20m A Min . BL0508-09-73 640 568 WATER CLEAR WATER CLEAR 45 0 420 Ty p . 1200 80 0 V i ew i n g An g l e 21/2 40 40 20 40 IF IF (m A)
Par t No .
L en s Ty p e
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l Iv VF peak D 1/2 IR Par am et er Luminous Intensity Viewing Angle Forword Voltage Peak Wavelength Dominate Wavelength Spectral Line Halfwidth Reverse Current BL0508-09-73 D ev i c e Co lo r Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Ty p . 1500 900 45 5.5 6.5 660 565 640 568 20 30 30 Max . 7.5 7.5 Un it s mcd D eg V nm nm nm uA Tes t Co n d it io n s IF=20mA IF=40mA IF=20mA IF=40mA IF=20mA IF=40mA IF=20mA IF=40mA IF=20mA IF=40mA V R = 5V
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Reverse Voltage Operating Temperature Storage Temperature TYPE 800 30 5 -40 C To +70C -40 C To +85C Un it s mW mA V
SPEC NO: KDA0650 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: OCT/03/2001 DRAWN: J.X.FU
PAGE: 2 OF 2


▲Up To Search▲   

 
Price & Availability of BL0508-09-73

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X