Part Number Hot Search : 
62007 ZURMG98W C0603X IR340 T13009 904HW A3FF1ACP RS5C316B
Product Description
Full Text Search
 

To Download BG240128B3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BG240128B3
Feature 1. SMT PCB with metal frame 2. Built-in controllerLC7981(=HD 61830) 3. 1/128 duty cycle 4. +5V power supply 5. Option: negative voltage 6. Option: LED, EL B/L, CCFL
Mechanical Data Item Standard Value Module Dimension 144.0 x 104.0 Viewing Area 114.0 x 64.0 Dot Size 0.43 x 0.43 Dot Pitch 0.45 x 0.45 Pin Assignment Pin Symbol
1 2 3 4 5 6 7~14 15 16 17 18 19 20 Vss Vdd Vo RS R/W E DB0~7 /CS /RST Vee A K NC
Unit mm mm mm mm Electronic Characteristics
Function
Power supply (GND) Power supply(+5V) Contrast adjustment Data/Instruction select Read/Write select Enable signal Data bus line Chip select Reset signal Negative voltage output -15V Power supply for B/L (+) Power supply for B/L (GND)
Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 50.0 mA LCD Driving 19.1 V Vdd-Vo 25 oC Voltage Item
LED Forward
Voltage
Vf If
25 oC 25 oC
4.2 900
V
Current
LED Forward
mA
Dimension
12.0 17.0 20.21 8.0 15 0 152.00.5 144.00.5 128.0 114.0(VA) 107.98(AA) A 10.3(EL or No B/L) 14.3(LED or CCFL B/L) ED or CCFL B/L) (EL or No B/L)
3.5
125.010 104.00.5 74.0 64.0(VA) 57.58(AA) A 97.0 240*128 DOTS 8
0.45 0.43
0.45 0.43 CCFL N)
D S
20-O 1.0 PTH 20-O 2.0 PAD 4-O 3.5 PTH 4-O 7.0 PAD 8.0
13.74 3.0


▲Up To Search▲   

 
Price & Availability of BG240128B3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X