Part Number Hot Search : 
M6271X A5800423 FN155 LT124 AN5125 OPI125 APU429 07370
Product Description
Full Text Search
 

To Download BG12864H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BG12864H
Feature 1. COB with metal frame 2. Built-in controller KS0107/0108 3. +5V single power supply, with built-in negative voltage 4. 1/64 duty cycle 5. Option: EL backlight & EL inverter 6. Option: +3V single power supply 7. Option: external negative voltage
Mechanical Data Item Standard Value Module Dimension 54.0 x 50.0 Viewing Area 43.5 x 29.0 Dot Size 0.28 x 0.35 Dot Pitch 0.32 x 0.39 Pin Assignment Pin Symbol
1 2 3 4 5 6 7~14 15 16 17 18 19 20 Vss Vdd Vo D/I R/W E DB0~7 CS1 CS2 /RST Vee BL+ NC
Unit mm mm mm mm Electronic Characteristics Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V 8.0 mA Supply Current Idd Vdd = +5V LCD Driving 8.7 Vdd-Vo V 25 oC Voltage EL Inverter 5.0 Vf V 25 oC Driver Voltage EL Inverter If 45 mA 25 oC Driver Current Item
Function
Power supply GND +5V(+3V option) Contrast adjustment Data/ Instruction Data read/write Enable signal Data bus line Chip enable (segment 1 - 64) Chip enable (segment 65 - 128) Reset signal Negative voltage output EL back light power on/off No connection
54.0 0.5 43.5(VA) 40.92(AA) A
Dimension
4.75 5.25 6.54 10.5 11.54
1.5 2.5
ef.) 3.3(el/ref)
50.0 0.5 40.5 29.0(VA) 26.92(AA) A
2.0
A 47.0 7 45.0 28*64 Dots 6 B
0.32 0.28
0.39 0.35 DOT SIZE 4-O2.5 4-O5.0 4-O0.8 Hole 4-O1.3 PAD 1.0
8.0 2.5
P2.0 19=38.0 49.0


▲Up To Search▲   

 
Price & Availability of BG12864H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X