Part Number Hot Search : 
2SA1610 FOD817D S1505 SLA24C04 BAS45A 2SA1610 XXBGR TLS359T
Product Description
Full Text Search
 

To Download BG12864E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BG12864E
Feature 1. COB with metal frame 2. Built-in controller KS0107/0108 3. +5V single power supply, with built-in negative voltage 4. 1/64 duty cycle 5. LED B/L pins:19/20, or A/K, or 1/2 6. Option: LED edge B/L, EL B/L 7. Option: +3V single power supply 8. Option: negative voltage (built-in, external)
Mechanical Data Item Standard Value Module Dimension 75.0 x 52.7 Viewing Area 60.0 x 32.6 Dot Size 0.39 x 0.39 Dot Pitch 0.43 x 0.43 Pin Assignment Pin Symbol
1 2 3 4~11 12 13 14 15 16 17 18 19 20 Vdd GND Vo DB0~7 /CS1 /CS2 /RST R/W D/I E Vee A K
Unit mm mm mm mm Electronic Characteristics Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current 4.0 mA Idd Vdd = +5V LCD Driving 8.5 Vdd-Vo V 25 oC Voltage LED Forward 3.9 Vf V 25 oC Voltage LED Forward If 100 mA 25 oC Current EL Power Vel Vel=110Vac/400Hz V Voltage Item
Function
Power supply (+5V) Power supply(GND) Contrast adjustment Data bus line Chip select IC1 Chip select IC2 Reset signal Data read/write Data / instruction Enable signal Negative voltage output Power supply for B/L (+) Power supply for B/L (GND)
75.0 0.5 70.0 70.6 60.0(VA) 55.0(AA) A
Dimension
8.4 4.9 15 25 0.43 0.39 DOT SIZE SCALE 10/1 1.0 LED, EL or NO B/L 0.43 0 39
5 0.0
20.12 52.7 0.5 49.7 44.6 32.6(VA) 27.48(AA) A
A
128*64 Dots
13.37 37.5
P2.54*19=48.26
2.5
20-O1.0PTH 20-O1.8PAD
2-O2.5
10.1
25.35


▲Up To Search▲   

 
Price & Availability of BG12864E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X