Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download BG128128B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BG128128B
Feature 1. SMT PCB with metal frame 2. Built-in controller T6963C 3. +5V single power supply 4. 1/128 duty cycle 5. Option: LED,EL back light 6. Option: negative voltage
Mechanical Data Item Standard Value Module Dimension 85.0 x 100.0 Viewing Area 62.0 x 62.0 Dot Size 0.4 x 0.4 Dot Pitch 0.43 x 0.43 Pin Assignment Pin Symbol 1 FGND 2 Vss 3 Vdd 4 Vo /WR 5 6 /RD 7 /CE 8 C/D 9 NC 10 /RST 11~18 DB0~7 19 FS 20 Vee
21 22 A
Unit mm mm mm mm
Function Frame ground Logic power supply(GND) Logic power supply (+5V) Contrast Adjustment Data write Data read Chip enable Command/Data read/write
Electronic Characteristics Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 15 mA LCD Driving 17.0 V Vdd-Vo 25 oC Voltage LED Forward 4.2 Vf V 25 oC Voltage LED Forward If 500 mA 25 oC Current 110V/ EL Power VEL 25 oC 400Hz VAC Supply volt. Item
Reset LCD module signal Data bus line Font Selection Negative voltage output
Power supply for B/L + Power supply for B/L 5.0 6.5 10. 85.00.5 75.0 73.0 62.0(VA) 55.01(AA) A
K
Dimension
5.0 3.0 [led] el/ref] f
0
100.00.5 94.0 72.0 62.0(VA) 55.01(AA) A
O1.0 PTH 1.5
12.0
20
20-O1.0 PTH 20-O1 8 PAD
2.2 2 AK
5.0 0 0.5
4-R1.75
3.0
1.6
0.43 0.4
DOT SIZE SCALE 10/1


▲Up To Search▲   

 
Price & Availability of BG128128B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X