Part Number Hot Search : 
TLE6286 DS1265Y R1003 CS553009 SN102 UHE0J183 3A102 RGP10G
Product Description
Full Text Search
 

To Download BCX69 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX69
PNP Silicon AF Transistors For general AF applications High collector current High current gain Low collector-emitter saturation voltage Complementary type: BCX68 (NPN)
1 2 3
Thermal Resistance
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Junction - soldering point 1)

2
VPS05162
Type BCX69 BCX69-10 BCX69-16 BCX69-25 Maximum Ratings Parameter
Marking CE CF CG CH 1=B 1=B 1=B 1=B
Pin Configuration 2=C 2=C 2=C 2=C 3=E 3=E 3=E 3=E
Package SOT89 SOT89 SOT89 SOT89
Symbol VCEO VCBO VEBO
Values 20 25 5 1 2 100 200 1 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage
DC collector current Peak collector current Base current Peak base current Total power dissipation, TS = 130 C Junction temperature Storage temperature
IC ICM IB IBM Ptot Tj Tstg
A mA W C
RthJS
20
K/W
Jul-23-2001
BCX69
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. Characteristics Collector-emitter breakdown voltage IC = 30 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IB = 0 Emitter-base breakdown voltage IE = 1 A, IC = 0 Collector cutoff current VCB = 25 V, IE = 0 Collector cutoff current VCB = 25 V, IE = 0 , TA = 150 C DC current gain 1) IC = 5 mA, VCE = 10 V DC current gain 1) IC = 500 mA, VCE = 1 V BCX69 BCX69-10 BCX69-16 BCX69-25 DC current gain 1) IC = 1 A, VCE = 1 V Collector-emitter saturation voltage1) IC = 1 A, IB = 100 mA Base-emitter voltage 1) IC = 5 mA, VCE = 10 V IC = 1 A, VCE = 1 V VBE(ON) 0.6 1 VCEsat 0.5 hFE hFE 85 85 100 160 60 100 160 250 375 160 250 375 hFE 50 ICBO 100 ICBO 100 V(BR)EBO 5 V(BR)CBO 25 V(BR)CEO 20 typ. max.
Unit
V
nA A -
V
AC Characteristics Transition frequency IC = 100 mA, VCE = 5 V, f = 20 MHz fT 100 MHz
1) Pulse test: t =300s, D = 2%
2
Jul-23-2001
BCX69
Total power dissipation Ptot = f(TS)
Transition frequency fT = f (IC)
VCE = 5V
10 3 MHz
BCX 69 EHP00469
1.2
W
1 0.9
fT
5
P tot
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60 80 100 120 C 150
10 2
5
10 1 10 0
5 10 1
5
10 2
mA
10 3
TS
C
Permissible pulse load
Ptotmax / PtotDC = f (tp )
10 3 Ptot max 5 Ptot DC
BCX 69 EHP00470
Collector cutoff current ICBO = f (T A)
VCB = 25V
10 5 nA
BCX 69 EHP00471
D=
tp T
tp T
CB0
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 4 5
max
10 5
2
10 3 5 10 2 5 10
1
typ
10 1 5
5 10 0 -6 10 10 0
10
-5
10
-4
10
-3
10
-2
s tp
10
0
0
50
100
C TA
150
3
Jul-23-2001
BCX69
Base-emitter saturation voltage
IC = f (VBEsat ), hFE = 10
BCX 69 EHP00472
Collector-emitter saturation voltage
IC = f (VCEsat), h FE = 10
4 BCX 69 EHP00473
10 4 mA
10 mA
C
10 3 5 100 C 25 C -50 C
C
10 5 100 C 25 C -50 C
3
10 2 5
10 5
2
10 5
1
10 5
1
10 0
0
0.2
0.4
0.6
0.8
1.0 V 1.2 VBE sat
10
0
0
0.2
0.4
0.6
V
0.8
VCE sat
Collector current IC = f (VBE)
VCE = 1V
10 4 mA
BCX 69 EHP00474
DC current gain hFE = f (I C)
VCE = 1V
10 3 5
BCX 69 EHP00475
C
10 5
3
h FE
100 C 10 2 5 25 C -50 C
100 C 25 C -50 C
10 2 5 10 1 10
1
5
5
10 0
0
0.2
0.4
0.6
0.8
1.0 V 1.2 VBE
10 0 10 0
5 10 1
5 10 2
5 10 3
mA 10 4
C
4
Jul-23-2001


▲Up To Search▲   

 
Price & Availability of BCX69

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X