Part Number Hot Search : 
0S223K MAX2314 MM1Z8B2 SPN3009 33001 R2M35 MSC7166 EE08042
Product Description
Full Text Search
 

To Download BCV48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCV28, BCV48
PNP Silicon Darlington Transistors For general AF applications High collector current High current gain Complementary types: BCV29, BCV49 (NPN)
1 2 3
Type BCV28 BCV48
Maximum Ratings Parameter
Collector-emitter voltage Collector-base voltage Emitter-base voltage
DC collector current Peak collector current Base current Peak base current Total power dissipation, TS = 130 C Junction temperature Storage temperature
Thermal Resistance
1For calculation of R thJA please refer to Application Note Thermal Resistance
1

2
VPS05162
Marking ED EE 1=B 1=B
Pin Configuration 2=C 2=C 3=E 3=E 4=C 4=C
Package SOT89 SOT89
Symbol VCEO VCBO VEBO
BCV28 30 40 10
BCV48 60 80 10
Unit V
IC ICM IB IBM Ptot Tj Tstg
500 800 100 200 1 150 -65 ... 150
mA
W C
Junction - soldering point1)
RthJS
20
K/W
Jul-12-2001
BCV28, BCV48
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 100 A, IB = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 VCB = 60 V, IE = 0 Collector cutoff current VCB = 30 V, IE = 0 , TA = 150 C VCB = 60 V, IE = 0 , TA = 150 C Emitter cutoff current VEB = 4 V, IC = 0 DC current gain 1) IC = 10 A, VCE = 1 V DC current gain 1) IC = 10 mA, VCE = 5 V DC current gain 1) IC = 100 mA, VCE = 5 V DC current gain 1) IC = 0.5 A, VCE = 5 V BCV28 BCV48 BCV28 BCV48 hFE 4000 2000 BCV28 BCV48 hFE 20000 10000 BCV28 BCV48 hFE 10000 4000 hFE 4000 2000 BCV28 BCV48 IEBO BCV28 BCV48 ICBO 10 10 100 ICBO 100 100 BCV28 BCV48 V(BR)EBO BCV28 BCV48 V(BR)CBO 40 80 10 V(BR)CEO 30 60 typ. max.
Unit
V
nA
A
nA -
1) Pulse test: t 300s, D = 2%
2
Jul-12-2001
BCV28, BCV48
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. DC Characteristics Collector-emitter saturation voltage1) IC = 100 mA, IB = 0.1 mA Base-emitter saturation voltage 1) IC = 100 mA, IB = 0.1 mA AC Characteristics Transition frequency IC = 50 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb 4.5 fT 200 VBEsat 1.5 VCEsat 1 typ. max.
Unit
V
MHz pF
1) Pulse test: t 300s, D = 2%
3
Jul-12-2001
BCV28, BCV48
Total power dissipation Ptot = f(TS)
Collector cutoff current ICBO = f (T A) VCB = V CEmax
10 4
BCV 28/48 EHP00309
1200
mW
CBO
nA max
10 3
P tot
800
600
10 2 typ
400
10 1
200
0 0
15
30
45
60
75
90 105 120
C 150 TS
10 0
0
50
100
C TA
150
Permissible pulse load Ptotmax / PtotDC = f (tp )
BCV 28/48 EHP00310
Transition frequency fT = f (IC) VCE = 5V
10 3 fT
T
BCV 28/48 EHP00312
5 Ptot max Ptot DC 10 2 5
D=
tp T
tp
MHz
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 2
5
10 0 10 -6
10
-5
10
-4
10
-3
10
-2
s tp
10
0
10 1 10 0
10 1
10 2
mA
10 3
C
4
Jul-12-2001
BCV28, BCV48
Collector-emitter saturation voltage IC = f (VCEsat ), hFE = 1000
10 3
BCV 28/48 EHP00313
Base-emitter saturation voltage IC = f (VBEsat), hFE = 1000
10 3
BCV 28/48 EHP00314
C
mA 150 C 25 C -50 C
C mA
150 C 25 C -50 C
10 2 5
10 2 5
10 1 5
10 1 5
10 0
0
0.5
1.0
V V CEsat
1.5
10 0
0
1.0
2.0
V V BEsat
3.0
Collector-base capacitance CCB = f (VCBO) Emitter-base capacitance CEB = f (VEBO )
BCV 28/48 EHP00315
DC current gain hFE = f (I C) VCE = 5V
10 6 h FE 5
BCV 28/48 EHP00316
10 CEB0 (CCB0 ) pF
10 5
CCB0 5 CEB0
125 C 25 C
5 -55 C 10 4 5
0 10 -1
10 0
10 1 V EB0 (V CB0 ) V
10 3 10 -1
10 0
10 1
10 2
mA 10 3
C
5
Jul-12-2001


▲Up To Search▲   

 
Price & Availability of BCV48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X