Part Number Hot Search : 
E421371 R5F21 SS5614UL 030A2 260901B STMPE812 KA431L NDT01N60
Product Description
Full Text Search
 

To Download BCM5695 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5695
(R)
MULTILAYER 12-PORT GIGABIT ETHERNET STACKABLE SWITCH
FEATURES SUMMARY OF BENEFITS
* 12 10/100/1000-Mbps Ethernet ports with copper or fibre
connectivity * HiGig+TM stacking port that runs at 10-Gbps or 12-Gbps speeds * Integrated high-performance SerDes with XAUITM interface on the HiGig+ port and an SGMII interface on the Gigabit Ethernet (GbE) ports * Scalable up to 128 BCM5695 devices in a single configuration
* Enables modular, scalable, and high-performance GbE switch
designs using switch fabric
* Facilitates seamless integration of voice, video, and data traffic
through low-latency and advanced QoS
* Enables lower system design cost and board space utilization
through superior integration and compact form factor
* * * *
All address tables and buffer memory fully integrated on-chip Support for port trunking and mirroring across stacked links Support for jumbo frames of up to 9 KB in size
* Offers quicker time-to-market and software reuse through
backward compatibility with Broadcom switch software API
Advanced full-duplex end-to-end flow and congestion control with head-of-line blocking prevention * ContentAwareTM packet filtering and classification per-port * Wirespeed operation * Support for 802.1p, TOS/DiffServ, policing, shaping, marking, and remarking * Rate control of broadcast, unknown multicast and unicast packets * Eight queues per port * Support for double 802.1q VLAN tagging and VLAN translation
TARGET APPLICATIONS
* Modular chassis-based Gigabit and 10-GbE switch solutions
for the core of enterprise networks
* Scalable, stackable GbE switch solutions for distribution and
wiring closet of enterprise networks
* High-performance standalone GbE switch solutions for
enterprise wiring closets and remote branches
* Hardware-based IP multicast routing and forwarding
* Support for replication
* Embedded GbE switch solutions for blade server applications
within space-constrained data centers
* Equal and weighted cost multipath routing for load balancing * Advanced diagnostic features including JTAG boundary scan and
BIST functionality * Low power consumption of 4.65W in a 480-pin PBGA package * Pin-to-pin compatible with the BCM5690
* Highly reliable GbE switch solutions for telecom applications
in central offices
12-port Multilayer Gigabit Ethernet Switch with HiGig+TM Stacking
HiGig XAUI (10/12 Gbps)
Layer 3 On-Chip Tables
HiGigTM
ARL L3 Packet Buffer MMU PCI
Internal Memory for Nonblocking Performance
ContentAwareTM FFP
1-Gbps SerDes with SGMII Support
PCI 32/66 Interface I2C Interface
10/100/1000 MAC
12 x GbE


▲Up To Search▲   

 
Price & Availability of BCM5695

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X