Part Number Hot Search : 
43025 W6NA90 PD242 MUR460 CMLM7387 ST003 STLVD210 15312
Product Description
Full Text Search
 

To Download BC2004B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BC2004B
Feature
1. COB with metal frame 2. 5x7 dots with cursor 3. Built-in controller KS0066 or equivalent 4. + 5V single power supply 5. 1/16 duty cycle 6. LED B/L pins: 15/16, or A/K, or 1/2 7. Option: LED, EL B/L 8. Option: +3V single power supply
Mechanical Data Item Standard Value Module Dimension 146.0 x 62.5 Viewing Area 123.5 x 43.0 Dot Size 0.92 x 1.1 Character Size 4.84 x 9.22 Pin Assignment Pin Symbol 1 Vss 2 Vdd 3 Vo 4 RS 5 R/W 6 E 7~14 DB0~7 15 A 16 K 17 NC/Vee 18 NC
Dimension
6.0 11.25 13.58 18.0
Unit mm mm mm mm Electronic Characteristics
Function GND +5V(+3V option) Contrast adjustment H/L register select signal H/L read/write signal H --> L enable signal H/L data bus line Power supply for B/L (+) Power supply for B/L (GND) NC/ Negative voltage output No connection
146.00.5 134.0 123.5(VA) 118.84(AA) A 2.5
Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 2.0 mA LCD Driving 4.2 Vdd-Vo V 25 oC Voltage LED Forward 4.2 Vf V 25 oC Voltage LED Forward If 540 mA 25 oC Current EL Power Vel Vel=110Vac/400Hz V Voltage Item
4.75 10.75 13.015
3.5
P2.54*17=43.18 2.0
18-O1.0 PTH 18
13.6Max 9.0 0 98
6.0 4.84
62.50.5 55.0 43.0(VA) 38.47(AA) A
73.00 139.0
4-O2.5 PTH 4-O5.0 PTH
6 LED B/L
9.75 9.22
DOT SIZE SCALE 4/1


▲Up To Search▲   

 
Price & Availability of BC2004B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X