Part Number Hot Search : 
M7S26FAJ 3341PC 0100M T28HC KE400A FD178B 35977 D1556
Product Description
Full Text Search
 

To Download BC1602FA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BC1602FA
Feature
1. COB with metal frame 2. 5x7 dots with cursor 3. Built-in controller KS0066 or equivalent 4. + 5V single power supply 5. 1/16 duty cycle 6. LED B/L pins:15/16, or A/K , 1/2 7. Option: LED array/edge B/L, EL B/L 8. Option: +3V single power supply 9. Option: negative voltage (built-in, external) 10. Option: LCD Vop fix on 5V (-20 oC~+70 oC)
Mechanical Data Item Standard Value Module Dimension 85.0 x 32.6 Viewing Area 66.0 x 16.0 Dot Size 0.56 x 0.66 Character Size 2.96 x 5.56 Pin Assignment Pin Symbol 1 Vss 2 Vdd 3 Vo 4 RS 5 R/W 6 E 7~14 DB0~7 15 A/Vee K 16 Unit mm mm mm mm
Electronic Characteristics
Item Symbol Condition Vdd Idd Vdd-Vo Vf If If Vel Vdd = +5V Vdd = +5V 70 oC 25 oC o
Value
5.0 1.2
TYP Option
Unit V mA
GND +5V(+3V option) Contrast adjustment H/L register select signal H/L read/write signal H --> L enable signal H/L data bus line
Power supply for B/L (+)/ Negative voltage output
Function
Input Voltage Supply Current LCD Driving Voltage LED Forward Voltage
Array LED Forward Current Edge LED Forward Current
-20 C 25 oC 25 oC 25 oC
3.6 4.0 5.2
5.0 5.0 5.0
V V mA mA V
4.2 100 20
Power supply for B/L (GND)
EL Power Voltage
Vel=110Vac/400Hz
Dimension
7.9 1.7 3.2 85.0 0.5 71.2 65.0(VA) 56.21(AA) A 3.95 8.9 (EL or No B/L) 12.7 (LED B/L) 8.6 (LED B/L) 4.8 (EL or No B/L) 5.94 5.56 0.7 0 66 0.6 0.56 3.55 2 96 0.59
32.6 29 25
1.6
0.38
43.5 3.0 79.0
2-R1.25 PTH 2-R2.5 PAD
4-O1.0
DOT SIZE SCALE 5/1


▲Up To Search▲   

 
Price & Availability of BC1602FA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X