Part Number Hot Search : 
NE5517D G5512 PJ1084L P0080SB PJ1084L C847B BDS16 C1512
Product Description
Full Text Search
 

To Download BAT42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT42, BAT43
Schottky Diodes
DO-35
min. 1.083 (27.5)
FEATURES For general purpose applications These diodes feature very low turnmax. .079 (2.0)
max. .150 (3.8)
on voltage and fast switching. These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges. case with the type designations BAT42W to BAT43W and in the MiniMELF case with type designations LL42 to LL43.
Cathode Mark
min. 1.083 (27.5)
These diodes are also available in the SOD-123
max. .020 (0.52)
MECHANICAL DATA
Dimensions in inches and (millimeters)
Case: DO-35 Glass Case Weight: approx. 0.13 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Repetitive Peak Reverse Voltage Forward Continuous Current at Tamb = 25 C Repetitive Peak Forward Current at tp < 1 s, < 0.5, Tamb = 25 C Surge Forward Current at tp < 10 ms, Tamb = 25 C Power Dissipation1) at Tamb = 65 C Junction Temperature Ambient Operating Temperature Range Storage Temperature Range
1)
Value 30 2001) 5001) 41) 2001) 125 -65 to +125 -65 to +150
Unit V mA mA A mW C C C
V RRM IF IFRM IFSM Ptot Tj Tamb TS
Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
4/98
BAT42, BAT43
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Reverse Breakdown Voltage tested with 100 A Pulses Forward Voltage Pulse Test tp < 300 s, < 2% at IF = 200 mA at IF = 10 mA at IF = 50 mA at IF = 2 mA at IF = 15mA Leakage Current Pulse Test tp < 300 s, < 2% at VR = 25 V at VR = 25 V, Tj = 100 C Capacitance at VR = 1 V, f = 1 MHz Reverse Recovery Time from IF = 10 mA through IR = 10 mA to IR = 1 mA, RL = 100 Detection Efficiency at RL = 15 K, CL = 300 pF, f = 45 MHz, VRF = 2 V Thermal Resistance Junction to Ambient Air
1)
Min. 30
Typ. -
Max. -
Unit V
V(BR)R
BAT42 BAT42 BAT43 BAT43
VF VF VF VF VF
- - - 0.26 -
- - - - -
1 0.4 0.65 0.33 0.45
V V V V V
IR IR Ctot trr
- - - -
- - 7 -
0.5 100 - 5
A A pF ns
v
80
-
-
%
RthJA
-
-
0.31)
K/mW
Valid provided that leads at a distance of 4 mm from the case are kept at ambient temperature


▲Up To Search▲   

 
Price & Availability of BAT42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X