Part Number Hot Search : 
XC610 BCR12 08X7R1H MP6K13 APL1087E 2SK2341 NJM2236D 2SA2084
Product Description
Full Text Search
 

To Download BAT42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT42 / BAT43
SCHOTTKY BARRIER SWITCHING DIODE Features
* * * * Low Forward Voltage Drop Fast Switching Speeds Guard Ring Construction for Transient Protection Surface Mount Versions Available (LL42 / LL43)
A
B
A
D
DO-35 Dim A B C D Min 25.40 3/4 3/4 3/4 Max 3/4 4.00 0.60 2.00
C
Mechanical Data
* * * * * Case: DO-35, Plastic Leads: Solderable per MIL-STD-202, Method 208 Marking: Type Number Polarity: Cathode Band Weight: 0.13 grams (approx.)
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM IFRM IFSM Pd RqJA Tj, TSTG BAT42 30 21 200 500 4.0 200 500 -55 to +125 BAT43 Unit V V mA mA A mW K/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) @ t < 1.0s Duty Cycle < 50% Non-Repetitive Peak Forward Surge Current @ t = 10ms Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Reverse Breakdown Voltage Maximum Forward Voltage Drop (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)R All Types BAT42 BAT42 BAT43 BAT43 Min 30 3/4 3/4 3/4 0.26 3/4 3/4 3/4 3/4 80 Typ 3/4 3/4 Max 3/4 1.00 0.40 0.65 0.33 0.45 0.50 100 3/4 5.0 3/4 Unit V Test Condition IRS = 100mA Pulses IF = 200mA IF = 10mA IF = 50mA IF = 2.0mA IF = 15mA VR = 25V VR = 25V, Tj = 100C VR = 1.0V, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W RL = 100W, CL = 300pF, f = 45MHz, VRF = 2.0V
VFM
V
Maximum Peak Reverse Current (Note 2) Junction Capacitance Reverse Recovery Time Rectification Efficiency
IRM Cj trr hv
3/4 10 3/4 3/4
mA pF ns %
Notes:
1. Valid provided that leads are kept at ambient temperature. 2. t < 300ms, Duty Cycle < 2%.
DS11001 Rev. G-2
1 of 1
BAT42 / BAT43


▲Up To Search▲   

 
Price & Availability of BAT42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X