Part Number Hot Search : 
B1231 SRC1207U CONDUCTO A76810A SY5802 SMCJ58 SF395 PE0523
Product Description
Full Text Search
 

To Download BAR63V-04W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
BAR63V-04W
Vishay Semiconductors
RF PIN Diodes - Dual, Series in SOT-323
Description
Characterized by a very low reverse Capacitance the PIN Diode BAR63V-04W was designed for RF signal tuning. As a function of the forward bias current the forward resistance (rf) can be adjusted to less than 1 while the low reverse capacitance offers a high isolation. Typical applications for this PIN Diodes are wireless, mobile and TV-systems.
2 1
1 2
18379
3
3
Features
* Low forward resistance * Very small reverse capacitance
Applications
For frequency up to 3 GHz RF-signal tuning Mobile , wireless and TV-Applications
Mechanical Data
Case: Plastic case (SOT-323) Weight: approx. 6.0 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Part BAR63V-04W Ordering code BAR63V-04W-GS18 or BAR63V-04W-GS08 CW4 Marking Remarks Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Forward current Junction temperature Storage temperature range Test condition Symbol VR IF Tj Tstg Value 50 100 150 - 55 to + 150 Unit V mA C C
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Reverse current Forward voltage Diode capacitance Test condition IR = 10 A VR = 35 V IF = 100 mA f = 1 MHz, VR = 0 f = 1 MHz, VR = 5 V Symbol VR IR VF CD CD 0.28 0.23 0.3 Min 50 10 1.2 Typ. Max Unit V nA V pF pF
Document Number 85698 Rev. 1.2, 26-Apr-04
www.vishay.com 1
BAR63V-04W
Vishay Semiconductors
Parameter Forward resistance Test condition f = 100 MHz, IF = 1 mA f = 100 MHz, IF = 5 mA f = 100 MHz, IF = 10 mA Charge carrier life time IF = 10 mA, IR = 6 mA, iR = 3 mA Symbol rf rf rf trr Min Typ. 2.0 1.1 0.9 115 2.0 Max
VISHAY
Unit ns
Typical Characteristics (Tamb = 25 C unless otherwise specified)
1000 Pulse Width = 100 ms IF = 10 mA Duty Cycle = 50 %
Switching Time (ms)
100.00
I F - Forward Current ( mA )
10.00
100
1.00
trise 10 t fall
0.10
1 0.1
18341
0.01
1
10
100
18325
0.5
0.6
0.7
0.8
0.9
1.0
R L - Load Resistance (k)
VF - Forward Voltage ( V )
Fig. 1 Forward Resistance vs. Forward Current
Fig. 3 Forward Current vs. Forward Voltage
0.30
CD - Diode Capacitance ( pF )
120 f = 1 MHz
V R - Reverse V oltage ( V )
0.25 0.20 0.15 0.10 0.05 0.00 0 4 8 12 16 20 24 28
100 80 60 40 20 0 0.01
0.1
1.0
10
100
1000
18333
VR - Reverse V oltage (V)
18329
IR - Reverse Current ( A )
Fig. 2 Diode Capacitance vs. Reverse Voltage
Fig. 4 Reverse Voltage vs. Reverse Current
www.vishay.com 2
Document Number 85698 Rev. 1.2, 26-Apr-04
VISHAY
BAR63V-04W
Vishay Semiconductors
12 10
I F - Forward Current ( mA )
8 6 4 2 0 -2 -4 -6 -8 -50 0 50
IF = 10 mA IR = 6 mA i rr = 3 mA
100
150
200
18337
Recovery Time ( ns )
Fig. 5 Typical Charge Recovery Curve
Package Dimensions in mm
1.0 (0.039)
1.25 (0.049)
0.3 (0.012)
0.12 (0.005)
0.15 (0.006) min.
1.3 (0.051) 2.05 (0.080)
0...0.1 (0...0.004)
96 12236
Document Number 85698 Rev. 1.2, 26-Apr-04
2.0 (0.078)
www.vishay.com 3
BAR63V-04W
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 4
Document Number 85698 Rev. 1.2, 26-Apr-04


▲Up To Search▲   

 
Price & Availability of BAR63V-04W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X