Part Number Hot Search : 
E7532G D1406 NTE7152 4LS85 NTE7152 KDZ91V AC16DSMA SC656
Product Description
Full Text Search
 

To Download B5817WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-323 Plastic-Encapsulate Diode
B5817WS
FEATURES Power dissipation PD: 200 mW (Tamb=25)
SCHOTTKY BARRIER DIODE
SOD-323
+
Collector current 1 A IF: Collector-base voltage VR: 20 V Operating and storage junction temperature range TJ, Tstg: -55 to +150
-
MARKING: SJ
ELECTRICAL CHARACTERISTICS (Tamb=25
unless
otherwise
specified)
Parameter Reverse breakdown voltage Reverse voltage leakage current Forward voltage Diode capacitance
Symbol V(BR) IR VF CD
Test
conditions IR= 1mA VR=20V IF=1A IF=3A
MIN 20
MAX
UNIT V
1 0.45 0.75 120
mA
V
VR=4V, f=1MHz
pF


▲Up To Search▲   

 
Price & Availability of B5817WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X