Part Number Hot Search : 
AA109 TP8A60 277CP ALD7556 T9340 ALD7556 MTP50A TSOP4156
Product Description
Full Text Search
 

To Download B45197AA4226206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tantalum Chip Capacitors SpeedPower; Low ESR
Construction
I I I I
B45197, B45198
Polar tantalum capacitors with solid electrolyte Conventional Ta-MnO2 technology Flame-retardant plastic case (UL 94 V-0) Optionally tinned or gold-plated terminals
Features
I I I I I I I
High volumetric efficiency Excellent solderability Stable temperature and frequency characteristics Low leakage current, low dissipation factor Low self-inductance High resistance to shock and vibration Suitable for use without series resistor (recommended operating voltage see "General Technical Information", page 111, 4.4) I Low ESR Applications
I I I I I I
Telecommunications (e.g. mobile phones, private branch exchanges) Data processing (e.g. laptops, main frames) Measuring and control engineering (e.g. voltage regulators) Automotive electronics (e.g. navigation systems) Medical engineering DC/DC converters
Soldering Suitable for reflow soldering (IR and vapor phase) and wave soldering Delivery mode Taped and reeled in accordance with IEC 60286-3 Ordering code structure B45197 Passive component A4226 +40 * Reel diameter 9 = 180 mm, 6 = 330 mm Case size 20 = B, 30 = C, 40 = D, 50 = E Tantalum capacitor Capacitance tolerance M = 20 %, K = 10 %, J = 5 % Rated capacitance First two digits = significant figures Third digit = exponent Voltage (code number)
Series 197A = tinned terminals Sn100 198R = gold-plated terminals
65
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
Specifications and characteristics in brief For characteristic curves see "General Technical Information", page 107 ff. SpeedPower, Low ESR Series Technology Terminals Rated voltage V R (up to 85 C) Rated capacitance CR Capacitance tolerance Operating temperature Failure rate C R * VR 330 F * V C R * VR > 330 F * V C R * VR > 330 F * V Service life Leakage current (VR, 5 min, 20 C) ESRmax (20 C, 100 kHz) Detail specification (tinned terminals) IEC climatic category B45197A Ta-MnO2 Tinned 6,3 ... 50 Vdc 0,47 ... 1000 F B45198R Ta-MnO2 Gold-plated
B45197, B45198
10%, 20% 5% (on request)
- 55 ... +125 C At 40 C; V R, RS 3 /V (1 fit = 1 . 10-9 failures/h)
8 fit 12 fit 24 fit (refer to series B4519*H, "HighCap")
> 500 000 h 10 nA/C 100 ... 2500 m CECC 30801-805 To IEC 60068-1 55/125/56 (- 55/+125 C; 56 days damp heat test)
66
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
Dimensional drawing
L2
B45197, B45198
W2
W2
L 1
W 2
H
P
P Marking
H2
Positive pole marking

KTA0209-E
Encapsulation: molded epoxy resin NiFe; tinned surface Sn100 or gold-plated
Positive pole marking
Case size
Dimensions in mm (inches) L W 2,8 0,2 (,110,008) 3,2 0,3 (,126,012) 4,3 0,3 (,169,012) 4,3 0,3 (,169,012) H 1,9 0,2 (,075,008) 2,5 0,3 (,098,012) 2,8 0,3 (,110,012) 4,1 0,3 (,157,012) L2 typ. 3,3 (,130) 5,8 (,228) 7,1 (,280) 7,1 (,280) W2 0,1 H2 typ. (,004) 2,2 (,087) 2,2 (,087) 2,4 (,094) 2,4 (,094) 1,2 (,047) 1,5 (,059) 1,6 (,062) 1,6 (,062) p 0,3 (,012) 0,8 (,031) 1,3 (,051) 1,3 (,051) 1,3 (,051)
B (20) C (30) D (40) E (50)
3,5 0,2 (,138,008) 6,0 0,3 (,236,012) 7,3 0,3 (,287,012) 7,3 0,3 (,287,012)
67
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
Marking Case size B
Positive pole (bar) Capacitance (in coded form) Rated voltage, (not coded) V R = 6,3 V is abbreviated as 6.
B45197, B45198
Case sizes C, D, E
Positive pole (bar) Manufacturer's logo
EPCOS
EPCOS
Internal code for production equipment (2 to 3 figures) Date code
V
Date code
Internal code for production (2 to 3 figures)
KTA0246-I-E
V
Manufacturer's logo
Rated voltage, (not coded) V R = 6,3 V is abbreviated as 6.
Capacitance (in coded form)
KTA0244-2-E
Capacitance coding 1st and 2nd digit 3rd digit Capacitance in pF Multiplier: 4 = 104 pF 5 = 105 pF 6 = 106 pF 7 = 107 pF
Date coding Year M = 2000 N = 2001 P = 2002 R = 2003 S = 2004 T = 2005 Month 1 = January 2 = February 3 = March 4 = April 5 = May 6 = June
7 = July 8 = August 9 = September O = October N = November D = December
In addition to the year and month of manufacture, the stamp includes another two or three figures which internally allow us an assignment to production equipment.
68
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
B45197, B45198
Overview of available types Series VR (Vdc) up to 85 C CR (F)1) 0,47 0,68 1,0 1,5 2,2 3,3 4,7 6,8 10 15 22 33 47 68 100 150 220 330 470 680 1000 B B B B C D D D D E E Upon request C B B C C C D D E E E E B B B B B C C D D D E D C B B C C C C D D E E E E C C C D D E D B B C D D E E E D D D E B B B C C B B C D E E E D D D E B B B C C B B C D E E E B B B C C D D D D E E B B B B B C D E E E E D E D E B45197A, tinned terminals B45198R, gold-plated terminals 6,3 10 16 20 25 35 50
1) Additional ratings upon request
69
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
Technical data and ordering codes CR VR up to 85C (up to 125C) Vdc 6,3 (4) Case size tan max Ilk, max ESRmax1) (20C, (20C,VR, (20C, 120 Hz) 5 min) 100 kHz)
B45197, B45198
Ordering code 2) Iac (20C, 100 kHz) Tinned terminals A 0,29 0,33 0,35 0,54 0,35 0,56 0,41 0,58 0,41 0,52 0,93 0,86 1,10 1,22 1,28 1,22 1,28 1,22 1,28 1,0 1,28 1,28 1,28 B45197A1106+20* B45197A1156+20* B45197A1226+20* B45197A1226+30* B45197A1336+20* B45197A1336+30* B45197A1476+20* B45197A1476+30* B45197A1686+20* B45197A1686+30* B45197A1686+40* B45197A1107+30* B45197A1107+40* B45197A1157+40* B45197A1157+50* B45197A1227+40* B45197A1227+50* B45197A1337+40* B45197A1337+50* B45197A1477+40* B45197A1477+50* B45197A1687+50* B45197A1108+50*
F
10 15 22 22 33 33 47 47 68 68 68 100 100 150 150 220 220 330 330 470 470 680 1000 Upon request B B B C B C B C B C D C D D E D E D E D E E E 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,08 0,08 0,08 0,08 0,08 0,08 0,12 0,08 0,15 0,12 0,15 0,15
A
0,6 0,9 1,4 1,4 2,1 2,1 3,0 3,0 4,3 4,3 4,3 6,3 6,3 9,5 9,5 14 14 21 21 30 30 43 63
m 1000 700 600 375 600 350 500 325 500 400 175 150 125 100 100 100 100 100 100 150 100 100 100
1) Other values upon request 2) Replace 197A by 198R for gold-plated terminals + Code letter for capacitance tolerance: M = 20 %, K = 10 % (J = 5 % upon request) * Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
70
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
B45197, B45198
VR CR up to 85C (up to 125C) Vdc 10 (6,3)
Case size
tan max Ilk, max ESRmax1) (20C, (20C,VR, (20C, 120 Hz) 5 min) 100 kHz)
Iac Ordering code 2) (20C, 100 kHz) Tinned terminals A 0,24 0,27 0,27 0,52 0,31 0,52 0,31 0,54 0,36 0,54 0,36 0,61 0,87 0,66 1,00 0,66 1,22 1,28 1,22 1,28 1,22 1,28 1,0 1,28 1,28 B45197A2475+20* B45197A2685+20* B45197A2106+20* B45197A2106+30* B45197A2156+20* B45197A2156+30* B45197A2226+20* B45197A2226+30* B45197A2336+20* B45197A2336+30* B45197A2476+20* B45197A2476+30* B45197A2476+40* B45197A2686+30* B45197A2686+40* B45197A2107+30* B45197A2107+40* B45197A2107+50* B45197A2157+40* B45197A2157+50* B45197A2227+40* B45197A2227+50* B45197A2337+40* B45197A2337+50* B45197A2477+50*
F
4,7 6,8 10 10 15 15 22 22 33 33 47 47 47 68 68 100 100 100 150 150 220 220 330 330 470 B B B C B C B C B C B C D C D C D E D E D E D E E 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,08 0,06 0,06 0,06 0,06 0,08 0,08 0,08 0,08 0,08 0,10 0,08 0,12 0,10 0,12
A
0,5 0,7 1,0 1,0 1,5 1,5 2,2 2,2 3,3 3,3 4,7 4,7 4,7 6,8 6,8 10 10 10 15 15 22 22 33 33 47
m 1500 1200 1200 400 900 400 800 375 650 375 650 300 200 250 150 250 100 100 100 100 100 100 150 100 100
1) Other values upon request 2) Replace 197A by 198R for gold-plated terminals + Code letter for capacitance tolerance: M = 20 %, K = 10 % (J = 5 % upon request) * Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
71
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
B45197, B45198
CR VR up to 85C (up to 125C) Vdc 16 (10)
Case size
tan max Ilk, max ESRmax1) (20C, (20C,VR, (20C, 120 Hz) 5 min) 100 kHz)
Iac Ordering code 2) (20C, 100 kHz) Tinned terminals A 0,21 0,24 0,27 0,31 0,49 0,33 0,52 0,56 0,61 0,87 0,61 0,93 0,66 1,0 1,05 1,0 1,28 1,0 1,28 1,28 B45197A3335+20* B45197A3475+20* B45197A3685+20* B45197A3106+20* B45197A3106+30* B45197A3156+20* B45197A3156+30* B45197A3226+30* B45197A3336+30* B45197A3336+40* B45197A3476+30* B45197A3476+40* B45197A3686+30* B45197A3686+40* B45197A3686+50* B45197A3107+40* B45197A3107+50* B45197A3157+40* B45197A3157+50* B45197A3227+50*
F
3,3 4,7 6,8 10 10 15 15 22 33 33 47 47 68 68 68 100 100 150 150 220 B B B B C B C C C D C D C D E D E D E E 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,08 0,08 0,10 0,08 0,10
A
0,5 0,8 1,1 1,6 1,6 2,4 2,4 3,5 5,3 5,3 7,5 7,5 11 11 11 16 16 24 24 35
m 2000 1500 1200 800 450 800 400 350 300 200 300 175 250 150 150 150 100 150 100 100
1) Other values upon request 2) Replace 197A by 198R for gold-plated terminals + Code letter for capacitance tolerance: M = 20 %, K = 10 % (J = 5 % upon request) * Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
72
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
B45197, B45198
CR VR up to 85C (up to 125C) Vdc 20 (13)
Case size
tan max Ilk, max ESRmax1) (20C, (20C,VR, (20C, 120 Hz) 5 min) 100 kHz)
Iac Ordering code 2) (20C, 100 kHz) Tinned terminals A 0,24 0,26 0,29 0,29 0,48 0,29 0,49 0,52 0,87 0,87 0,91 0,77 1,05 0,71 0,91 1,05 0,24 0,27 0,27 0,29 0,46 0,29 0,47 0,49 0,81 0,81 0,85 0,81 0,91 0,77 0,91 0,91 B45197A4225+20* B45197A4335+20* B45197A4475+20* B45197A4685+20* B45197A4685+30* B45197A4106+20* B45197A4106+30* B45197A4156+30* B45197A4226+40* B45197A4336+40* B45197A4336+50* B45197A4476+40* B45197A4476+50* B45197A4686+40* B45197A4686+50* B45197A4107+50* B45197A5155+20* B45197A5225+20* B45197A5335+20* B45197A5475+20* B45197A5475+30* B45197A5685+20* B45197A5685+30* B45197A5106+30* B45197A5156+40* B45197A5226+40* B45197A5226+50* B45197A5336+40* B45197A5336+50* B45197A5476+40* B45197A5476+50* B45197A5686+50*
F
2,2 3,3 4,7 6,8 6,8 10 10 15 22 33 33 47 47 68 68 100 1,5 2,2 3,3 4,7 4,7 6,8 6,8 10 15 22 22 33 33 47 47 68 B B B B C B C C D D E D E D E E B B B B C B C C D D E D E D E E 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,08 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06
A
0,5 0,7 0,9 1,4 1,4 2,0 2,0 3,0 4,4 6,6 6,6 9,4 9,4 14 14 20 0,5 0,6 0,8 1,2 1,2 1,7 1,7 2,5 3,8 5,5 5,5 8,3 8,3 12 12 17
m 1500 1300 1000 1000 475 1000 450 400 200 200 200 250 150 300 200 150 1500 1200 1200 1000 525 1000 500 450 230 230 230 230 200 250 200 200
25 (16)
1) Other values upon request 2) Replace 197A by 198R for gold-plated terminals + Code letter for capacitance tolerance: M = 20 %, K = 10 % (J = 5 % upon request) * Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
73
10/02
Tantalum Chip Capacitors SpeedPower; Low ESR
B45197, B45198
VR CR up to 85C (up to 125C) Vdc 35 (23)
Case size
tan max Ilk, max ESRmax1) (20C, (20C,VR, (20C, 120 Hz) 5 min) 100 kHz)
Iac Ordering code 2) (20C, 100 kHz) Tinned terminals A 0,18 0,18 0,21 0,21 0,21 0,45 0,71 0,71 0,74 0,76 0,80 0,76 0,80 0,76 0,80 0,80 0,85 0,71 0,61 0,74 0,74 B45197A6474+20* B45197A6684+20* B45197A6105+20* B45197A6155+20* B45197A6225+20* B45197A6335+30* B45197A6475+40* B45197A6685+40* B45197A6685+50* B45197A6106+40* B45197A6106+50* B45197A6156+40* B45197A6156+50* B45197A6226+40* B45197A6226+50* B45197A6336+50* B45197A6476+50* B45197A7475+40* B45197A7685+40* B45197A7685+50* B45197A7106+50*
F
0,47 0,68 1,0 1,5 2,2 3,3 4,7 6,8 6,8 10 10 15 15 22 22 33 47 4,7 6,8 6,8 10 B B B B B C D D E D E D E D E E E D D E E 0,04 0,04 0,04 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06 0,06
A
0,5 0,5 0,5 0,5 0,8 1,2 1,6 2,4 2,4 3,5 3,5 5,3 5,3 7,7 7,7 12 16 2,4 3,4 3,4 5,0
m 2500 2500 2000 2000 2000 550 300 300 300 260 260 260 260 260 260 260 230 300 400 300 300
50 (33)
1) Other values upon request 2) Replace 197A by 198R for gold-plated terminals + Code letter for capacitance tolerance: M = 20 %, K = 10 % (J = 5 % upon request) * Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
74
10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B45197AA4226206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X