Part Number Hot Search : 
BUW26 D1001 2N491 C4120 SL2541B 164245 SI9435DY 1SMB120
Product Description
Full Text Search
 

To Download B25835M0104K007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKV AC Capacitors
B25832
MKV AC capacitors
Damping
Ordering code: Date:
B25835 September 2005
(c) EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
MKV AC Capacitors Damping
Features
High dielectric strength High peak-current capability
B25835
Applications
Especially suitable for snubber circuits
Construction

Self-healing Plastic dielectric Oil-impregnated tubular windings (no PCB) Metal-sprayed end faces ensure reliable contacting Cylindrical aluminum case 1-pole version, ceramic lead-through Mounting bolts M8 or M12
Terminals
Tab connector 6.3 mm
Mounting
If the vibration stress is 5 g the bolt is used for mounting.
Grounding
1-pole capacitors need not be grounded.
Individual data sheets Individual data sheets contain detailed specification incl. thermal data. Upon request, these data sheets are available for each capacitor type.
Please read Cautions and warnings and Important notes at the end of this document.
2
09/05
MKV AC Capacitors Damping
Technical data Standards IEC 1071-1/2 EN 61071-1/2 VDE 0560 part 120 and 121 tan 0 2 * 10 -4 10% (dv/dt)max (dv/dt)s Tmin Tmax FQ(co) tLD(co) Tstg i --C IS --C - 25 C + 85 C 95% 300 failures per 109 component hours 100 000 h - 55/+ 85 C 25/085/56
B25835
Dielectric dissipation factor Capacitance tolerance Max. repetitive rate of voltage rise Max. non-repetitive rate of voltage rise Climatic data: Min. operating temperature Max. operating temperature Average relative humidity Failure quota Load duration Storage temperature limit IEC climatic category (IEC 68-1 and 2) Test data: AC test voltage between terminals Insulation resistance Self-discharge time constant Dissipation factor (50 Hz)
V TT R ins
1.25 x VR, 50 Hz, 10 s (or DC 1.75 x V R, 10 s) CR 1 F: 10 000 M
=R ins x C CR > 1 F: 10 000 s tan 3 . 10 -4
Please read Cautions and warnings and Important notes at the end of this document.
3
09/05
MKV AC Capacitors Damping
B25835
Characteristics and ordering codes CR1) F Imax A i A Is A Lself Dimensions Fig. Appr. Ordering code RS 20 C dxl weight m nH mm g vs = 1500 V 25 x 57 25 x 57 25 x 57 30 x 57 30 x 57 45 x 57 60 x 57 1 1 1 1 1 1 1 40 40 40 50 50 110 190 VTT = AC 1150 V, 10 s B25835M6224K007 B25835M6334K007 B25835M6474K007 B25835M6684K007 B25835M6105K007 B25835M6225K007 B25835M6475K007 VTT = AC 1800 V, 10 s B25835M0104K007 B25835M0224K007 B25835M0334K007 B25835M0474K007 B25835M0684K007 B25835M0105K007 B25835M0225K007 VTT = AC 2100 V, 10 s B25835M7104K007 B25835M7224K007 B25835M7474K007 v = 1100 V 220 330 250 370 550 1200 2500 15.0 11.0 19.0 14.0 10.0 6.6 4.6 110 110 110 110 110 110 110
VR = AC 900 V 0.22 0.33 0.47 0.68 1.00 2.20 4.70 10 10 10 18 18 18 18 90 130 100 150 220 480 1000
VR = AC 1400 V 0.10 0.22 0.33 0.47 0.68 1.00 2.20 10 10 10 18 18 18 18 150 220 200 280 400 600 1300 380 550 500 700 1000 1500 3300
v = 1800 V 20.0 18.0 27.0 20.0 15.0 12.0 7.6 110 140 190 190 190 190 190 25 x 57 25 x 70 25 x 95 30 x 95 30 x 95 35 x 95 50 x 95
vs = 2400 V 2 1 1 1 1 1 1 40 50 60 90 90 110 220
VR = AC 1700 V 0.10 0.22 0.47 10 10 18 200 300 660 500 750 1600
v = 2100 V 16.0 15.0 8.4 110 25 x 57 140 25 x 70 140 35 x 70
vs = 2900 V 2 1 1 40 50 90
1) Other capacitance values upon request
Please read Cautions and warnings and Important notes at the end of this document.
4
09/05
MKV AC Capacitors Damping
Characteristics and ordering codes CR1) F Imax A i A Is A Lself Dimensions Fig. Appr. Ordering code RS 20 C dxl weight m nH mm g vs = 3600 V 35 x 95 40 x 95 45 x 95 60 x 131 2 1 1 1 110 140 180 440 v = 2600 V 1900 2700 4000 2800 11.0 8.7 7.1 13.0 190 190 190 250
B25835
VR = AC 2100 V 0.47 0.68 1.00 2.20 18 18 18 18 750 1100 1600 1100
VTT = AC 2600 V, 10 s B25835M1474K007 B25835M1684K007 B25835M1105K007 B25835M1225K007 VTT = AC 4300 V, 10 s B25835M2104K007 B25835M2154K007 B25835M2224K007 B25835M2334K007 B25835M2474K007 B25835M2684K007
VN = AC 3400 V 0.10 0.15 0.22 0.33 0.47 0.68 18 18 18 18 18 18 280 400 600 900 1300 1900 700 1000 1500 2300 3300 4800
v = 4300 V 33.0 24.0 18.0 15.0 12.0 11.0 250 250 250 250 250 250
vs = 5800 V 35 x 131 35 x 131 35 x 131 50 x 131 50 x 131 60 x 131 1 1 1 1 1 1 150 150 150 300 300 440
1) Other capacitance values upon request
Please read Cautions and warnings and Important notes at the end of this document.
5
09/05
MKV AC Capacitors Damping
Dimensional drawing
Tab connector A 6,3 x 0,8 DIN 46 244
B25835
d +0.5 -0.2 mm 25 25 25 25 30 30 35 35 35 35 40 45 45 50 50
l +1 -2 mm 57 57 70 95 57 95 70 95 95 131 95 57 95 95 131 57 131
l1 +1*) l2 max mm 8 8 8 8 8 8 8 8 8 8 8 8 8 12 12 12 12 mm 15 23 23 23 15 23 26 26 32 32 32 22 32 26 32 22 32
Creepage Cleardistance ance mm mm 6 14 14 14 6 14 14 14 20 20 20 10 20 14 20 10 20 6 14 14 14 6 14 14 14 20 20 20 10 20 14 20 10 20
d
l1
l
l2
KLK1408-5
60 60 *)
8 mm =threaded bolt M8 12 mm =threaded bolt M12
Mounting parts (included in delivery) Threaded bolt M8 M12 Max. torque 4 Nm 10 Nm Washer A 8.4 DIN 125-Ms A 13, DIN 125-Ms 6 09/05 Hex nut M 8 DIN 439 M12 DIN 439
Please read Cautions and warnings and Important notes at the end of this document.
MKV AC Capacitors Damping
Cautions and warnings Safety
B25835
In case of dents of more than 1 mm depth or any other mechanical damage, capacitors must not
be used at all. This applies also in cases of oil leakage.
Electrical or mechanical misapplication of capacitors may be hazardous. Personal injury or prop-

erty damage may result from bursting of the capacitor or from expulsion of oil or melted material due to mechanical disruption of the capacitor. Ensure good, effective grounding for capacitor enclosures. Observe appropriate safety precautions during operation (self-recharging phenomena and the high energy contained in capacitors). Handle capacitors carefully, because they may still be charged even after disconnection. The terminals of capacitors, connected bus bars and cables as well as other devices may also be energized. Follow good engineering practice. Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
Thermal load After installation of the capacitor it is necessary to verify that maximum hot-spot temperature is not exceeded at extreme service conditions (see www.epcos.com/thermal_design). Mechanical protection The capacitor has to be installed in a way that mechanical damages and dents in the aluminum can are avoided. Storage and operating conditions Do not use or store capacitors in corrosive atmosphere especially where chloride gas, sulfide gas, acid, alkali, salt or the like are present. In dusty environments, regular maintenance and cleaning especially of the terminals is required to avoid conductive path between phases and/or phases and ground. Overpressure disconnector To ensure full functionality of an overpressure disconnector, the following must be observed:
The elastic elements must not be hindered, i.e.
- connecting lines must be flexible leads (cables), - there must be sufficient space (minimum 12 mm) above the connections for expansion of the overpressure disconnector, - folding crimps must not be retained by clamps. Stress parameters of the capacitor must be within the IEC61071 specification. Service life expectancy Electrical components do not have an unlimited service life expectancy; this applies to self-healing capacitors too. The maximum service life expectancy may vary depending on the application the capacitor is used in.
7
09/05
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as "hazardous"). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SilverCap, SIFI, SIMID, SIKOREL, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
8
09/05


▲Up To Search▲   

 
Price & Availability of B25835M0104K007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X