Part Number Hot Search : 
MCM40256 NTE30002 C16LF BD00FC NCE40H20 PDR3G MMA1270D PWR5921
Product Description
Full Text Search
 

To Download AZ830-2C-5DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ830
POLARIZED DIP RELAY SINGLE SIDE STABLE
FEATURES * * * * * * * * * * Low profile for compact board spacing DC coils to 48 VDC High sensitivity, 100 mW pickup Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric Life expectancy to 100 million operations High switching capacity, 60 W, 125 VA Fits standard 16 pin IC socket Epoxy sealed UL file E43203 (UL1950); CSA file LR 88413
GENERAL DATA
Life Expectancy Mechanical Electrical Minimum operations 1 x 108 1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC 2 x 106 at 1 A, 30 VDC or .5 A, 125 VAC (see table for additional figures) 3 ms at nominal coil voltage 2 ms at nominal coil voltage (with no coil suppression) Contact to contact: 1.0 pF Contact set to contact: 1.0 pF Contact to coil: 2.0 pF At 10 mA contact current 1.5 ms at operate N.O. side 2.5 ms at operate N.C. side 1500 Vrms contact to coil 1000 Vrms between contact sets 1000 Vrms across contacts Meets FCC Part 68.302 lightning surge Meets FCC Part 68.304 V dielectric 1000 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage Standard: -40C (-40F) to 70C (158F) Sensitive: -40C (-40F) to 85C (185F) Both: -40C (-40F) to 105C (221F) 0.062" (1.5 mm) DA at 10-55 Hz 40 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 5 grams
CONTACTS
Arrangement Ratings DPDT (2 Form C) Bifurcated crossbar contacts Resistive load: Max. Max. Max. Max. Rated Load UL Material switched power: 60 W or 125 VA switched current: 2 A switched voltage: 250 VDC or 300 VAC carry current: 3A
Operate Time (typical) Release Time (typical) Capacitance
2 A at 30 VDC 1 A at 120 VAC Silver alloy, gold clad. Silver palladium, gold clad available upon request (not recommended for current greater than 1 Amp). < 50 milliohms initially
Bounce (typical)
Dielectric Strength (at sea level)
Resistance
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature Standard coil: 200 mW Sensitive coil: 100 mW 1.0 W at 20C (68F) 0.9 W at 40C (104F) Standard: 38C (68F) at nominal coil voltage Sensitive: 21C (38F) at nominal coil voltage Max. 115C (239F)
Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock
NOTES
1. 2. 3. 4. All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Relay has fixed coil polarity. For complete isolation between the relay's magnetic fields, it is recommended that a .197" (5.0 mm) space be provided between adjacent relays. 5. Relay adjustment may be affected if undue pressure is exerted on relay case. 6. Specifications subject to change without notice.
Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-08-14
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ830
RELAY ORDERING DATA
STANDARD COIL COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 48 Max. Continuous VDC 7.5 9.0 18.0 36.0 72.0 Coil Resistance Ohm 10% 62.5 90 360 1,440 5,760 Must Operate VDC 3.5 4.2 8.4 16.8 33.6 VOLTAGE POWER 50 W 60 W 40 W 20 W 60 W 40 W 20 W 120 VA 80 VA 40 VA 120 VA 80 VA 40 VA 125 VA 80 VA 40 VA 50 mV 30 VDC 30 VDC 30 VDC 60 VDC 60 VDC 60 VDC 30 VAC 30 VAC 30 VAC 60 VAC 60 VAC 60 VAC 125 VAC 125 VAC 125 VAC
TYPICAL CONTACT LIFE EXPECTANCY
NUMBER OF OPERATIONS RESISTIVE LOAD 5x 107 5 x 105 1 x 106 3 x 106 5 x 105 1 x 106 3 x 106 5 x 105 1 x 106 3 x 106 5 x 105 1 x 106 3 x 106 5 x 105 1 x 106 3 x 106 INDUCTIVE LOAD 5 x 107 15 x 104 3 x 105 1 x 106 -- -- -- 15 x 104 3 x 105 1 x 106 15 x 104 3 x 105 1 x 106 15 x 104 3 x 105 1 x 106
ORDER NUMBER*
AZ830-2C-5DE AZ830-2C-6DE AZ830-2C-12DE AZ830-2C-24DE AZ830-2C-48DE
SENSITIVE RELAYS
5 6 12 24 48 11.0 13.0 26.0 53.0 106.0 125 180 720 2,880 11,520 3.5 4.2 8.4 16.8 33.6 AZ830-2C-5DSE AZ830-2C-6DSE AZ830-2C-12DSE AZ830-2C-24DSE AZ830-2C-48DSE
* Add suffix "A" for silver palladium gold clad contacts.
MECHANICAL DATA
.788 (20.0) .015 (0.38)
NOTES: 1. Relays operated at nominal coil voltage. 2. Inductive load tests are at 0.7 power factor. 3. Table represents typical life figures and are not guaranteed minimums.
PC BOARD LAYOUT
0.03 DIA (0.8) (8 HOLES) .044 (1.1) REF
Maximum Switching Capacity
10.0
9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0
.138 (3.5)
.386 (9.8)
.044 (1.1) REF
.044 (1.1) .300 (7.61)
.200 (5.07) .200 (5.07) .390 (9.9)
Viewed toward terminals
Current
(.024 .005) (0.6 0.13) TYP
0.1 (2.54)
1.0
.9 .8 .7 .6 .5 .4 .3 .2
AC Resistive Load DC Resistive Load
WIRING DIAGRAM
+
1
4
6
8
-
16
.012 .005 (0.3 0.13) TYP
13
11
9
(WATCH FOR POLARITY)
Viewed toward terminals
Voltage
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
Coil Temperature Rise
Standard
110 Full Load 100 60 Full Load
Sensitive
Coil Temperature Rise C
80 No Load 70 60 50 40 30 20 10
Coil Temperature Rise C
90
50 No Load 40
30
20
10 60% 80% 100% 120% 140% 160% 180% 60% 8 0% 100% 120% 140% 160% 180%
Percent of Nominal Coil Voltage
Percent of Nominal Coil Voltage
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-08-14
Junkersstrasse 3, D-82178 Puchheim, Germany
1000
100
10
.1
50 60 70 80 90
400 500 600 700 800 900
20
30
40
200
300


▲Up To Search▲   

 
Price & Availability of AZ830-2C-5DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X