Part Number Hot Search : 
S3L06 SM6A27 TLA5000 24FJ64G BUX20 016222 34063AD 1KOHM
Product Description
Full Text Search
 

To Download AT5658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT5658
Preliminary Product Information 4-ch Motor Driver for CD/VCD Player Features
* External resistor allows gain adjustment * Built in general-purpose OP-amp * Built in mute function * Built in 5V regulator.(with external PNP Tr.) * Built in thermal shutdown circuit * Operating range 6~13.2V
General Description
The AT5658 is a 4-ch BTL driver for driving tracking actuator, focus actuator, sled motor and loading motor of CD/CD-ROM/DVD system, and can also drive spindle motor of CD system. With built-in 5V regulator and general-purpose op amp, it support a variety of application.
Applications
* Compact disk player (CDP) * Video compact disk player (VCD) * Automotive compact disk player
Block Diagram
Aimtron reserves the right without notice to change this circuitry and specifications.
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 WWW: http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 1
AT5658
Preliminary Product Information 4-ch Motor Driver for CD/VCD Player
Pin Configuration
Ordering Information
Part number AT5658H Package 28-pin HSOP Marking AT5658H
Pin Description
Pin No. Symbol Descript Pin No Symbol Descript
1 2 3 4 5 6 7 8 9 10 11 12 13 14
DO1.1 CH1output (-) DO1.2 CH1 output (+) DI1.1 DI1.2 REG REO CH1 input 1 CH1 input 2 Regulator base Regulator output, 5V
15 16 17 18 19 20 21 22 23 24 25 26 27 28
OPIN(-) Op-amp input (-) OPIN(+) Op-amp input (+) DO3.1 CH3 output (-) DO3.2 CH3 output (+) DI3.1 DI3.2 VCC1 VCC2 DI4.1 DI4.2 CH3 input 1 CH3 input 2 Supply voltage 1 Supply Voltage 2 CH4 input 1 CH4 input 2
MUTE Mute GND1 Ground 1 DI2.1 DI2.2 CH2 input 1 CH2 input 2
VREF CH bias input
DO2.1 CH2 output (+) DO2.2 CH2 output (-) GND2 Ground 2 OPOUT Op-amp output
DO4.1 CH4 output (+) DO4.2 CH4 output (-) GND3 Ground 3
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 WWW: http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 2
AT5658
Preliminary Product Information 4-ch Motor Driver for CD/VCD Player
Absolute Maximum Ratings
(Ta=+250C )
Parameter Maximum supply voltage Power dissipation Storage temperature
NOTE:*1
Symbol VCCMAX PD TSTG
Limits 13.5 1.7 *1 -55~+150
Unit V W
1. Use base condition:100x100mm, t=1.6mm, copper leaf 50%, glass epoxy mounting. 2. Derating is done at 13.6mW/C for operation above Ta=25C
Recommended Operating Conditions
(Ta=+250C)
Parameter Operatong supply voltage Operational voltage
Symbol Vcc TOPR Min. 5.5 -35
Values Typ. Max. 13.2 +85
Unit V
Power Dissipation (Ta = 25oC)
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 WWW: http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 3
AT5658
Preliminary Product Information 4-ch Motor Driver for CD/VCD Player
Electrical Characteristics
(unless otherwise noted, Ta=25, Vcc1 =Vcc2=8V, RL=8, and f=1kHz )
Parameter Quiescent circuit current Output voltage offset Output voltage "H" Output voltage "L" Gain (Close circuit) Ripple rejection Slew rate Mute-off voltage Output voltage Load regulation Line regulation Offset voltage Input bias current "H" level output voltage "L" level output voltage
Symbol ICCQ VOO VOHD VOLD GVC RR SR VMOFF VREG VRL VCC
Condition Under no-load ---VIN=0.1Vrms, f=1kHz VIN=0.1Vrms, f=100Hz VOUT=3Vp-p square wave, f=100kHz -IL=100mA IL=0~200mA VCC=6~9V, IL=100mA ----50, at VCC 50, at ground VIN=75dBV, f=1kHz VOUT=4Vp-p square wave, f=100kHz VIN=-20dBV,f=100kHz VIN=-20dBV, f=1kHz 5.5 -40 5.2 -7.0 --2.0 4.75 -40 -10 -5 -6.0 -10 10 ---70
Values Min. Typ. Max. 8.0 -5.6 1.3 8.0 60 2.0 -5.0 0 0 0 20 --50 40 78 1 65 84 10.5 40 -1.55 9.0 ---5.25 10 25 5 300 -1.8 -------
Unit mA mV V V dB dB V/S V V mV mV mV nA V V mA mA dB V/S dB dB
BTL Driver
Regulator
Op-amp
VOFOP IBOP VOHOP VOLOP Output drive current (sink) ISINK Output drive current ISOURCE (source) Voltage gain (open circuit) GVO Slew rate SROP RROP CMRR
Ripple rejection Common mode rejection ratio
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 WWW: http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 4
AT5658
Preliminary Product Information 4-ch Motor Driver for CD/VCD Player
Application Information 1. Mute
MUTE High(>2.0V) Low(<0.5V) Open
Mute circuit Turn-OFF Turn-ON Turn-ON
* 2. Thermal Shutdown
* The VREF BG is the output voltage of the band-gap-referenced biasing circuit and acts as the input
voltage of the TSD circuit. The base-emitter voltage of the TR, Q11 is designed to turn-on at below voltage. VBE = VREF BG x R12 / (R11+R12) = 460mV * When the chip temperature rises up to 175C, then the turn-on voltage of the Q11 would drop down to 460mV.(Hysteresis: 25), the Q11 would turn on so the output circuit will be muted.
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 WWW: http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 5
AT5658
Preliminary Product Information 4-ch Motor Driver for CD/VCD Player
3. Regulator
VOUT = VREF BG x 2 = 2.5 x 2 = 5V (R2 = R3)
4. Driver
Gain( dB ) 20 x log(2 x
R2 ) R1
*The voltage, VREF, is the reference voltage given by the bias voltage of the pin 23. It can be reduced the total gain of BTL drive part, use additional series resistor into the input pin (pin3,10,19,25). It can also increase or decrease the voltage gain of the CH1,CH4 using adjustable pin (pin4,9,20,2424) by inserting an external series resistor.
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 WWW: http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 6
AT5658
Preliminary Product Information 4-ch Motor Driver for CD/VCD Player
Input VO+ VSIN>VBIN VSIN=VBIN VSINOuput VOLow VP High
Status Forward Break Reverse
1 * VP = VCC1 2
5. If the bias pin (23pin) drops below 1.4V, the output current is muted. Make sure that under normal operating conditions, this pin is at 1.6V or above. 6. If the power supply voltage drops below 4.5V typ., the drivers are turned OFF. When the voltage exceeds 4.7V typ., the drivers return to their previous state.
Typical Application Circuit
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 WWW: http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 7
AT5658
Preliminary Product Information 4-ch Motor Driver for CD/VCD Player VCD Player Motor Driver Circuit
Package Outlines (units:mm): HSOP-28
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 WWW: http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 8


▲Up To Search▲   

 
Price & Availability of AT5658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X