Part Number Hot Search : 
CFRM103 AM7947 DG200 J110A C13005 24D300 PD030 D1GD1
Product Description
Full Text Search
 

To Download AP4515GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4515GM
Pb Free Plating Product
Advanced Power Electronics Corp.
Simple Drive Requirement Lower Gate Charge Fast Switching Performance RoHS Compliant
SO-8 SO-8
D2 D1 D2 D1 D1 D1 D2 D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON) ID
G2 G2 S2 G1S2 G1 S1 S1
35V 22m 7.7A -35V 40m -5.7A
D2
P-CH BVDSS RDS(ON) ID
D1
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness.
G1
G2 S1 S2
The SO-8 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters.
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 35 20 7.7 6.2 30 2.0 0.016 -55 to 150 -55 to 150 P-channel -35 12 -5.7 -4.6 -30
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit /W
Data and specifications subject to change without notice
200408051-1/7
AP4515GM
N-CH Electrical Characteristics@Tj=25 C(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
o
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 35 1 -
Typ. 0.03 12 11 3.5 6 11 5 23 5 950 150 100 2.6
Max. Units 22 36 3 1 25 30 18 1520 4 V V/ m m V S uA uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=7A VGS=4.5V, ID=5A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70oC)
o
VDS=VGS, ID=250uA VDS=10V, ID=7A VDS=30V, VGS=0V VDS=24V, VGS=0V VGS=20V ID=7A VDS=32V VGS=4.5V VDS=15V ID=1A RG=3.3,VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=1.7A, VGS=0V IS=7A, VGS=0V dI/dt=100A/s
Min. -
Typ. 18 12
Max. Units 1.2 V ns nC
Reverse Recovery Time Reverse Recovery Charge
2/7
AP4515GM
P-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (T j=25 C) Drain-Source Leakage Current (T j=70 C)
o o
Test Conditions VGS=0V, ID=-250uA
2
Min. -35 -1 -
Typ. -0.03 8 10 2 6 10 6 30 10 700 175 130 6
Max. Units 40 70 -3 -1 -25 30 16 1120 9 V V/ m m V S uA uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25,ID=-1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
VGS=-10V, ID=-5A VGS=-4.5V, ID=-3A VDS=VGS, ID=-250uA VDS=-10V, ID=-5A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS=12V ID=-5A VDS=-25V VGS=-4.5V VDS=-15V ID=-1A RG=3.3,VGS=-5V RD=15 VGS=0V VDS=-25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=-1.7A, VGS=0V IS=-5A, VGS=0V dI/dt=-100A/s
Min. -
Typ. 19 13
Max. Units -1.2 V ns nC
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135/W when mounted on min. copper pad.
3/7
AP4515GM
N-Channel
60 60
T A = 25 o C ID , Drain Current (A)
10V 7.0V ID , Drain Current (A)
T A =150 o C
40
10V 7.0V
40
5.0V 4.5V
5.0V 4.5V
20
20
V G =3.0V
0 0 2 4 6 8 0
0 2 4 6
V G =3.0V
8
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
55
1.8
ID=5A T A =25 o C
45
I D =7A V G =10V Normalized RDS(ON)
1.4
RDS(ON) (m )
35
1.0
25
-6.3 -5
15
0.6 2 4 6 8 10 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.6
7
Normalized VGS(th) (V)
1.2
1.2
T j =150 o C IS(A)
3.5
T j =25 o C
0.8
0 0 0.2 0.4 0.6 0.8 1
0.4 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
4/7
AP4515GM
N-Channel
f=1.0MHz
12
10000
10
VGS , Gate to Source Voltage (V)
ID=7A V DS = 25 V
8
6
C (pF)
1000
C iss
4
2
C oss C rss
100
0 0 4 8 12 16 20 24
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
0.2
10
100us ID (A) 1ms
1
0.1
0.1
0.05
PDM
0.02 0.01
10ms 100ms
0.1
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 135/W
0.01
Single Pulse
T A =25 o C Single Pulse
1s DC
10 100
0.01 0.1 1
0.001 0.0001 0.001 0.01 0.1 1 10 100
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
40
V DS =5V ID , Drain Current (A)
30
VG
T j =25 o C
T j =150 o C
QG 4.5V QGS QGD
20
10
Charge
0 0 2 4 6 8
Q
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
5/7
AP4515GM
P-Channel
50
50
T A = 25 o C
40
-10 V - 7.0 V
40
T A =150 C
o
-10 V - 7.0 V
-ID , Drain Current (A)
-ID , Drain Current (A)
- 5.0 V
30
30
- 5.0 V - 4.5 V
- 4.5 V
20
20
10
10
V G = - 3.0 V
V G = -3.0 V
0 0 2 4 6 8
0 0 2 4 6 8
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
110
1.7
I D = -3 A
90
T A =25 o C Normalized RDS(ON)
I D = -5 A V G = -10 V
1.4
RDS(ON) (m)
70
1.1
50
0.8
30
0.5
2
4
6
8
10
-50
0
50
100
150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
5
4
Normalized -VGS(th) (V)
1.2
1.1
-IS(A)
3
T j =150 o C
2
T j =25 o C
0.7
1
0 0 0.2 0.4 0.6 0.8 1
0.3 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
6/7
AP4515GM
P-Channel
f=1.0MHz
12
1000
-VGS , Gate to Source Voltage (V)
10
I D =-5A V DS =-25V
C iss
8
6
4
C (pF)
C oss
2
C rss
0 0 5 10 15 20
100
1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
0.2
10
100us 1ms -ID (A)
1
0.1
0.1
0.05
10ms 100ms
0.02
0.01
PDM
0.01
Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + T a Rthja = 135/W
0.1
T A =25 o C Single Pulse
1s DC
0.01 0.1 1 10 100
0.001 0.0001 0.001 0.01 0.1 1 10 100
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
40
V DS =-5V -ID , Drain Current (A)
30
VG
T j =25 o C T j =150 o C
QG -4.5V
20
QGS
QGD
10
Charge
0 0 2 4 6 8
Q
-V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
7/7


▲Up To Search▲   

 
Price & Availability of AP4515GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X