Part Number Hot Search : 
30NS04 MC3479 KP20A K3662 5KP22 C4532 5KP22 MAX3397
Product Description
Full Text Search
 

To Download AP4513GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4513GH
Pb Free Plating Product
Advanced Power Electronics Corp.
Simple Drive Requirement Good Thermal Performance Fast Switching Performance
S1 G1 S2 G2 D1/D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON) ID P-CH BVDSS RDS(ON) ID
35V 42m 10A -35V 75m -8A
TO-252-4L
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness.
D1
D2
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 35 20 10 6 50 7.8 0.063 -55 to 150 -55 to 150 P-channel -35 20 -8 -5 -50
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case
3 3
Value Max. Max. 16 110
Units /W /W
Thermal Resistance Junction-ambient
Data and specifications subject to change without notice
200929041
AP4513GH
N-CH Electrical Characteristics@Tj=25 C(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
o
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 35 1 -
Typ. 0.03 10 6 2 3 8 7 20 4 460 85 60 1
Max. Units 42 60 3 1 25 100 10 740 1.5 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=7A VGS=4.5V, ID=5A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150oC)
o
VDS=VGS, ID=250uA VDS=10V, ID=7A VDS=35V, VGS=0V VDS=28V, VGS=0V VGS=20V ID=7A VDS=28V VGS=4.5V VDS=15V ID=1A RG=3.3,VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=7A, VGS=0V IS=7A, VGS=0V dI/dt=100A/s
Min. -
Typ. 18 12
Max. Units 1.2 V ns nC
Reverse Recovery Time Reverse Recovery Charge
AP4513GH
P-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (T j=25 C) Drain-Source Leakage Current (T j=150 C)
o o
Test Conditions VGS=0V, ID=-250uA
2
Min. -35 -1 -
Typ. -0.03 7 6 1.2 3 7 7 16 3 400 90 60 7.2
Max. Units 75 105 -3 -1 -25 100 10 640 11 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25,ID=-1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
VGS=-10V, ID=-5A VGS=-4.5V, ID=-3A VDS=VGS, ID=-250uA VDS=-10V, ID=-5A VDS=-35V, VGS=0V VDS=-28V, VGS=0V VGS=20V ID=-5A VDS=-28V VGS=-4.5V VDS=-15V ID=-1A RG=3.3,VGS=-10V RD=15 VGS=0V VDS=-25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=-5A, VGS=0V IS=-5A, VGS=0V dI/dt=-100A/s
Min. -
Typ. 21 14
Max. Units -1.2 V ns nC
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.N-CH , P-CH are same .
AP4513GH
N-Channel
30 30
T C =25 C
o
10V 7.0V ID , Drain Current (A) 5.0V
T C = 150 o C
10V 7.0V
ID , Drain Current (A)
20
20
5.0V 4.5V
10
4.5V
10
V G =3.0V V G =3.0V
0 0 1 2 3 4 5 0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
180
1.8
I D =5A
140
T C =25 o C Normalized RDS(ON)
1.4
I D =7A V G =10V
RDS(ON0 (m )
100
1.0
60
20
2 4 6 8 10
0.6
-50
0
50
100
150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
5
4
3
T j =150 o C
2
T j =25 o C
1
0 0 0.2 0.4 0.6 0.8 1 1.2
Normalized VGS(th) (V)
1.1
IS(A)
0.7
0.3 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j ,Junction Temperature (
o
C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4513GH
N-Channel
f=1.0MHz
12
1000
VGS , Gate to Source Voltage (V)
ID=7A V DS =2 8 V
9
C iss
C (pF)
6
100
C oss C rss
3
0 0 4 8 12 16
10
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthjc)
Duty factor=0.5
100us
10
0.2
0.1
ID (A)
0.1
0.05
PDM
0.02
1
t T
Single Pulse
1ms T C =25 o C Single Pulse
0.1 0.1 1 10
0.01
10ms 100ms DC
100
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
0.01 0.00001 0.0001 0.001 0.01 0.1 1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
20
V DS =5V
15
VG QG 4.5V QGS QGD
ID , Drain Current (A)
T j =25 o C
T j =150 o C
10
5
Charge
0
Q
0
2
4
6
8
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
AP4513GH
P-Channel
30 30
T C =25 C
o
- 10V - 7.0V - 5.0V -ID , Drain Current (A) - 4.5V
20
T C = 150 C
o
- 10V - 7.0V
-ID , Drain Current (A)
20
- 5.0V - 4.5V
10
10
V G = - 3.0V
V G = - 3.0V
0 0 1 2 3 4 5 6
0 0 1 2 3 4 5 6
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
500
1.8
I D = -3 A
400
T C =25 C Normalized R DS(ON)
1.4
o
I D = -5 A V G = - 10V
RDS(ON) (m )
300
200
1.0
100
0
2 4 6 8 10
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
4
3
Normalized -VGS(th) (V)
1.1
-IS(A)
2
T j =150 o C
T j =25 o C
0.7
1
0
0.3 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4513GH
P-Channel
f=1.0MHz
12 1000
10
-VGS , Gate to Source Voltage (V)
I D =-5A V DS =-28V
C iss
8
C (pF)
6
100
C oss C rss
4
2
0
0.0 3.0 6.0 9.0 12.0 15.0 18.0
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100.00
1
100us
10.00
Normalized Thermal Response (Rthjc)
Duty factor=0.5
0.2
0.1
-ID (A)
0.1
0.05
ZZZZ
T C =25 o C Single Pulse
1.00
1ms 10ms 100ms DC
10 100
PDM
0.02
t T
0.01
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
Single Pulse
0.10 0.1 1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
20
V DS =5V ID , Drain Current (A)
15
VG QG -4.5V
T j =25 o C
10
T j =150 o C
QGS
QGD
5
Charge
0
Q
0
2
4
6
8
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4513GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X