Part Number Hot Search : 
80006 CDLL3154 M8504 TC124 5A17B TA1322F 05D12 00152
Product Description
Full Text Search
 

To Download AP2305N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2305N
Advanced Power Electronics Corp.
Simple Drive Requirement Small Package Outline Surface Mount Device
S D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
-20V 65m - 4.2A
Description
SOT-23
G
D
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, , low on-resistance and cost-effectiveness. The SOT-23 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters.
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1,2 3 3
Rating - 20 12 -4.2 -3.4 -10 1.38 0.01 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
Data and specifications subject to change without notice
2004280301
AP2305N
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=-250uA
Min. -20 -0.5 -
Typ. -0.1
Max. Units 53 65 100 250 -1 -10 100 V V/ m m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-4.5A VGS=-4.5V, ID=-4.2A VGS=-2.5V, ID=-2.0A VGS=-1.8V, ID=-1.0A
9 10.6 2.32 3.68 5.9 3.6 32.4 2.6 740 167 126
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=55 C)
o o
VDS=VGS, ID=-250uA VDS=-5V, ID=-2.8A VDS=-20V, VGS=0V VDS=-16V, VGS=0V VGS= 12V ID=-4.2A VDS=-16V VGS=-4.5V VDS=-15V ID=-4.2A RG=6,VGS=-10V RD=3.6 VGS=0V VDS=-15V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=-1.2A, VGS=0V IS=-4.2A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 27.7 22
Max. Units -1.2 V ns nC
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
AP2305N
40
36
T A =25 C
30
o
-5.0V
32
TA=150oC
-5.0V -4.0V
28
ID , Drain Current (A)
ID , Drain Current (A)
-4.0V
24
65m
-3.0V
20
20
-3.0V
16
12
10
8
V G = -2.0V
0 0 2 4 6 8 10
V G = -2.0V
4
0 0 2 4 6 8
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
160
1.8
I D =-4.2A T A =25 o C Normalized RDS(ON)
120
1.6
I D = -4.2A V GS = -4.5V
1.4
RDS(ON) ( )
1.2
80
1
0.8
40 0 1 2 3 4 5 6
0.6 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
100
10 1
1
VGS(th) (V)
0.5 0 -50
T j =150 o C
IS(A)
T j =25 o C
0.1
0.01 0 0.4 0.8 1.2 1.6
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature (
o
C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP2305N
12 10000
f=1.0MHz
I D = -4.2A
10
VGS , Gate to Source Voltage (V)
V DS = -16V
8 1000
65m
Ciss
6
C (pF)
Coss
100
4
Crss
2
0 0 5 10 15 20 25
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
DUTY=0.5
Normalized Thermal Response (Rthja)
0.2
10
0.1
0.1
1ms -ID (A)
1
0.05
PDM t
0.01
10ms 100ms
0.1
T Single Pulse
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 270/W
0.01
T A =25 C Single Pulse
0.01 0.1 1 10
o
1s DC
100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
RD VDS D
TO THE OSCILLOSCOPE 0.8 x RATED VDS
D
VDS
TO THE OSCILLOSCOPE 0.75 x RATED VDS
G S VGS
RG
G
S -10 V VGS
-1~-3mA IG ID
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit


▲Up To Search▲   

 
Price & Availability of AP2305N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X