Part Number Hot Search : 
SK273 STRLPBF 300AC BZX83C 4836N MPS712 E1209 RB095
Product Description
Full Text Search
 

To Download AMC7169 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMC7169
www.addmtek.com DESCRIPTION The AMC7169 is a two terminal LED protector with low dropout voltage rated for 500mA bypass current. Low operation current at monitoring mode and high bypass current capability at triggered mode. Build-in reverse diode for bypass reversed supply voltage. The AMC7169 is designed for parallel connection with power LED. It bypasses LED driving current when LED at open circuit condition. It also bypasses LED driving current at reverse connected driving current to LED.
500mA LED PROTECTOR
FEATURES 5V Protection Trigger Voltage 500mA Bypass Current Capability 1V Bypass Dropout Voltage 500mA Reverse Current Capability 8KV ESD Protection 2-Lead 2mm x 2mm FBP Package
APPLICATIONS LED Lighting LED backlight for LCD TV/ Monitor High Power LED Protection
PACKAGE PIN OUT
2-Pin 2x2 FBP (Top View)
TYPICAL APPLICATION
7169
7169
7169
7169
7169
7169
7169
7169
+
-
+
-
Constant Current LED Driver
ORDER INFORMATION TA ( C ) -40 to 85
Note:
W
2x2 FBP 2-pin
AMC7169WF (Lead Free)
1. All surface-mount packages are available in Tape & Reel. Append the letter "T" to part number (i.e. AMC7169WFT). 2. The letter "F" is marked for Lead Free process.
Copyright (c) 2006 ADDtek Corp.
1
DD073_A --
JUNE 2006
AMC7169
ABSOLUTE MAXIMUM RATINGS Input Voltage, VAC Maximum Operating Junction Temperature, TJ Storage Temperature Range Lead Temperature (soldering, 10 seconds)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal. (Note)
40V 150C -65C to 150C 260C
I-V CURVE
+ IA C
0 .5 A
-V A C
-1 V 1 .0 V 5 .0 V
+ V AC
-I A C
RECOMMENDED OPERATING CONDITIONS Parameter Input Voltage By pass Current (with adequate heat sinking) Reverse Current Operating ambient temperature range Operating junction temperature Symbol VAC IBP IR TA TJ ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA=25 OC, and are for DC characteristics only. (Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Min.
Typ.
Max. 38 500 500
Units V mA mA
O
-40
85 125
C C
O
Parameter Trigger Voltage Drop-out Voltage Reverse Drop-out Voltage Monitoring Current Break-over Current Trigger Delay Time
Copyright (c) 2006 ADDtek Corp.
Symbol VTR VDO VRDO IMAC IBAC tD
Conditions IAC =350mA IR = 350mA VAC = 3.5V IAC=350mA
2
Min 4.65
Typ 4.9 1 1.1 100
Max 5.15 1.2 1.3 150 20
Units V V V uA mA nS
100
DD073_A
-- JUNE 2006
AMC7169
APPLICATION INFORMATION Monitoring Mode: The forward voltage drop (Vf) of all LEDs should be less than 4V, which is lower than AMC7169 trigger voltage 5.0V. All AMC7169 at monitoring mode would only sink ~uA current from the system.
7169
7169
7169
7169
7169
7169
7169
7169
+
-
+ ILED
-
Constant Current LED Driver
Triggered Mode: Any LED may become open circuit because of LED damage or wiring problem. When it happens, the voltage drop across adjacent AMC7169 starts to increase, and then AMC7169 will be trigged when the voltage drop reaches 5V. The dropout voltage on AMC7169 will be around 1V and the LED current ILED will be bypassed to next LED. All LEDs will work well except the abnormal LED bypassed.
7169
7169
7169
7169
7169
7169
7169
7169
+
-
ILED
+
-
Constant Current LED Driver
Reverse Mode: When the LED string was reversed connected to the driver, the AMC7169 build-in reverse protection diode was turned-on to bypass the current. Such that the reverse voltage on LEDs was reduced to prevent LED damage.
7169
7169
7169
7169
7169
7169
7169
7169
-
+
ILED
+
-
Constant Current LED Driver
Copyright (c) 2006 ADDtek Corp.
3
DD073_A
-- JUNE 2006
AMC7169
PACKAGE
2x2 FBP
Unit: mm
Copyright (c) 2006 ADDtek Corp.
4
DD073_A
-- JUNE 2006
AMC7169
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. ADDtek integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. Use of ADDtek products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer's applications, the customer should provide adequate design and operating safeguards. ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of its products to the specifications applicable at the time of sale.
ADDtek Corp. 9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105 TEL: 2-25700299 FAX: 2-25700196
Copyright (c) 2006 ADDtek Corp.
5
DD073_A
-- JUNE 2006


▲Up To Search▲   

 
Price & Availability of AMC7169

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X