Part Number Hot Search : 
BU400 AHE8I 7C1462A 284168 M27C32 C1317 PC817X LQ104V1
Product Description
Full Text Search
 

To Download 4020-00-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Non-destructive testing of all standard telecom protectors User-friendly operation with automatic power-on, test initiation and rest Long-life lithium batteries Lightweight, hand-held unit for C.O. or O.S.P. use

Optional A.C. power adapter Optional C.O. rack mounting kit Heavy duty, spring loaded 5-pin sockets rated for 1,000,000 operations
4020-01 - Surge Protector Test Set for Telecom
Description
Bourns(R) 4020-01 Surge Protector Test Set is a hand-held, battery-operated tester designed to test industry standard 5-pin modules and station protectors. 5-pin modules may be tested for breakdown, insulation leakage, heat coil resistance and bridge-lifter operation. Station protectors can be tested for breakdown and insulation resistance. The 4020-01 will test standard carbon, gas tube and solid-state protectors as well as silicon avalanche diode and metal oxide varistor devices.
Operation
Inserting a 5-pin module into one of the blue-coded sockets automatically tests the module for breakdown voltage, insulation leakage and 4-style heat coil resistance. Test values are maintained on integral LCD meters until the module is removed. Separate blue-coded sockets are provided for testing tip and ring. Inserting a 5-pin module into one of the orange-coded sockets automatically tests for proper operation of the special bridgelifter circuitry found in standard orange protector modules. Green and red LEDs indicating pass or fail remain lit until the module is removed. Separate orange-coded sockets are provided for testing tip and ring. Banana jacks and test leads are provided for testing station protectors. Pushing the test button automatically performs the breakdown voltage and insulation leakage tests. The test values are maintained until the test button is released.
Specifications
GENERAL Power Source ........................................................................................... 3 NEMA 5024 lithium batteries or external 18 VDC Battery Life .......................................................................................................................................................... >10,000 tests Accuracy ............................................................................................................................................................. 1 % 1 count Operating Temperature .......................................................................................................................................... 0 to +50 C Shipping Weight ............................................................................................................................................................... 3 lbs. DCBD TEST (See notes 1 & 2) Voltage Rate of Rise ................................................................................................ 2000 V/s or 200 V/ms internally selected Test Current .......................................................................................................................................................... 1 mA 10 % Voltage Range ..................................................................................................................................................... 0 to 900 volts LEAKAGE TEST (See note 2) Voltage Rate of Rise ........................................................................................................................................... 0 to 900 volts Test Current ..................................................................................................................................................................... 20 A Voltage Range ............................................................................................................................................................. 2000 V/s HEAT COIL RESISTANCE TEST Resistance Range ........................................................................................................................................... 0 to 199.9 ohms Storage Temperature .......................................................................................................................................... -10 to +60C BRIDGE LIFTER TEST Test for ON State ....................................................................................................................................... 20 mA and 15 volts Test for OFF State .......................................................................................................................................... 1 mA and 5 volts Notes: 1. 3-mil carbon blocks - and to a lesser extent, closely spaced gas discharge tubes, can occasionally develop a filament between the electrodes. On these protectors, a separate burn-out operation is recommended to clear the protector when low breakdown voltage and/or leakage voltage are indicated. 2. For P-type solid-state protectors, breakover voltage V BO occurs at the device zener voltage VZ. Therefore the tester will measure actual VBO. For N-type solid state protectors, V BO is higher than VZ and in these cases, the tester will measure VZ.
REV. B Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
4020-01 - Surge Protector Test Set for Telecom
Product Dimensions
DIMENSIONS =
MILLIMETERS (INCHES)
196.85 (7.75)
BREAKDOWN DC Breakdown or Clamping Voltage at 1mA BREAKDOWN
V
LEAKAGE HEAT COIL Tip Ring Tip Ring
BRIDGE LIFTER
LEAKAGE Peak Voltage for 20uA Leakage to Ground
V
Pos Neg
Pass Fail
133.35 (5.25)
BREAKDOWN and LEAKAGE for Station Protectors HEAT COIL Series Heat Coil Resistance in Ohms
TEST
+
-
High Voltage Output
SURGE PROTECTOR TEST SET
226.06 (8.90) 246.38 (9.70) 63.50 (2.50)
How To Order
Part No. Description 4020-01 .......... Test Set with Red & Black Leads Available Separately: 4020-00-A ...... A.C. Power Adapter 4020-00-C ...... Rack Mount Kit for C.O.
Reliable Electronic Solutions
Asia-Pacific: TEL +886- (0)2 25624117 FAX +886- (0)2 25624116 Europe: TEL +41-41 7685555 FAX +41-41 7685510 North America: TEL +1-909 781-5500 FAX +1-909 781-5700
bourns.com
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 4020-00-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X