Part Number Hot Search : 
MHW5185B DTA143Z 9P0FZE ISL85 1348G AWT6107 MXUPT33 0ETTT
Product Description
Full Text Search
 

To Download 3315R-001-006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features

Miniature package for design flexibility Long operating life Conductive plastic element Bushing or PC board mount Quadrature output RoHS compliant versions available*
*R
3315 - 9 mm Square Sealed Incremental Encoder
Electrical Characteristics
Output ..........................................................................................................2-bit gray code, Channel A leads Channel B electrically turning clockwise (CW) Closed Circuit Resistance ..............................................................................................................................................................................5 ohms maximum Contact Rating ..........................................................................................................................................................................................TTL compatible loads Insulation Resistance (500 VDC)........................................................................................................................................................1,000 megohms minimum Dielectric Withstanding Voltage Sea Level ..................................................................................................................................................................................................900 VAC minimum Electrical Travel..........................................................................................................................................................................................................Continuous Contact Bounce ..................................................................................................................................................................................5 milliseconds maximum RPM (Operating) ..................................................................................................................................................................................................120 maximum
Environmental Characteristics
Operating Temperature Range ........................................................................................................................................-40 C to +125 C (-40 F to +257 F) Storage Temperature Range............................................................................................................................................-55 C to +125 C (-67 F to +257 F) Humidity....................................................................................................................................................................MIL-STD-202, Method 103B, Condition B Vibration ..............................................................................................................................................................................................................................30 G Contact Bounce ............................................................................................................................................................................5.0 millisecond maximum Shock ................................................................................................................................................................................................................................100 G Contact Bounce ............................................................................................................................................................................5.0 millisecond maximum Rotational Life ......................................................................................................................................................................................100,000 cycles @ 6 PPR 25,000 cycles @ 16 PPR IP Rating ..............................................................................................................................................................................................................................IP 67
Mechanical Characteristics
Mechanical Angle ............................................................................................................................................................................................360 Continuous Running Torque ........................................................................................................................................................................3.53 N-cm (5 oz.-in.) maximum Mounting Torque Plastic Bushing..................................................................................................................................................................45.19 N-cm (4.0 lb.-in.) maximum Metal Bushing ........................................................................................................................................................................79 N-cm (7.0 lb.-in.) maximum Weight ..............................................................................................................................................................................................................4.5 gm (0.15 oz.) Terminals ............................................................................................................................................................................................................Solderable pins Soldering Condition Manual Soldering ..................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire; 370 C (700 F) max. for 3 seconds Wave Soldering............................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 C (500 F) max. for 5 seconds Wash Processes ..........................................................For recommended wash processes, please refer to http://www.bourns.com/pdfs/sldclen.pdf Marking................................................................................................................................................Manufacturer's trademark, part number, and date code Hardware ..................................................One lockwasher and one mounting nut are shipped with each encoder, except where noted in the part number.
Suggested Incremental Control Diagram
.0015 f 7 9 DIRECTION 5 ms DELAY DEBOUNCE (MC 14490) DECODE LOGIC MAGNITUDE UP/DOWN COUNTER BINARY OUTPUT (CUSTOMER LOGIC CIRCUITRY)
Quadrature Output Table
Clockwise Channel A Channel B Channel C
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
3315 - 9 mm Square Sealed Incremental Encoder
Part Numbering System
3315 Y - 0 0 1 - 006 L
Model Number Designator 3315 = 9 mm Encoder Terminal Style Designator C = In-line Straight Terminals Side Exit R = In-line Terminals Rear Exit P = 5.08 mm x 2.54 mm Triangular Pattern Rear Exit Y = 5.08 mm x 5.08 mm Triangular Pattern Rear Exit Shaft End Designator 0 = Shaft End Slotted 1 = Shaft End Flatted Shaft Length Designator 0 = 12.7 mm FMS Long Plastic Shaft (Available w/bushing only) 1 = 19.05 mm FMS Long Plastic Shaft (Available w/bushing only) 2 = 5.59 mm FMS (Bushingless version only) Bushing Designator 1 = 6.35 mm x 6.35 mm Plastic 2 = 6.35 mm x 6.35 mm Ni Plated Brass 5 = Bushingless (Board Level) Pulses per Revolution Code 006 = 6 PPR 016 = 16 PPR Terminals L = RoHS compliant (100 % tin plated finish) Blank = Standard (tin/lead plated finish)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
3315 - 9 mm Square Sealed Incremental Encoder
Product Dimensions
COMMON DIMENSIONS
3315-001
Plastic Bushing Slotted Shaft
9.53 .25 (.375 .010)
3315C-001
3315Y-001
C
9.53 .25 (.375 .010)
B 9.53 .25 (.375 .010) .391 .38 (.154 .015) 2.54 .25 (.100 .010)
9.53 .25 A (.375 .010)
.51 .05 DIA. (.020 .002) SOLDER PLATED COPPER PINS 2.54 .25 (.100 .010)
B 5.97 .89 (.235 .035) 2.54 .25 (.100 .010)
C
A
2.54 .25 (.100 .010) 5.97 .89 (.235 .035)
B
C
A
3315P-001
C 9.53 .25 (.375 .010)
5.08 .25 (.200 .010)
1/4-32 UNEF-2A THREADED PLASTIC BUSHING MOUNTING SURFACE .38 (.015) MIN. STANDOFF
B 4.75 MIN. FULL (.187) THREAD
A 9.53 .25 (.375 .010)
2.54 .38 (.100 .015)
DIA. 3.18 .05 (.125 .002)
COMMON DIMENSIONS
3315C-101
2.54 .25 (.100 .010) 2.54 .25 (.100 .010)
Plastic Flatted Shaft
4.83 .25 (.190 .010) 5.18 .38 (.204 .015)
6.35 (.250) 12.70 .64 (.500 .025) ADJUSTMENT SLOT .64 .10 WIDE (.025 .004) X .76 .25 DEEP (.030 .010)
6.35 .08 (.250 .003) MOUNTING DIA.
2.54 .25 (.100 .010)
5.97 .89 (.235 .035)
MOUNTING SURFACE 4.83 (.190)
4.83 .38 (.190 .015)
2.39 (.094) C 12.70 .64 (.500 .025) FROM MOUNTING SURFACE A
6.35 .08 (.250 .003) MOUNTING DIA.
3315R-001
R
.76 .05 X .76 HIGH (.030 .002 X .030) ANTI-ROTATION BOSS
B
7.62 (.300) DIA. MOUNTING SURFACE
.38 (.015) MIN. STANDOFF 4.78 (.188) .51 4 PLACES (.020)
2.54 .25 (.100 .010)
2.54 .25 (.100 .010)
5.97 .89 (.235 .035)
DIMENSIONS:
MOUNTING HOLE PATTERN
4.78 (.188) 1.70 0.03 (.067 .001) DIA. 6.53 0.03 (.257 .001) DIA. 2.54 .25 (.100 .010)
MM (IN.)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
3315 - 9 mm Square Sealed Incremental Encoder
Product Dimensions
3315P-101
B
C A
COMMON DIMENSIONS
3315-002
Metal Bushing
9.53 .25 (.375 .010)
3315P-002
B
C A
2.54 .25 (.100 .010)
2.54 .25 (.100 .010) 5.97 .89 (.235 .035) .51 .05 DIA. (.020 .002) SOLDER PLATED COPPER PINS
9.53 .38 (.375 .015)
2.54 .25 (.100 .010)
5.97 .89 (.235 .035) 2.54 .25 (.100 .010)
4.83 .38 (.190 .015)
4.83 .38 (.190 .015)
2.54 .25 (.100 .010)
3315R-002
C
3315R-101
C
1/4-32 UNEF-2A THREADED PLASTIC BUSHING MOUNTING SURFACE A .38 (.015) MIN. STANDOFF
6.35 .08 (.250 .003) MOUNTING DIA. 3.18 .05 (.125 .002) DIA.
B
A 5.97 .89 (.235 .035)
B
2.54 .25 (.100 .010)
2.54 .25 (.100 .010) 5.97 .89 (.235 .035)
5.11 .25 (.201 .010) 6.35 .64 (.250 .025)
6.35 (.250) 12.70 .64 (.500 .025) ADJUSTMENT SLOT .64 .10 WIDE (.025 .004) X .76 .25 DEEP (.030 .010) B A 5.97 .89 (.235 .035)
.76 (.029)
2.54 .38 (.100 .015)
2.54 .25 (.100 .010)
3315Y-002
C
3315Y-101
C .76 .05 X .97 R HIGH 7.62 (.030 .002 X .038) (.300) ANTI-ROTATION DIA. MOUNTING BOSS SURFACE
B
A
5.08 .38 (.200 .015) 2.54 .38 (.100 .015)
2.54 .25 (.100 .010)
2.54 .25 (.100 .010)
.38 (.015) MIN. STANDOFF
5.08 .25 (.200 .010)
5.97 .89 (.235 .035)
.76 2 PLCS. (.030)
DIMENSIONS:
MM (IN.)
3315C-002
2.54 .38 (.100 .015)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
B
C
A
5.08 .51 (.200 .020)
3315 - 9 mm Square Sealed Incremental Encoder
Product Dimensions
3315P-025
Bushingless
C B A 9.53 .25 (.375 .010)
3315Y-025
Bushingless
C 9.53 .25 (.375 .010)
B
9.53 .25 A (.375 .010)
2.54 .25 (.100 .010)
2.54 .25 (.100 .010) .51 .05 7.62 .20 DIA. DIA. (.020 .002) (.300 .008) SOLDER PLATED 6.35 .20 COPPER PINS DIA. (.250 .008) .38 MIN. STANDOFF (.015)
2.54 .25 (.100 .010)
2.54 .25 (.100 .010)
5.97 .89 (.235 .035) 2.54 .25 (.100 .010)
5.97 .89 (.235 .035) 5.08 .25 (.200 .010)
.51 .05 DIA. (.020 .002) SOLDER PLATED COPPER PINS .38 MIN. STANDOFF (.015)
4.83 .38 (.190 .015) .51 .10 (.020 .004) 5.18 .64 (.204 .025) 5.59 .38 (.220 .015) ADJUSTMENT SLOT .64 .10 WIDE (.025 .004) X .76 .25 DEEP (.030 .010)
3.18 .05 DIA. (.125 .002)
2.54 .38 (.100 .015) 5.18 .64 (.204 .025) 5.59 .38 (.220 .015)
.38 (.015) MIN. STANDOFF
.38 (.015) MIN. STANDOFF DIMENSIONS:
MM (IN.)
REV. 04/06 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 3315R-001-006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X