Part Number Hot Search : 
F060214 RKZ33DKU 555C1H1 MK3722 C1005CH1 4200KFB MAX5186 RGP10K
Product Description
Full Text Search
 

To Download TDA1517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA1517; TDA1517P 2 x 6 W stereo power amplifier
Product specification Supersedes data of 1995 Dec 15 File under Integrated Circuits, IC01 1998 Apr 28
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
FEATURES * Requires very few external components * High output power * Fixed gain * Good ripple rejection * Mute/standby switch * AC and DC short-circuit safe to ground and VP * Thermally protected * Reverse polarity safe * Capability to handle high energy on outputs (VP = 0 V) * No switch-on/switch-off plop * Electrostatic discharge protection. QUICK REFERENCE DATA SYMBOL VP IORM Iq(tot) Isb Isw |ZI| Po SVRR cs Gv Vno(rms) Tc PARAMETER supply voltage repetitive peak output current total quiescent current standby current switch-on current input impedance output power supply voltage ripple rejection channel separation closed loop voltage gain noise output voltage (RMS value) crystal temperature RL = 4 ; THD = 0.5% RL = 4 ; THD = 10% fi = 100 Hz to 10 kHz CONDITIONS - - - - 50 - - 48 40 19 - -
TDA1517; TDA1517P
GENERAL DESCRIPTION The TDA1517 is an integrated class-B dual output amplifier in a plastic single in-line medium power package with fin (SIL9MPF) and a plastic heat-dissipating dual in-line package (HDIP18). The device is primarily developed for multi-media applications.
MIN. 6.0 -
TYP. 14.4 40 0.1 - - 5 6 - - 20 50 -
MAX. 18.0 2.5 80 100 40 - - - - - 21 - 150
UNIT V A mA A A k W W dB dB dB V C
ORDERING INFORMATION TYPE NUMBER TDA1517 TDA1517P PACKAGE NAME SIL9MPF HDIP18 DESCRIPTION plastic single in-line medium power package with fin; 9 leads plastic heat-dissipating dual in-line package; 18 leads VERSION SOT110-1 SOT398-1
1998 Apr 28
2
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
BLOCK DIAGRAM
TDA1517; TDA1517P
handbook, full pagewidth
non-inverting input 1
1 60 k
mute switch
Cm
4 VA 2 k 18 k power stage
output 1
VP 8 stand-by switch VA 15 k x1 supply voltage ripple rejection output 3 15 k mute reference voltage 18 k mute switch stand-by reference voltage mute/stand-by switch input
TDA1517
2 k non-inverting input 2 VA 9 60 k input reference voltage mute switch signal ground 2 SGND 7 VP Cm power stage power ground 5 (substrate)
MLC351
6
output 2
PGND
Fig.1 Block diagram.
1998 Apr 28
3
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
PINNING SYMBOL -INV1 SGND SVRR OUT1 PGND OUT2 VP M/SS -INV2 PIN 1 2 3 4 5 6 7 8 9 non-inverting input 1 signal ground
TDA1517; TDA1517P
DESCRIPTION
supply voltage ripple rejection output output 1 power ground output 2 supply voltage mute/standby switch input non-inverting input 2
ndbook, halfpage
INV1 SGND SVRR OUT1 PGND OUT2 VP M/SS INV2
1 2 3 4 5 6 7 8 9
MLC352
ndbook, halfpage
INV1 SGND SVRR OUT1
1 2 3 4 5 6 7 8 9
MLC353
18 17 16 15 TDA1517P 14 13 12 11 10
TDA1517
PGND OUT2 VP M/SS INV2
Pins 10 to 18 should be connected to GND or floating.
Fig.2 Pin configuration for SOT110-1.
Fig.3 Pin configuration for SOT398-1.
FUNCTIONAL DESCRIPTION The TDA1517 contains two identical amplifiers with differential input stages. The gain of each amplifier is fixed at 20 dB. A special feature of the device is the mute/standby switch which has the following features: * Low standby current (<100 A) * Low mute/standby switching current (low cost supply switch) * Mute condition. 1998 Apr 28 4
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VP VP(sc) VP(r) ERGO IOSM IORM Ptot Tstg Tamb Tc PARAMETER supply voltage AC and DC short-circuit safe voltage reverse polarity energy handling capability at outputs non-repetitive peak output current repetitive peak output current total power dissipation storage temperature operating ambient temperature crystal temperature see Fig.4 VP = 0 V CONDITIONS
TDA1517; TDA1517P
MIN. - - - - - - - -55 -40 -
MAX. 18 18 6 200 4 2.5 15 +150 +85 150 V V V
UNIT
mJ A A W C C C
THERMAL RESISTANCE SYMBOL Rth j-c Rth j-p Rth j-a TYPE NUMBER TDA1517 TDA1517P PARAMETER thermal resistance from junction to case thermal resistance from junction to pins 8 15 VALUE UNIT K/W K/W K/W
TDA1517; TDA1517P thermal resistance from junction to ambient 50
handbook, halfpage
18
MLC354
P (W) 12 (1)
(2) 6
0 25 0 50 100 150 o T amb ( C)
(1) Rth j-c = 8 K/W. (2) Rth j-p = 15 K/W.
Fig.4 Power derating curve.
1998 Apr 28
5
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
DC CHARACTERISTICS VP = 14.4 V; Tamb = 25 C; measured in Fig.6; unless otherwise specified. SYMBOL Supply VP Iq(tot) VO V8 VO Isb Vsw Note supply voltage total quiescent current DC output voltage note 1 PARAMETER CONDITIONS
TDA1517; TDA1517P
MIN.
TYP.
MAX.
UNIT
6.0 - -
14.4 40 6.95 - - - 12
18.0 80 - -
V mA V
Mute/standby switch switch-on voltage level see Fig.5 8.5 - - - V
Mute condition output signal in mute position VI(max) = 1 V; fi = 20 Hz to 15 kHz 2 mV A A
Standby condition DC current in standby condition switch-on current 100 40
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
1998 Apr 28
6
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
TDA1517; TDA1517P
AC CHARACTERISTICS VP = 14.4 V; RL = 4 ; f = 1 kHz; Tamb = 25 C; measured in Fig.6; unless otherwise specified. SYMBOL Po THD flr fhr Gv SVRR PARAMETER output power total harmonic distortion low frequency roll-off high frequency roll-off closed loop voltage gain supply voltage ripple rejection on mute standby |Zi| Vno input impedance noise output voltage on on mute cs |Gv| Notes 1. Output power is measured directly at the output pins of the IC. 2. Frequency response externally fixed. 3. Ripple rejection measured at the output with a source impedance of 0 , maximum ripple amplitude of 2 V (p-p) and a frequency between 100 Hz and 10 kHz. 4. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz. 5. Noise output voltage independent of Rs (VI = 0 V). channel separation channel unbalance Rs = 0 ; note 4 Rs = 10 ; note 4 note 5 Rs = 10 - - - 40 - 50 70 50 - 0.1 - 100 - - 1 V V V dB dB note 3 48 48 80 50 - - - 60 - - - 75 dB dB dB k CONDITIONS THD = 0.5%; note 1 THD = 10%; note 1 Po = 1 W at -3 dB; note 2 at -1 dB 4 5.5 - - 20 19 MIN. 5 6.0 0.1 45 - 20 TYP. - - - - - 21 MAX. UNIT W W % Hz kHz dB
1998 Apr 28
7
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
TDA1517; TDA1517P
handbook, halfpage
18 V11 (V)
8.5 6.4
3.3 2 0
,,,,,,, ,,,,,,, ,,,,,,, ,,,,,,, ,,,,,,, ,,,,,,, ,,,,,,, ,,,,,,,
MLC355
ON (IP = 40 mA)
mute (IP = 40 mA)
standby (I P
100 A)
Fig.5 Standby, mute and on conditions.
APPLICATION INFORMATION
handbook, full pagewidth
standby switch 100 F 3 input reference voltage internal 1/2 V P 8 7 VP 100 nF 2200 F
TDA1517
220 nF input 1 60 k 1 20 dB 20 dB 60 k 9 220 nF input 2
2
5 1000 F
4
6
MLC356
signal ground
power ground
1000 F
Fig.6 Application circuit diagram.
1998 Apr 28
8
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
PACKAGE OUTLINES SIL9MPF: plastic single in-line medium power package with fin; 9 leads
TDA1517; TDA1517P
SOT110-1
D
D1 q P P1 A2
A3 q1 q2
A A4 seating plane E pin 1 index
L 1 Z b2 e b b1 wM 9 Q
c
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 18.5 17.8 A2 max. 3.7 A3 8.7 8.0 A4 15.8 15.4 b 1.40 1.14 b1 0.67 0.50 b2 1.40 1.14 c 0.48 0.38 D (1) 21.8 21.4 D1 21.4 20.7 E (1) 6.48 6.20 e 2.54 L 3.9 3.4 P 2.75 2.50 P1 3.4 3.2 Q 1.75 1.55 q 15.1 14.9 q1 4.4 4.2 q2 5.9 5.7 w 0.25 Z (1) max. 1.0
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT110-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-02-25
1998 Apr 28
9
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
TDA1517; TDA1517P
HDIP18: plastic heat-dissipating dual in-line package; 18 leads
SOT398-1
D seating plane
ME
A2
A
A1 L
Z
e
b1 b b2 10
wM
c (e 1) MH
18
pin 1 index E
1
9
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.7 0.19 A1 min. 0.51 0.02 A2 max. 3.7 0.15 b 1.40 1.14 0.06 0.04 b1 0.67 0.50 0.03 0.02 b2 1.05 0.75 0.04 0.03 c 0.47 0.38 0.02 0.01 D (1) 21.85 21.35 0.87 0.84 E (1) 6.5 6.2 0.26 0.24 e 2.54 0.10 e1 7.62 0.30 L 3.9 3.1 0.15 0.12 ME 8.32 8.02 0.33 0.32 MH 8.7 7.7 0.34 0.30 w 0.25 0.01 Z (1) max. 1.0 0.04
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT398-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 94-04-13 95-01-25
1998 Apr 28
10
Philips Semiconductors
Product specification
2 x 6 W stereo power amplifier
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (order code 9398 652 90011). Soldering by dipping or by wave The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA1517; TDA1517P
with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. Repairing soldered joints Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds.
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1998 Apr 28
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
SCA59
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
545102/25/03/pp12
Date of release: 1998 Apr 28
Document order number:
9397 750 03772


▲Up To Search▲   

 
Price & Availability of TDA1517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X