Part Number Hot Search : 
AD7245SE C3680 HZS11LC3 RA70C11 2SJ414 KAQY210H FDH34SG 1N582
Product Description
Full Text Search
 

To Download SW-314-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs SP4T Absorptive Switch, DC-3.0 GHz
Features
* * * * * * * * Integral TTL Driver Isolation: 50 dB Typ. At 1 GHz Ultra Low DC Power Consumption Hermetic Surface Mount Package 50 Ohms Nominal Impedance MIL-STD-883 Screening Available Lead-Free CR-14 Package 260C Reflow Compatible
SW-314-PIN V6
Functional Block Diagram
PIN 13 C3 C4 GND GND GND RF3 GND C2 PIN 12 C1 Vcc Vee GND RF2 GND GND RF1 GND GND RFC PIN 1
Description
M/A-COM's SW-314-PIN is a GaAs MMIC SP4T absorptive switch with an integral silicon ASIC driver. This device is in a 24-lead ceramic surface mount package. These switches exhibit excellent performance from DC to 3 GHz, with very low DC power dissipation. The SW-314-PIN is ideally suited for RF/IF communications applications. Environmental screening is available. Contact the factory for information.
GND RF4 GND GND PIN 24 GND
Pin Configuration
Pin No.
1 2
Function
RFC GND GND RF1 GND GND RF2 GND Vee Vcc C1 C2
Pin No.
13 14 15 16 17 18 19 20 21 22 23 24
Function
C3 C4 GND GND GND RF3 GND GND RF4 GND GND GND
Ordering Information
Part Number
SW-314-PIN SW-314-TB
3 4
Package
Bulk Packaging Sample Test Board
5 6 7 8
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
9 10 11 12
The metal bottom of the case must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SP4T Absorptive Switch, DC-3.0 GHz
Electrical Specifications: (From -55C to +85C), Z0 = 50 1,2
Parameter
Insertion Loss
SW-314-PIN V6
Test Conditions
--
Frequency
DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz -- -- -- 0.05 GHz 0.5 GHz to 3 GHz 0.05 GHz 0.5 GHz to 3 GHz 0.05 GHz 0.5 GHz to 3 GHz -- -- --
Units
dB dB dB dB dB dB dB dB Ratio Ratio Ratio Ratio Ratio Ratio Ratio Ratio ns ns mV dBm dBm dBm dBm dBm dBm V V mA
Min
-- -- -- -- 50 40 35 30 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.5 -8.0 --
Typ
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 7 25 20 +20 +27 +35 +46 +45 +60 5.0 -- 0.2
Max
1.3 1.4 1.6 1.8 -- -- -- -- 1.6:1 1.6:1 1.6:1 1.8:1 1.3:1 1.5:1 1.9:1 2.4:1 -- -- -- -- -- -- -- -- -- 5.5 -5.0 4.0
Isolation
--
VSWR
RFC, RF1 - RF4 (On)
VSWR
RF1 - RF4 (Off)
Trise, Tfall Ton, Toff Transients 1 dB Compression IP3 IP2 Vcc Vee Icc
10% to 90% 50% Control to 90% / 10% RF In-Band (peak-peak) Input Power Two-Tone Input Power up to +5 dBm Two-Tone Input Power up to +5 dBm -- -- Vcc = 4.5 to 5.5 V Vctl = 0 to 0.8V, or Vcc -2.1V to Vcc Vee = -5.0V to -8.0V Logic 0 (TTL) Logic 1 (TTL) 0 to 0.8V 2.0 to 5.0V
Iee Vctl Vctl Input Leakage Current (Low) Input Leakage Current (High) 1. 2.
-- -- -- -- --
mA V V A A
-- 0.0 2.0 -- --
0.1 -- -- -- --
1.0 0.8 5.0 1.0 1.0
All specifications apply when operated with bias voltages of +5V for Vcc and -5V for Vee. When DC blocks are used, a 10K ohm return to GND is required on the RFC port.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SP4T Absorptive Switch, DC-3.0 GHz
Absolute Maximum Ratings 3,4
Parameter
Max Input Power 0.05 GHz 0.5 - 3.0 GHz 5 Bias Voltages Vcc Vee Control Voltage 6 Operating Temperature Storage Temperature 3. 4. 5. 6.
SW-314-PIN V6
Recommended PCB Configuration
Absolute Maximum
+27 dBm +34 dBm -0.5 to +5.5V -8.5V to +0.5V -0.5V, to Vcc +0.5V -55C to +125C -65C to +150C
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. When the input power is applied to the terminated port, the absolute maximum is +30 dBm. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
Truth Table (Switch)
TTL Control Inputs Condition of Switch RF Common to Each RF Port C1
1 0 0 0
Handling Procedures
Please observe the following precautions to avoid damage:
C2
0 1 0 0
C3
0 0 1 0
C4
0 0 0 1
RF1
On Off Off Off
RF2
Off On Off Off
RF3
Off Off On Off
RF4
Off Off Off On
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
0 = TTL Low; 1 = TTL High
Typical Performance Curves
Insertion Loss vs. Frequency
+8 5C 2 +2 5C - 55C
Isolation vs. Frequency
90 80
Isolation dB
1.5
70 60 50 40 30 20 10
Loss (dB)
1
0.5
0 0.0 0.5 1.0 1.5 2.0 2.5 3
0 0.0 0.5 1.0 1.5 2.0 2.5 3
F re que nc y (G H z)
F re que nc y ( G H z)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SP4T Absorptive Switch, DC-3.0 GHz SW-314-PIN V6
Typical Performance Curves
VSWR vs. Frequency
RFC 2.20 2.00 1.80 R F 1- R F 4 ( O f f ) R F 1- R F 4 ( O n)
Lead-Free, CR-14 Ceramic Package
VSWR
1.60 1.40 1.20 1.00 0.0 0.5 1.0 1.5 2.0 2.5 3
F re que nc y ( G H z)
Reference Application Note M538 for lead-free solder reflow recommendations.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of SW-314-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X