Part Number Hot Search : 
LH168M SD233R NTE5541 ABS0908 EL4332CS PC28F128 HPR106V LTC1703
Product Description
Full Text Search
 

To Download SRF10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRF1020 THRU SRF10100
Isolation 10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 100 Volts Current 10.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
ITO-220AB
.1 34 (3 .4) D IA .11 3 ( 3 .0 )D I A
.112 (2 .85 ) .10 0 ( 2 .5 5)
. 2 72 ( 6 .9 ) . 2 48 ( 6 .3 )
Mechanical Data
Cases: ITO-220AB molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MILSTD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260OC/10 seconds .25",(6.35mm) from case. Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
. 6 06 (1 5. 5) . 5 83 (1 4. 8)
. 11 0 (2 .8 ) .09 8 ( 2 . 5 )
. 5 43 (1 3. 8) . 5 12 (1 3. 2)
PIN 1 PIN 3 PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRF SRF SRF Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @5.0A Maximum D.C. Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM VF IR RJC Cj TJ TSTG
1020 20 14 20
1030 30 21 30
1040 40 28 40
SRF 1050 50 35 50
SRF SRF Units 1060 10100 60 100 V 42 70 V 60 100 V A A
10.0 175 0.55 0.5 50 3.5 300 -65 to +125 -65 to +150 -65 to +150 4.0 0.70 0.90
V mA mA /W pF
Notes: 1. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate. 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 142 -
RATINGS AND CHARACTERISTIC CURVES (SRF1020 THRU SRF10100)
FIG.1- FORWARD CURRENT DERATING CURVE
12.5 300
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
250 200 150 100
AVERAGE FORWARD CURRENT. (A)
10
SR F10
7.5
50-
SR F10 20-
101 00
5
104 0
2.5
50 0 1
0 0 50 100 o CASE TEMPERATURE. ( C) 150
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
50
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=100 0C
1.0 Tj=75 C
0
10
SR
F
2 10
0-
10
40
010 60 01 00
SR
F
5 10
.10
SR
F1
Tj=25 0C
1.0
.01
.001
0
20
40
60
80
100
120
140
0.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000 Tj=25 0C f=1.0MHz Vsig=50mVp-p
2000
JUNCTION CAPACITANCE.(pF)
1000 800 600 400
200
100
.1
.4
1.0
4
10
40
80 100
REVERSE VOLTAGE. (V)
- 143 -


▲Up To Search▲   

 
Price & Availability of SRF10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X