Part Number Hot Search : 
W52NK25Z FR020EPL STF10200 SF512K3 M5237 MHW916 BD718 1N5341B
Product Description
Full Text Search
 

To Download SD103AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD103AW THRU SD103CW
Schottky Barrier Switching Diode
Voltage Range 20 to 40 Volts 400m Watts Power Dissipation
Features
Low forward voltage drop Guard ring construction for transient protection Negligible reverse recovery time Low reverse capacitance
0.053(1.35) Max.
SOD-123
0.022(0.55) Typ. Min.
Mechanical Data
Case: SOD-123, plastic Polarity: Cathode band Terminals: Solderable per MIIL-STD-202, Method 208 Marking: Date Code and Type Code or Date Code only Type Code: SD103AW S4 SD103BW S5 SD103CW S6 Weight: 0.01 grams (approx.)
0.152(3.85) 0.140(3.55)
0.112(2.85) 0.100(2.55)
0.010(0.25) Min.
0.006(0.15) Typ. Min.
0.067(1.70) 0.55(1.40)
0.004(0.10) Max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Maximum Ratings Type Number Symbol SD103AW SD103BW SD103CW Units
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-repetitive Peak Forward Surge Current @ t 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
VRRM VRWM VR VR(RMS)
40 28
30 21 350 1.5 400 300 -65 to + 125
20 14
V V mA A mW
O
IFM IFSM
Pd RJA TJ, TSTG
C /W
O
C
Electrical Characteristics Type Number
Reverse Breakdown Voltage (Note 2) SD103AW IR=100uA SD103BW IR=100uA SD103CW IR=100uA Peak Reverse Current SD103AW VR=30V SD103BW VR=20V SD103CW VR=10V
Symbol
V(BR)
Min
40 30 20 -
Typ
-
Max
-
Units
V
IR
VF
50 10
5.0 0.37 0.60 -
uA V Pf nS
Forward Voltage Drop Junction Capacitance Reverse Recovery Time
VR=0, f=1.0MHz Cj IF=IR=200mA trr Irr=0.1 x IR, RL=100 Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature. 2. Pulse Test: Pulse width = 300uS, Duty cycle 2%.
- 30 -
RATINGS AND CHARACTERISTIC CURVES (SD103AW - SD103CW)
FIG.1- TYPICAL FORWARD CHARACTERISTICS FIG.2- JUNCTION CAPACITANCE VS REVERSE VOLTAGE
1000
100
IF, FORWARD CURRENT (mA)
100
Cj, CAPACITANCE (pA)
10
10
1.0
1.0
0.10
0.01
0
0.5
VF, FORWARD VOLTAGE (V)
1.0
0.1 0 10 20 30 40
VR, REVERSE VOLTAGE (V)
- 31 -


▲Up To Search▲   

 
Price & Availability of SD103AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X