Part Number Hot Search : 
BAV21S UL104BC CY14B10 KDV141E D2148H TDA1558Q BAS116L 2D010LS
Product Description
Full Text Search
 

To Download SC99906068 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SC Series: MIS Chip Capacitors
Features

Readily available from stock High reliability silicon oxide-nitride dielectric Low loss--typically 0.04 dB in a 50 system Operation through 26 GHz Wide temperature operation Available lead (Pb)-free, RoHS-compliant, and Green
Description
Skyworks MIS Chip Capacitors are available in a wide range of sizes and capacitance values. They are frequently used in applications requiring DC blocking, RF bypassing, or as a fixed capacitance tuning element in filters, oscillators, and matching networks. The devices have a dielectric composed of thermally grown silicon dioxide over which a layer of silicon nitride is deposited. This dielectric possesses a low temperature coefficient of capacitance and very high insulation resistance. The devices also exhibit excellent long-term stability making them suitable for high-reliability applications. The capacitors have a high dielectric breakdown which permits the use of thin dielectrics resulting in large capacitance per unit area. The temperature coefficient is less that 50 ppm/C, and operation is suitable from -65 C to 200 C. Compared to ceramic capacitors, Skyworks MIS chip capacitors offer higher Q, and a lower insertion loss of 0.04 dB, in a 50 system. Insulation resistance is greater than 105 M . To accommodate high-volume automated assembly methods, wafers can be supplied on expanded film frame. To reduce cost, chips can be supplied packaged in vials with sample testing only. Packaging in waffle packs with 100% electrical test and visual inspection is available.
Electrical Specifications
Capacitance range: 0.8 to 1000 pF Temperature coefficient: 50 ppm/C typical Capacitance tolerance: 20% Operating temperature: -65 C to +200 C Dielectric withstanding voltage: 100 V Insulation resistance: 105 megohms typical Leakage current: typ. < 1 nA
Absolute Maximum Ratings
Characteristic Operating temperature range (TOP) Storage temperature range (TSTG) Dielectric withstanding voltage Value -65 C to +200 C -65 C to +200 C 100 V
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
NEW
Skyworks Green products are lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant, conform to the EIA/EICTA/JEITA Joint Industry Guide (JIG) Level A guidelines, and are free from antimony trioxide and brominated flame retardants.
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200136 Rev. C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * August 2, 2006
1
DATA SHEET * SC SERIES
Typical SPDT Switch
Bias Output C2 C3 Bias
Electrical Specifications
Part Number SC00080912 SC00120912 SC00180912 SC00260912 SC00380912 SC00560912 SC00680912 SC00820710 SC00821518 SC01000710 Capacitance (20%) pF 0.8 1.2 1.8 2.6 3.8 5.6 6.8 8.2 8.2 10 10 10 15 22 33 47 68 100 333 500 1000 Chip Dimensions (1 mil) 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 9 mil pad/12 mil chip 7 mil pad/10 mil chip 15 mil pad/18 mil chip 7 mil pad/10 mil chip 9 mil pad/12 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 15 mil pad/18 mil chip 24 mil pad/30 mil chip 34 mil pad/40 mil chip 44 mil pad/50 mil chip 60 mil pad/68 mil chip
Input 1 C1 D1 D2 C4
Input 2
C2, C3 -- Chip MIS capacitor C1, C4 -- Chip or beam-lead MIS capacitor D1, D2 DSG9500 beam-lead PIN diode
SC01000912 SC01001518 SC01501518 SC02201518 SC03301518 SC04701518 SC06801518 SC10002430 SC33303440 SC50004450 SC99906068
Example
Part Number Structure -- SCXXXXYYZZ
where:
SC = Silicon Capacitor XXXX = Capacitance (pF) YY = Square Contact Size (mils) ZZ = Square Chip Size (mils)
10.0
1 pF
Insertion Loss (dB)
ZZ 0.001
1.0 8.2 pF 100 pF 47 pF 100 pF 1-47 pF
0.10
YY 0.001 Chip Thickness 0.005 0.001
0.01 2 6 10 14 18
Frequency (GHz)
Performance Data
Tests on typical MIS capacitors at L and S band show insertion loss to be 1/2 to 1/3 that of equivalent ceramic-type capacitors, without any of the associated resonance problems. Power tests indicate that the only limitation is the actual breakdown voltage of the device (see data section). A typical insertion loss versus frequency graph is shown in Figure 1. This data is taken from an actual test circuit with series mounted beam-lead or chip capacitors on a 50 microstrip transmission line. The apparent higher loss at lower frequencies on the lower capacitance units is strictly due to the capacitive reactance of the capacitor.
Figure 1. Typical Insertion Loss vs. Frequency (50 System)
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
August 2, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200136 Rev. C
DATA SHEET * SC SERIES
Copyright (c) 2002, 2003, 2004, 2005, 2006, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200136 Rev. C * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * August 2, 2006
3


▲Up To Search▲   

 
Price & Availability of SC99906068

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X