Part Number Hot Search : 
MIW1033 4LCX1 1205E 150C6315 CM7060 AX661 3904N 3904N
Product Description
Full Text Search
 

To Download PZTA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PZTA92
PNP Silicon High Voltage Transistor High breakdown voltage Low collector-emitter saturation voltage Complementary type: PZTA42 (NPN)
Thermal Resistance Junction - soldering point 1) RthJS

4
3 2 1
VPS05163
Type PZTA92
Maximum Ratings Parameter
Marking PZTA 92 1=B
Pin Configuration 2=C 3=E 4=C
Package SOT223
Symbol VCEO VCBO VEBO IC IB Ptot Tj Tstg
Value 300 300 5 500 100 1.5 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage DC collector current Base current Total power dissipation, TS = 124 C Junction temperature Storage temperature
mA W C
17
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Dec-12-2001
PZTA92
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 Collector-base breakdown voltage IC = 100 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 200 V, IE = 0 Collector cutoff current VCB = 200 V, IE = 0 , TA = 150 C Emitter cutoff current VEB = 3 V, IC = 0 DC current gain 1) IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 30 mA, VCE = 10 V Collector-emitter saturation voltage1) IC = 20 mA, IB = 2 mA Base-emitter saturation voltage 1) IC = 20 mA, IB = 2 mA AC Characteristics VBEsat VCEsat hFE IEBO ICBO ICBO V(BR)EBO V(BR)CBO V(BR)CEO typ. max.
Unit
300 300 5 -
-
250 20 100
V
nA A nA -
25 40 25 -
-
0.5 0.9 V
Transition frequency IC = 20 mA, VCE = 10 V, f = 100 MHz Collector-base capacitance VCB = 20 V, f = 1 MHz
fT Ccb
-
100 -
6
MHz pF
1) Pulse test: t < 300s; D < 2%
2
Dec-12-2001
PZTA92
Total power dissipation Ptot = f(TS) Transition frequency fT = f (IC) VCE = 10V, f = 100MHz
1.8
10 3 MHz fT
PZTA 92/93
EHP00734
mW
1.4 1.2 1
Ptot
10 2
0.8 0.6 0.4 0.2 0 0
5
15
30
45
60
75
90 105 120
C 150 TS
10 1 10 0
5
10 1
5
10 2 mA 5
10 3
C
Permissible pulse load Ptotmax / PtotDC = f (tp )
10 3 Ptot max 5 Ptot DC
PZTA 92/93 EHP00346
DC current gain hFE = f (IC ) VCE = 10V
10 3 5
T
PZTA 92/93 EHP00735
D=
tp T
tp
h FE 10 2 5 2 10 1 5
10 2 5
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 10 -6
10 -5
10 -4
10 -3
10 -2
s tp
10 0
10 0 -1 10
5 10 0
5 10 1
5 10 2 mA 10 3 C
3
Dec-12-2001
PZTA92
Collector cutoff current ICBO = f (TA) VCB = 200V
10 4 nA
PZTA 92/93 EHP00736
Collector current IC = f (VBE) VCE = 10V
10 3 mA
PZTA 92/93 EHP00737
CB0
10 3
max
C
10 2 5
10
2
10 1
10 1 typ 10
0
5
10 0 5
10 -1
0
50
100 TA
C
150
10 -1
0
0.5
1.0 V BE
V
1.5
4
Dec-12-2001


▲Up To Search▲   

 
Price & Availability of PZTA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X