Part Number Hot Search : 
TOP103YA MC14000 BA7725S SC538 ES51971 BZX84C10 R1C102 TSJ100N
Product Description
Full Text Search
 

To Download PS1201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PS1201
AC Power Switch
PS1201 AC Operating Voltage Load Current On-State Voltage Drop
Units VRMS A VRMS
(AT IL = IA)
1 1.2
Description PS1201 is an AC Solid State Switch utilizing dual power SCR outputs. This device also includes zero turn on circuitry and is available with a blocking voltage up to 600V.
Features * Load Current up to 1A (3A with heat sink) * Blocking Voltages up to 600V * 5mA Sensitivity * Zero-Crossing Detection * DC Control, AC Output * Optically Isolated * TTL and CMOS Compatible * Low EMI and RFI Generation * High Noise Immunity * VDE compatible * Machine Insertable, Wave Solderable
Approvals * UL recognized file #: E69938 * CSA certified file #: LR 43639-8
Applications * Programmable Control * Process Control * Power Control Panels * Remote Switching * Gas Pump Electronics * Contractors * Large Relays * Solenoids * Motors * Heaters
Ordering Information Part # PS1201 Description 8 Pin SIP (25/Tube)
Pin Configuration
PS Series Pinout
ZC
1 2 - LED + LED
6 8 AC Load AC Load
DS-PS1201-R9
www.clare.com
1
PS1201
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Package Dissipation PS Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Surface Mount Package (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units 1501 50 1 5 mW mA A V
16002 mW +85 +125 +260 +220 VRMS C C C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mW/C Derate Linearly 16.6 mW/C
Electrical Characteristics
Parameters Output Characteristics @ 25C Peak Blocking Voltage Load Current (Continuous) Off State Leakage Current On-State Voltage Drop Critical Rate of Rise Switching Speeds Turn-on Turn-off Zero-Cross Turn-On Voltage Sub. half cycle Operating Frequency1 Load Power Factor for Guaranteed Turn-On2 Capacitance Input to Output Input Characteristics @ 25C Input Control Current For Normal Environment For High Noise Environment Input Voltage Drop Input Drop-out Voltage Reverse Input Current Common Characteristics @ 25C Input to Output Capacitance Input to Output Isolation
1 2
Conditions VL=120-240VAC VDRM IL=1A IF=5 mA IF=5 mA 1st half cycle
Symbol VDRM IL ILEAK dv/dt TON TOFF -
Min 0.005 1000 20
Typ 1200 2 -
Max 400 1 1 1.2 0.5 0.5 5 1 500 -
Units V A mA VRMS V/S cycles cycles V V Hz pF
PF -
0.25 -
F=5mA
IF IF VF IR CI/O VI/O
5 10 0.9 0.8 3750
1.2 -
50 100 1.4 10 3 -
mA mA V V uA pF VRMS
VR=5V -
Zero Cross 1st half cycle @ <100Hz Snubber circuits may be required at low power factors.
2
www.clare.com
Rev. 9
PS1201
PERFORMANCE DATA*
PS1201 Load Current, Free Air
1.2 1.0 4
PS1201 Load Current, Heat Sink
Peak Surge Current (A) PS with Thermal Clip attached to 3C/W heat sink
PS1201 Max. Surge Current (Non-Repetitive)
# # $ #
Pulse Duration (ms) NOTE: Values apply to TJ = 50C before Surge
Load Current (A)
Load Current (A)
3
0.8
RJA = 60C/W
0.6 0.4 0.2
2
PS with Thermal Clip freestanding
1
-40
0
55
85
-40
0
55
85
Ambient Temperature (C)
Ambient Temperature (C)
PS1201 Typical Forward Voltage vs. Temperature
2.0
PS1201 Typical dv/dt vs. Temperature
Critical Rate of Rise (V/s)
PS1201 dv/dt Method
Forward Voltage (V)
& $ " # # &#
1.5
Vo 63% 10%
Ambient Temperature (C) Vo = 300V dv 0.63 x 300V dt RC 189 RC
1.0
0.5
In accordance with EIA/NARM Standards RS-443 for Solid State Relays
10
25
50
75
100
125
150
Ambient Temperature (C)
RC
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 9
www.clare.com
3
PS1201
Mechanical Dimensions
8 Pin SIP
3.302 .051 (.130 .002)
19.202 .381 (.756 .015) 8.99 (.354) 3.30 (.130) 5.944 TYP. (.234) 10.160 (.400) 5.080 (.200) .508 TYP. (.020)
6.350 TYP. (.250)
Dimensions mm (inches)
4
www.clare.com
Rev. 9
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-PS1201-R9 (c)Copyright 2000, Clare, Inc. All rights reserved. Printed in USA. 2/23/01


▲Up To Search▲   

 
Price & Availability of PS1201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X