Part Number Hot Search : 
SIHLD110 SE555N STUB013 MAX8744E BU806FI CX24130 WNM4006 ED302T
Product Description
Full Text Search
 

To Download PE4242 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
PE4242
SPDT UltraCMOSTM RF Switch
Product Description
The PE4242 UltraCMOSTM RF Switch is designed to cover a broad range of applications from near DC through 3000 MHz. This reflective switch integrates on-board CMOS control logic with a low voltage CMOS-compatible control interface, and can be controlled using either single-pin or complementary control inputs. Using a nominal +3-volt power supply voltage, a typical input 1 dB compression point of +27 dBm can be achieved. The PE4242 UltraCMOSTM RF Switch is manufactured in Peregrine's patented Ultra Thin Silicon (UTSi(R)) CMOS process, offering the performance of GaAs with the economy and integration of conventional CMOS. Figure 1. Functional Diagram
RFC
Features * Single-pin or complementary CMOS logic control inputs
* +3.0-volt power supply needed for
single-pin control mode
* Low insertion loss: 0.7 dB at 1000 MHz,
0.9 dB at 2000 MHz
* Isolation of 32 dB at 1000 MHz, 23 dB at
2000 MHz
* Typical input 1 dB compression point of
+27 dBm
* Ultra-small SC-70 package
Figure 2. Package Type
6-lead SC-70
RF1
RF2
CMOS Control Driver
CTRL CTRL or VDD
Table 1. Electrical Specifications @ +25 C, VDD = 3 V (ZS = ZL = 50 )
Parameter
Operation Frequency Insertion Loss Isolation Return Loss `ON' Switching Time `OFF' Switching Time Video Feedthrough2 Input 1 dB Compression Input IP3 2000 MHz 2000 MHz, 14 dBm input power 26 43
1
Conditions
1000 MHz 2000 MHz 1000 MHz 2000 MHz 1000 MHz 2000 MHz 50% CTRL to 0.1 dB of final value, 1 GHz 50% CTRL to 25 dB isolation, 1 GHz
Minimum
DC
Typical
0.7
Maximum
3000 0.85 1.05
Units
MHz dB dB dB dB dB dB ns ns mVpp dBm dBm
30 21 18 16
0.9 32 23 22 18 300 200 15 27 45
Notes: 1. Device linearity will begin to degrade below 10 MHz. 2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low in a 50 test set-up, measured with 1ns risetime pulses and 500 MHz bandwidth. Document No. 70-0095-02 www.psemi.com (c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 1 of 8
PE4242
Product Specification
Figure 3. Pin Configuration (Top View)
pin 1
Table 3. Absolute Maximum Ratings
Symbol Parameter/Conditions
Power supply voltage Voltage on any input Storage temperature range Operating temperature range Input power (50) ESD voltage (Human Body Model)
Min
-0.3 -0.3 -65 -40
Max
4.0 VDD+ 0.3 150 85 30 1500
Units
V V C C dBm V
RF1 GND RF2
1
6
CTRL or VDD RFC CTRL
VDD VI TST TOP PIN
.
242
Pin Name
RF1 GND RF2 CTRL RFC CTRL or VDD
2
5
3
4
Table 2. Pin Descriptions
Pin No.
1 2
VESD
Description
RF1 port (Note 1) Ground connection. Traces should be physically short and connected to ground plane for best performance. RF2 port (Note 1) Switch control input, CMOS logic level. Common RF port for switch (Note 1) This pin supports two interface options: Single-pin control mode. A nominal 3-volt supply connection is required. Complementary-pin control mode. A complementary CMOS control signal to CTRL is supplied to this pin. Bypassing on this pin is not required in this mode.
Table 4. DC Electrical Specifications
Parameter
VDD Power Supply Voltage IDD Power Supply Current (VDD = 3V, VCTRL = 3V) Control Voltage High 0.7x VDD 0.3x VDD
Min
2.7
Typ
3.0 250
Max
3.3 500
Units
V nA V V
3 4 5 6
Control Voltage Low
Electrostatic Discharge (ESD) Precautions When handling this UltraCMOSTM device, observe the same precautions that you would use with other ESD-sensitive devices. Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to avoid exceeding the specified rating. Latch-Up Avoidance Unlike conventional CMOS devices, UltraCMOSTM devices are immune to latch-up.
Note 1:
All RF pins must be DC blocked with an external series capacitor or held at 0 VDC.
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 2 of 8
Document No. 70-0095-02 UltraCMOSTM RFIC Solutions
PE4242
Product Specification
Table 5. Single-pin Control Logic Truth Table
Control Voltages
Pin 6 (VDD) = VDD Pin 4 (CTRL) = Low Pin 6 (VDD) = VDD Pin 4 (CTRL) = High
Signal Path
RFC to RF1
Control Logic Input The PE4242 is a versatile RF CMOS switch that supports two operating control modes; single-pin control mode and complementary-pin control mode. Single-pin control mode enables the switch to operate with a single control pin (pin 4) supporting a +3-volt CMOS logic input, and requires a dedicated +3-volt power supply connection on pin 6 (VDD). This mode of operation reduces the number of control lines required and simplifies the switch control interface typically derived from a CMOS Processor I/O port. Complementary-pin control mode allows the switch to operate using complementary control pins CTRL and CTRL (pins 4 & 6), that can be directly driven by +3-volt CMOS logic or a suitable Processor I/O port. This enables the PE4242 to be used as a potential alternate source for SPDT RF switch products used in positive control voltage mode and operating within the PE4242 operating limits.
RFC to RF2
Table 6. Complementary-pin Control Logic Truth Table
Control Voltages
Pin 6 (CTRL or VDD) = High Pin 4 (CTRL) = Low Pin 6 (CTRL or VDD) = Low Pin 4 (CTRL) = High
Signal Path
RFC to RF1
RFC to RF2
Document No. 70-0095-02 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 3 of 8
PE4242
Product Specification
Evaluation Kit
The SPDT Switch Evaluation Kit board was designed to ease customer evaluation of the PE4242 SPDT switch. The RF common port is connected through a 50 transmission line to the top left SMA connector, J1. Port 1 and Port 2 are connected through 50 transmission lines to the top two SMA connectors on the right side of the board, J3 and J2, respectively. A through transmission line connects SMA connectors J4 and J5. This transmission line can be used to estimate the loss of the PCB over the environmental conditions being evaluated. The board is constructed of a two metal layer FR4 material with a total thickness of 0.031". The bottom layer provides ground for the RF transmission lines. The transmission lines were designed using a coplanar waveguide with ground plane model using a trace width of 0.0476", trace gaps of 0.030", dielectric thickness of 0.028", metal thickness of 0.0021" and r of 4.4. J6 provides a means for controlling DC and digital inputs to the device. Starting from the lower left pin, the second pin to the right (J6-3) is connected to the device V1 or CTRL input. The fourth pin to the right (J6-7) is connected to the device V2 or CTRL/VDD input.
Figure 4. Evaluation Board Layout
Peregrine Specification 101/0083
Figure 5. Evaluation Board Schematic
Peregrine Specification 102/0145
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 4 of 8
Document No. 70-0095-02 UltraCMOSTM RFIC Solutions
PE4242
Product Specification
Typical Performance Data @ -40 C to 85 C (Unless otherwise noted)
Figure 6. Insertion Loss - RFC to RF1
Figure 7. Input 1 dB Compression Point & IIP3 (Typical performance @ 25 C)
0
60
60
-0.3 -40C Insertion Loss (dB)
50
50
1dB Compression Point (dBm)
IIP3 (dBm)
-0.6
40
40
-0.9
85C
25C
30
-1.2
30
-1.5 0 500 1000 1500 2000 2500 3000
20 0 500 1000 1500 2000 2500
20 3000
Frequency (MHz)
Frequency (MHz)
Figure 8. Insertion Loss - RFC to RF2
Figure 9. Isolation - RFC to RF1 (Typical performance @ 25 C)
0
0
-0.3 -40C Insertion Loss (dB)
-20
-0.9
85C
25C
Isolation (dB)
-0.6
-40
-60
-1.2
-80
-1.5 0 500 1000 1500 2000 2500 3000
-100 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
Document No. 70-0095-02 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 5 of 8
PE4242
Product Specification
Typical Performance Data @ 25C
Figure 10. Isolation - RFC to RF2
Figure 11. Isolation - RF1 to RF2, RF2 to RF1
0
0
-20
-20
Isolation (dB)
-60
Isolation (dB)
0 500 1000 1500 2000 2500 3000
-40
-40
-60
-80
-80
-100
-100 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
Figure 12. Return Loss - RFC to RF1, RF2
0
Figure 13. Return Loss - RF1, RF2
0
-10 Return Loss (dB)
-10 RF1 Return Loss (dB)
-20
RF1
-20 RF2 -30
-30 RF2
-40 0 500 1000 1500 2000 2500 3000
-40 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 6 of 8
Document No. 70-0095-02 UltraCMOSTM RFIC Solutions
PE4242
Product Specification
Figure 14. Package Drawing
6-lead SC-70
1.80 2.20 0.65 BSC
0.10 0.30 1.80 2.40 1.15 1.35
0.15 0.30
0.10 0.40
0.10 0.18
0.80 1.00
0.80 1.10
0.00 0.10
Table 7. Ordering Information
Order Code
4242-01 4242-02 4242-00 4242-51 4242-52
Part Marking
242 242 PE4242-EK 242 242
Description
PE4242-06SC70-7680F PE4242-06SC70-3000C PE4242-06SC70-EK PE4242G-06SC70-7680A PE4242G-06SC70-3000C
Package
6-lead SC-70 6-lead SC-70 Evaluation Kit Green 6-lead SC-70 Green 6-lead SC-70
Shipping Method
7680 units / Canister 3000 units / T&R 1 / Box 7680 units / Canister 3000 units / T&R
Document No. 70-0095-02 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 7 of 8
PE4242
Product Specification
Sales Offices
The Americas Peregrine Semiconductor Corp.
9450 Carroll Park Drive San Diego, CA 92121 Tel 858-731-9400 Fax 858-731-9499
North Asia Pacific Peregrine Semiconductor K.K.
5A-5, 5F Imperial Tower 1-1-1 Uchisaiwaicho, Chiyoda-ku Tokyo 100-0011 Japan Tel: +81-3-3502-5211 Fax: +81-3-3502-5213
Europe Peregrine Semiconductor Europe
Commercial Products: Batiment Maine 13-15 rue des Quatre Vents F- 92380 Garches, France Tel: +33-1-47-41-91-73 Fax : +33-1-47-41-91-73 Space and Defense Products: 180 Rue Jean de Guiramand 13852 Aix-En-Provence cedex 3, France Tel: +33(0) 4 4239 3361 Fax: +33(0) 4 4239 7227
South Asia Pacific Peregrine Semiconductor
28G, Times Square, No. 500 Zhangyang Road, Shanghai, 200122, P.R. China Tel: +86-21-5836-8276 Fax: +86-21-5836-7652
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data sheet contains design target specifications for product development. Specifications and features may change in any manner without notice. The information in this data sheet is believed to be reliable. However, Peregrine assumes no liability for the use of this information. Use shall be entirely at the user's own risk. No patent rights or licenses to any circuits described in this data sheet are implied or granted to any third party. Peregrine's products are not designed or intended for use in devices or systems intended for surgical implant, or in other applications intended to support or sustain life, or in any application in which the failure of the Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no liability for damages, including consequential or incidental damages, arising out of the use of its products in such applications. The Peregrine name, logo, and UTSi are registered trademarks and UltraCMOS is a trademark of Peregrine Semiconductor Corp.
Preliminary Specification
The data sheet contains preliminary data. Additional data may be added at a later date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine decides to change the specifications, Peregrine will notify customers of the intended changes by issuing a DCN (Document Change Notice).
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 8 of 8
Document No. 70-0095-02 UltraCMOSTM RFIC Solutions


▲Up To Search▲   

 
Price & Availability of PE4242

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X