Part Number Hot Search : 
4FC32AL DS513 TDA73 MAC4DHM AT90SC TLG346T S30D4 333ML
Product Description
Full Text Search
 

To Download NUD3160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NUD3160 Industrial Inductive Load Driver
This MicroIntegrationt part provides a single component solution to switch inductive loads such as relays, solenoids, and small DC motors without the need of a free-wheeling diode. It accepts logic level inputs, thus allowing it to be driven by a large variety of devices including logic gates, inverters, and microcontrollers.
Features http://onsemi.com MARKING DIAGRAMS
3 1 2 SOT-23 CASE 318 STYLE 21 JW8 MG G
* Provides Robust Interface between D.C. Relay Coils and Sensitive
Logic
* Capable of Driving Relay Coils Rated up to 150 mA at 12 V, 24 V * * * *
or 48 V Replaces 3 or 4 Discrete Components for Lower Cost Internal Zener Eliminates Need for Free-Wheeling Diode Meets Load Dump and other Automotive Specs Pb-Free Packages are Available
6
JW8 = Specific Device Code M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
Typical Applications
* Automotive and Industrial Environment * Drives Window, Latch, Door, and Antenna Relays
Benefits
1
SC-74 CASE 318F STYLE 7
JW8 MG G
* * * *
JW8 = Specific Device Code M = Date Code G = Pb-Free Package (Note: Microdot may be in either location) ORDERING INFORMATION Device NUD3160LT1 NUD3160LT1G NUD3160DMT1 Package SOT-23 SOT-23 (Pb-Free) SC-74 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
Reduced PCB Space Standardized Driver for Wide Range of Relays Simplifies Circuit Design and PCB Layout Compliance with Automotive Specifications
SC-74 NUD3160DMT1G (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
Drain (3)
Drain (6)
Drain (3)
Gate (1)
10 k 100 k
Gate (2)
10 k 100 k
10 k 100 k
Gate (5)
Source (2) CASE 318
Source (1)
Source (4) CASE 318F
Figure 1. Internal Circuit Diagrams
(c) Semiconductor Components Industries, LLC, 2005
1
November, 2005 - Rev. 2
Publication Order Number: NUD3160/D
NUD3160
MAXIMUM RATINGS (TJ = 25C unless otherwise specified)
Symbol VDSS VGSS ID EZ Drain-to-Source Voltage - Continuous (TJ = 125C) Gate-to-Source Voltage - Continuous (TJ = 125C) Drain Current - Continuous (TJ = 125C) Single Pulse Drain-to-Source Avalanche Energy (For Relay's Coils/Inductive Loads of 80 W or Higher) (TJ Initial = 85C) Peak Power Dissipation, Drain-to-Source (Notes 1 and 2) (TJ Initial = 85C) Load Dump Pulse, Drain-to-Source (Note 3) RSOURCE = 0.5 W, T = 300 ms) (For Relay's Coils/Inductive Loads of 80 W or Higher) (TJ Initial = 85C) Inductive Switching Transient 1, Drain-to-Source (Waveform: RSOURCE = 10 W, T = 2.0 ms) (For Relay's Coils/Inductive Loads of 80 W or Higher) (TJ Initial = 85C) Inductive Switching Transient 2, Drain-to-Source (Waveform: RSOURCE = 4.0 W, T = 50 ms) (For Relay's Coils/Inductive Loads of 80 W or Higher) (TJ Initial = 85C) Reverse Battery, 10 Minutes (Drain-to-Source) (For Relay's Coils/Inductive Loads of 80 W or more) Dual Voltage Jump Start, 10 Minutes (Drain-to-Source) Human Body Model (HBM) According to EIA/JESD22/A114 Specification Rating Value 60 12 150 200 Unit V V mA mJ
PPK ELD1
20 60
W V
ELD2
100
V
ELD3
300
V
Rev-Bat Dual-Volt ESD
-14 28 2000
V V V
THERMAL CHARACTERISTICS
Symbol TA TJ TSTG PD PD RqJA 1. 2. 3. 4. Operating Ambient Temperature Maximum Junction Temperature Storage Temperature Range Total Power Dissipation (Note 4) Derating above 25C Total Power Dissipation (Note 4) Derating above 25C Thermal Resistance Junction-to-Ambient (Note 4) SOT-23 SC-74 SOT-23 SC-74 Rating Value -40 to 125 150 -65 to 150 225 1.8 380 3.0 556 329 Unit C C C mW mW/C mW mW/C C/W
Nonrepetitive current square pulse 1.0 ms duration. For different square pulse durations, see Figure 12. Nonrepetitive load dump pulse per Figure 3. Mounted onto minimum pad board.
http://onsemi.com
2
NUD3160
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise specified)
Characteristic OFF CHARACTERISTICS Drain to Source Sustaining Voltage (ID = 10 mA) Drain to Source Leakage Current (VDS = 12 V, VGS = 0 V) (VDS = 12 V, VGS = 0 V, TJ = 125C) (VDS = 60 V, VGS = 0 V) (VDS = 60 V, VGS = 0 V, TJ = 125C) Gate Body Leakage Current (VGS = 3.0 V, VDS = 0 V) (VGS = 3.0 V, VDS = 0 V, TJ = 125C) (VGS = 5.0 V, VDS = 0 V) (VGS = 5.0 V, VDS = 0 V, TJ = 125C) ON CHARACTERISTICS Gate Threshold Voltage (VGS = VDS, ID = 1.0 mA) (VGS = VDS, ID = 1.0 mA, TJ = 125C) Drain to Source On-Resistance (ID = 150 mA, VGS = 3.0 V) (ID = 150 mA, VGS = 3.0 V, TJ = 125C) (ID = 150 mA, VGS = 5.0 V) (ID = 150 mA, VGS = 5.0 V, TJ = 125C) Output Continuous Current (VDS = 0.3 V, VGS = 5.0 V) (VDS = 0.3 V, VGS = 5.0 V, TJ = 125C) Forward Transconductance (VDS = 12 V, ID = 150 mA) DYNAMIC CHARACTERISTICS Input Capacitance (VDS = 12 V, VGS = 0 V, f = 10 kHz) Output Capacitance (VDS = 12 V, VGS = 0 V, f = 10 kHz) Transfer Capacitance (VDS = 12 V, VGS = 0 V, f = 10 kHz) SWITCHING CHARACTERISTICS Propagation Delay Times: High to Low Propagation Delay; Figure 2, (VDS = 12 V, VGS = 3.0 V) Low to High Propagation Delay; Figure 2, (VDS = 12 V, VGS = 3.0 V) High to Low Propagation Delay; Figure 2, (VDS = 12 V, VGS = 5.0 V) Low to High Propagation Delay; Figure 2, (VDS = 12 V, VGS = 5.0 V) Transition Times: Fall Time; Figure 2, (VDS = 12 V, VGS = 3.0 V) Rise Time; Figure 2, (VDS = 12 V, VGS = 3.0 V) Fall Time; Figure 2, (VDS = 12 V, VGS = 5.0 V) Rise Time; Figure 2, (VDS = 12 V, VGS = 5.0 V) ns tPHL tPLH tPHL tPLH - - - - 918 798 331 1160 - - - - ns tf tr tf tr - - - - 2290 618 622 600 - - - - Ciss Coss Crss - - - 30 14 6.0 - - - pf pf pf VGS(th) 1.3 1.3 RDS(on) - - - - IDS(on) 150 100 gFS - 200 - 400 - - - mmho - - - - 2.4 3.7 1.8 2.9 mA 1.8 - 2.0 2.0 W V VBRDSS IDSS - - - - IGSS - - - - - - - - 60 80 90 110 - - - - 0.5 1.0 50 80 mA 61 66 70 V mA Symbol Min Typ Max Unit
http://onsemi.com
3
NUD3160
TYPICAL WAVEFORMS
(TJ = 25C unless otherwise specified)
VIH Vin 50% 0V tPHL 90% Vout 50% 10% VOL tr tPLH VOH
tf
Figure 2. Switching Waveforms
tr Load Dump Pulse Not Suppressed: Vr = 13.5 V Nominal 10% VS = 60 V Nominal 10% T = 300 ms Nominal 10% tr = 1 - 10 ms 10% 90% 10% of Peak; Reference = Vr, Ir 10% Vr, Ir
VS
T
Figure 3. Load Dump Waveform Definition
http://onsemi.com
4
NUD3160
TYPICAL PERFORMANCE CURVES
(TJ = 25C unless otherwise specified) 80 IDSS, DRAIN LEAKAGE (mA) 70 60 50 40 30 20 10 0 -50 -25 0 25 50 75 100 125 VDS = 60 V IGSS GATE LEAKAGE (mA) 70 60 VGS = 5 V 50 40 VGS = 3 V 30 20 -50 80
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 4. Drain-to-Source Leakage vs. Junction Temperature
66.4 BVDSS BREAKDOWN VOLTAGE (V) ID DRAIN CURRENT (mA) 66.2 66.0 65.8 65.6 65.4 65.2 65.0 64.8 -50 -25 0 25 50 75 100 125 ID = 10 mA 1E+03
Figure 5. Gate-to-Source Leakage vs. Junction Temperature
VGS = 5 V 1E+02 1E+01 1E+00 1E-01 1E-02 1E-03 0.0 VGS = 1.5 V VGS = 3 V VGS = 2.5 V VGS = 2 V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
RDS(ON), DRAIN-TO-SOURCE RESISTANCE (mW)
Figure 6. Breakdown Voltage vs. Junction Temperature
1 VDS = 0.8 V ID DRAIN CURRENT (mA) 0.1 0.01 0.001 125 C
Figure 7. Output Characteristics
3200 ID = 0.15 A 2800 2400 2000 1600 1200 800 -50 VGS = 3.0 V
1E-04 1E-05 1E-06 1E-07 1.0 85 C 25 C -40 C
VGS = 5.0 V
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-25
0
25
50
75
100
125
VGS, GATE-TO-SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (C)
Figure 8. Transfer Function
Figure 9. On Resistance Variation vs Junction Temperature
http://onsemi.com
5
NUD3160
TYPICAL PERFORMANCE CURVES
(TJ = 25C unless otherwise specified) RDS(ON), DRAIN-TO-SOURCE RESISTANCE (mW)
100 90 80 70 60 50 40 30 20 10 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 -40 C 85 C 25 C 125 C
VZ ZENER CLAMP VOLTAGE (V)
ID = 250 mA
68.0 67.5 67.0 66.5 66.0 65.5 65.0 64.5 64.0 63.5 63.0 62.5 62.0 0.1 -40 C 25 C 85 C 125 C
2.6
2.8
3.0
1.0
10
100
1000
VGS, GATE-TO-SOURCE VOLTAGE (V)
IZ, ZENER CURRENT (mA)
Figure 10. On Resistance Variation vs. Gate-to-Source Voltage
100
Figure 11. Zener Clamp Voltage vs. Zener Current
POWER (WATTS)
10
1 0.1
1.0
10
100
PW, PULSE WIDTH (ms)
Figure 12. Maximum Non-repetitive Surge Power vs. Pulse Width
http://onsemi.com
6
NUD3160
APPLICATIONS INFORMATION
12 V Battery - +
Relay, Vibrator, or Inductive Load Drain (3)
NO
NC
Gate (1) Micro Processor Signal for Relay
10 k
100 K
NUD3160
Source (2)
Figure 13. Applications Diagram
http://onsemi.com
7
NUD3160
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AN
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
D
3 SEE VIEW C
E
1 2
HE c b e q 0.25
A L A1 L1 VIEW C
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 21: PIN 1. GATE 2. SOURCE 3. DRAIN
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
8
NUD3160
PACKAGE DIMENSIONS
SC-74 CASE 318F-05 ISSUE L
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318F-01, -02, -03 OBSOLETE. NEW STANDARD 318F-04. DIM A A1 b c D E e L HE q MIN 0.90 0.01 0.25 0.10 2.90 1.30 0.85 0.20 2.50 0 MILLIMETERS NOM MAX 1.00 1.10 0.06 0.10 0.37 0.50 0.18 0.26 3.00 3.10 1.50 1.70 0.95 1.05 0.40 0.60 2.75 3.00 10 - MIN 0.035 0.001 0.010 0.004 0.114 0.051 0.034 0.008 0.099 0 INCHES NOM 0.039 0.002 0.015 0.007 0.118 0.059 0.037 0.016 0.108 - MAX 0.043 0.004 0.020 0.010 0.122 0.067 0.041 0.024 0.118 10
6
5 1 2
4
HE
E
3
b e q
0.05 (0.002) A1
A L
C
STYLE 7: PIN 1. SOURCE 1 2. GATE 1 3. DRAIN 2 4. SOURCE 2 5. GATE 2 6. DRAIN 1
SOLDERING FOOTPRINT*
2.4 0.094
1.9 0.074 0.7 0.028
0.95 0.037 0.95 0.037
1.0 0.039
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
MicroIntegration is a trademark of Semiconductor Components Industries, LLC (SCILLC)
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
9
NUD3160/D


▲Up To Search▲   

 
Price & Availability of NUD3160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X