Part Number Hot Search : 
MC1489 GC14035R SP507CF 16100 10120 1N4742 TMA256BI S3414
Product Description
Full Text Search
 

To Download NTE2592 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2592 Silicon NPN Transistor Horizontal Output for HDTV
Features: D High Breakdown Voltage: V(BR)CBO = 2000V Min D Isolated TO220 Type Package Absolute Maximum Ratings: (TC = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1800V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Collector Power Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.3C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Output Capacitance Symbol ICBO IEBO hFE fT VCE(sat) VBE(sat) Test Conditions VCB = 1800V, IE = 0 VEB = 4V, IC = 0 VCE = 5V, IC = 300A VCE = 10V, IC = 300A IC = 600A, IB = 120A IC = 600A, IB = 120A Min - - 10 - - - 2000 1800 5 - - 6 - - - - - 1.8 Typ - Max 1 1 60 - 5 2 - - - - MHz V V V V V pF Unit A A
V(BR)CBO IC = 100A, IE = 0 V(BR)EBO IE = 10A, IC = 0 Cob VCB = 100V, f = 1MHz
Collector-Emitter Breakdown Voltage V(BR)CEO IC = 100A, RBE =
.402 (10.2) Max .224 (5.7) Max .122 (3.1) Dia .295 (7.5) .669 (17.0) Max .165 (4.2)
.173 (4.4) Max .114 (2.9) Max
B
C
E
.531 (13.5) Min
.100 (2.54)
.059 (1.5) Max
NOTE: Tab is isolated


▲Up To Search▲   

 
Price & Availability of NTE2592

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X